|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SP9602 SIGNAL PROCESSING EXCELLENCE Dual, 12-Bit, Low Power Voltage Output D/A Converter s s s s s s s s s s s s Low Cost Two 12-Bit DAC's on a Single Chip Very Low Power -- 16 mW (8mW/DAC) Double-Buffered Inputs 5V Supply Operation Voltage Outputs, 4.5V Range Midscale Preset, Zero Volts Out Guaranteed +0.5 LSB Max INL Guaranteed +0.75 LSB Max DNL 250kHz 4-Quadrant Multiplying Bandwidth Separate Reference Inputs 28-pin SOIC and Plastic DIP Packages s Either 12 or 8 bit p bus DESCRIPTION The SP9602 is a low power, dual 12-Bit Digital-to-Analog Converter. It features +4.5V output swings when using +5 volt supplies. The converter is double-buffered for easy microprocessor interface. Each 12-Bit DAC is independently addressable and both DACS may be simultaneously updated using a single transfer command. The output settling-time is specified at 30s. The SP9602 is available in 28-pin SOIC and plastic DIP packages, specified over commercial temperature range. Ref In 1 INPUT REGISTERS DATA INPUTS 8 MSB's 4 LSB's LATCH LATCH DAC LATCH DAC REGISTERS - LATCH DAC + VOUT1 Ref In 2 - + VOUT2 CONTROL LOGIC A CS WR1 B1/B2 WR2 XFER CLR SP9602DS/02 SP9602 Dual, 12-Bit, Low Power Voltage Output D/A Converter (c) Copyright 1999 Sipex Corporation 1 ABSOLUTE MAXIMUM RATINGS These are stress ratings only and functional operation of the device at these or any other above those indicated in the operation sections of the specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability. VDD - GND ..................................................................... -0.3V,+6.0V VSS - GND .................................................................... +0.3V, -6.0V VDD - VSS ...................................................................................................................... -0.3V, +12.0V VREF ..................................................................................... VSS, VDD DIN ....................................................................................... VSS, VDD Power Dissipation Plastic DIP .......................................................................... 375mW (derate 7mW/C above +70C) Small Outline ...................................................................... 375mW (derate 7mW/C above +70C) SP9602DS/02 SP9602 Dual, 12-Bit, Low Power Voltage Output D/A Converter (c) Copyright 1999 Sipex Corporation 2 SPECIFICATIONS (continued) (Typical at 25C, TMIN TATMAX; VDD = +5V, VSS = -5V, VREF = +3V; CMOS logic level digital inputs; specifications apply to all grades unless otherwise noted.) PARAMETER MIN. STABILITY Gain Bipolar Zero SWITCHING CHARACTERISTICS tDS Data Set Up Time 140 tDN Data Hold Time 0 tWR Write Pulse Width 140 tXFER Transfer Pulse Width 140 TYP. 15 15 100 100 MAX. UNITS ppm/C ppm/C ns ns ns ns ns MIN CONDITIONS t to t t to t MIN MAX MAX to rising edge of WR1 Figure 4 tWC Total Write Command 280 200 POWER REQUIREMENTS VDD -J, -K 1.6 2.5 VSS -J, -K 1.6 2.5 Power Dissipation 16 ENVIRONMENTAL AND MECHANICAL Operating Temperature -J, -K 0 +70 Storage -60 +150 Packages -_N 28-pin Plastic DIP -_S 28-pin SOIC Notes: 1. 2. 3. 4. 5. Note 5 +5V, +3%; Note 4, 5 mA -5V, +3%; Note 4, 5 mA mW C C Integral Linearity, for the SP9602, is measured as the arithmetic mean value of the magnitudes of the greatest positive deviation and the greatest negative deviation from the theoretical value for any given input condition. Differential Linearity is the deviation of an output step from the theoretical value of 1 LSB for any two adjacent digital input codes. 1 LSB = 2*VREF/4,096. VREF = 0V. The following power up sequence is recommended to avoid latch up: VSS (-5V), VDD (+5V), REFIN. +0.25 lsb DNLE -0.25 lsb +0.25 lsb INLE -0.25 lsb 0 INLE, DNLE Plots CODE 4095 SP9602DS/02 SP9602 Dual, 12-Bit, Low Power Voltage Output D/A Converter (c) Copyright 1999 Sipex Corporation 3 PIN ASSIGNMENTS Pin 1 -- N.C. -- No Connection. Pin 2 -- VOUT 2 -- Voltage Output from DAC2. Pin 3 -- VSS -- -5V Power Supply Input. Pin 4 -- VDD -- +5V Power Supply Input. Pin 5 -- CLR -- Clear. Gated with WR2 (pin 12). Active low. Clears both DAC outputs to 0V. Pin 6 -- REF IN2 -- Reference Input for DAC2. Pin 7 -- GND -- Ground. Pin 8 -- B1/B2 -- Byte 1/Byte 2 -- Selects Data Input Format. A logic "1" on pin 8 selects the 12- bit mode, and all 12 data bits are presented to the DAC(s) unchanged; a logic "0" selects the 8-bit mode, and the four LSBs are connected to the four MSBs, allowing an 8-bit MSB-justified interface. Pin 9 -- A -- Address for DAC Selection -- A logic "0" selects DAC 1; a logic "1" selects DAC 2. Pin 10 -- REF IN1 -- Reference Input for DAC1. Pin 11 -- XFER -- Transfer. Gated with WR2 (pin 12); loads all DAC registers simultaneously. Active low. Pin 12 -- WR2 -- Write Input 2 -- In conjunction with XFER (pin 11), controls the transfer of data from the input registers to the DAC registers. In conjunction with CLR (pin 5), the DAC registers are forced to 1000 0000 0000 and the DAC outputs will settle to OV. Active low. PINOUT -- 28-PIN SOIC & DIP N.C. VOUT2 VSS VDD CLR Ref In 2 GND B1/B2 A Ref In 1 XFER WR2 WR1 CS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 SP9602 28 27 26 25 24 23 22 21 20 19 18 17 16 15 N.C. DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 DB8 DB9 DB10 DB11 VOUT1 Pin 13 -- WR1 -- Write Input1 -- In conjunction with CS (pin 14), enables input register selection, and controls the transfer of data from the input bus to the input registers. Active low. Pin 14 -- CS -- Chip Select -- Enables writing data to input registers and/or transferring data from input bus to DAC registers. Pin 15 -- VOUT1 -- Voltage Output from DAC1. Pin 16 -- DB11 -- Data Bit 11; most significant bit. Pin 17 -- DB10 -- Data Bit 10. Pin 18 -- DB9 -- Data Bit 9. Pin 19 -- DB8 -- Data Bit 8. Pin 20 -- DB7 -- Data Bit 7. Pin 21 -- DB6 -- Data Bit 6. Pin 22 -- DB5 -- Data Bit 5. Pin 23 -- DB4 -- Data Bit 4. Pin 24 -- DB3 -- Data Bit 3. Pin 25 -- DB2 -- Data Bit 2. Pin 26 -- DB1 -- Data Bit 1. Pin 27 -- DB0 -- Data Bit 0; LSB Pin 28 -- N.C. -- No Connection. SP9602DS/02 SP9602 Dual, 12-Bit, Low Power Voltage Output D/A Converter (c) Copyright 1999 Sipex Corporation 4 FEATURES The SP9602 is a very low power, dual version of the popular SP9345, Quad 12-Bit Digital-to-Analog Converter. This Dual, Voltage Output, 12-Bit Digital-to-Analog Converter features 4.5V output swings when using 5 volt supplies. The input coding format used is standard offset binary. (Please refer to Table 1 below.) The converter utilizes double-buffering on each of the 12 parallel digital inputs, for easy microprocessor interface. Each 12-bit DAC is independently addressable and both DACS may be simultaneously updated using a single XFER command. The output settling-time is specified at 30s to full 12-bit accuracy when driving a 5Kohm, 50pF load combination. The SP9602, Dual 12-Bit Digital-toAnalog Converter is ideally suited for applications such as ATE, process controllers, robotics, and instrumentation. The SP9602 is available in 28-pin plastic SOIC and plastic DIP packages, specified over the commercial (0C to +70C) temperature range. bit mode, the four least significant bits (LSBs) are connected to the four most significant bits (MSBs), allowing an 8-bit MSB-justified interface. All data inputs are enabled using the CS signal in both modes. The digital inputs are designed to be both TTL and 5V CMOS compatible. In order to reduce the DAC full scale output sensitivity to the large weighting of the MSB's found in conventional R-2R resistor ladders, the 3 MSB's are decoded into 8 equally weighted levels. This reduces the contribution of each bit by a factor of 4, thus, reducing the output sensitivity to mismatches in resistors and switches by the same amount. Linearity errors and stability are both improved for the same reasons. Each D/A converter is separated from the data bus by two registers,eachconsistingoflevel-triggeredlatches, Figure 1. The first register (input register) is 12-bits wide. The input register is selected by the address input A0 and A1 and is enabled by the CS and WR1 signals. In the 8-bit mode, the enable signal to the 8 MSB's is disabled by a logic low on B1/B2 to allow the 4 LSB's to be updated. The second register (DAC register), accepts the decoded 3 MSB's plus the 9 LSB's. The two DAC registers are updated simultaneously for both DAC's using the XFER and WR2 signals. Using the CLR and WR2 signals or the power-on-reset, (enabled when the power is switched on) the DAC registers are set to 1000 0000 0000 and the DAC outputs will settle to 0V. Using the control logic inputs, the user has full control of address decoding, chip enable, data transfer and clearing of the DAC's. The control logic inputs are level triggered, and like the data inputs, are TTL and CMOS compatible. The truth table (Table 2) shows the appropriate functions associated with the states of the control logic inputs. The DACs themselves are implemented with a precision thin-film resistor network and CMOS transmission gate switches. Each D/A converter is used to convert the 12-bit input from its DAC register to a precision voltage. The bipolar voltage output of the SP9602 is created on-chip from the DAC Voltage Output (VDAC) by using an operational amplifier and two feedback resistors connected as shown in Figure 2. This configuration produces a +4.5V bipolar output range with standard offset binary coding (See Table 1.). THEORY OF OPERATION The SP9602 consists of five main functional blocks -- the input data multiplexer, the data registers, control logic, two 12-bit D/A converters, and two bipolar output voltage amplifiers. The input data multiplexer is designed to interface to either 12- or 8bit microprocessor data busses. The input data format is controlled by the B1/B2 signal -- a logic "1" selects the 12-bit mode, while a logic "0" selects the 8-bit mode. In the 12-bit mode the data is transferred to the input registers without changes in its format. In the 8INPUT MSB 1111 1111 1000 1000 0000 0000 1111 1111 0000 0000 0000 0000 LSB 1111 1110 0001 0000 0001 0000 VREF - 1 LSB VREF - 2 LSB 0 + 1 LSB 0 -VREF + 1 LSB OUTPUT -VREF 2VREF 1 LSB = 212 Table 1. Offset Binary Coding SP9602DS/02 SP9602 Dual, 12-Bit, Low Power Voltage Output D/A Converter (c) Copyright 1999 Sipex Corporation 5 INPUT REGISTER DB11-DB8 4 DB7-DB4 4 4 4 8-BIT LATCH DAC REGISTER Ref In 40K 40K 8 3 TO 7 DECODE & 5 BITS 4 LATCH - 12 DAC + VOUT 4 DB3-DB0 4 MUX 4 4-BIT LATCH Figure 1. Detailed Block Diagram (only one DAC shown). USING THE SP9602 WITH DOUBLE-BUFFERED INPUTS Loading Data To load a 12-bit word to the input register of each DAC, using a 12-bit data bus, the sequence is as follows: 1) Set XFER=1, B1/B2=1, CLR=1, WR1=1, WR2=1, CS=1. 2) Set A (the DAC address) to the desired DAC -- 0 = DAC1; 1 = DAC2 3) Set D11 (MSB) through D0 (LSB) to the desired digital input code. 4) Load the word to the selected DAC by cycling WR1 and CS through the following sequence: "1" -- "0" -- "1" 5) Repeat sequence for each input register. To load a 12-bit word to the input register of each DAC, using an 8-bit data bus, the sequence is as follows: 1) Set XFER=1, B1/B2=1, CLR=1, WR1=1, WR2=1, CS=1. 2) Set D11 through D4 to the 8 MSB's of the desired digital input code. 3) Load the 8 MSB's of the digital word to the selected input register by cycling WR1 and CS through the "1" -- "0" -- "1" sequence. 4) Reset B1/B2 from "1" ---- "0" 5) Set D11 (MSB) through D8 to the 4 LSB's of the digital input code. 6) Load the 4 LSB's by cycling WR1 and CS through the "1" -- "0" -- "1" sequence. 7) Repeat sequence for each input register. TRANSFERRING DATA To transfer the 12-bit words in the two input registers to the two DAC registers: 1) Set CLR=1, CS=1, WR1=1. 2) Cycle WR2 and XFER through the "1" -- "0" -- "1" sequence. To set the outputs of the two DAC's to 0V, cycle WR2 and CLR through the "1" -- "0" -- "1" sequence, while keeping XFER = 1. One Latch, or No Latches The latches that form the registers can be used in a "semi-" transparent mode, and a "fully-" transparent mode. In order to use the SP9602 in either mode the user must be interfaced to a 12-bit bus only (B1=1). The semi-transparent mode is set up such that the first set of latches is transparent and the second set is used to latch the incoming data. Data is latched into the second set rather than the first set, in order to minimize glitch energy induced from the data formatting. In this mode, WR1 and CS are tied low, and WR2 and XFER are used to strobe the data to the addressed DAC. Each DAC is addressed using the address line A. After the appropriate DAC has been selected and the data is settled at the digital inputs, bringing WR2 and XFER low will transfer the data to the addressed DAC. The user should be sure to bring XFER and WR2 high again so that the next selected DAC will not be overwritten by the last digital code. This mode of operation may be useful in applications where preloading of the input registers is not necessary; Figure 3, top. A fully transparent mode is realized by tying WR1, CS, WR2, and XFER all low. In this mode, anything that is written on the 12-bit data bus will be passed directly to the selected DAC. Since both latches are not being used, the previous digital word will be overwritten by the new data as soon as the address changes. This may be useful should the user want to SP9602DS/02 SP9602 Dual, 12-Bit, Low Power Voltage Output D/A Converter (c) Copyright 1999 Sipex Corporation 6 VIn - D + VDAC Figure 2. Transfer Function VOut = VOut D (2048 -1) x VIn D xV In 4,096 VDAC = calibrate a circuit, by taking full scale or zero scale readings for both DAC's; Figure 3, bottom. Zeroing DAC Outputs While keeping XFER pin high, the DAC outputs can be set to zero volts two different ways. The first involves the CLR and WR2 pins. In normal operation, the CLR pin is tied high, thus, disabling the clear function. By cycling WR2 and CLR through "1"-- "0"--"1" sequence, a digital code of 1000 0000 0000 is written to both DAC registers, producing a half scale output or zero volts. The second utilizes the built in power-on-reset. Using this feature, the SP9602 can be configured such that during power-up, the second register will be digitally "zeroed", producing a zero volt output at each of the DAC outputs. This is A 0 0 1 1 X X X X X ** 1 X 1 X ** 1 X X 1 CS WR1 B1/B2 1 0 1 0 X X X X X X X 0 0 1 X X WR2 1 1 1 1 XFER X X X X achieved by powering the unit up with XFER in a high state. Thus, with no external circuitry, the SP9602 can be powered up with the analog outputs at a known, zero volt output level. Temporarily Forcing Both DAC Outputs to OV Set WRI=1, CS=1, WR2=0, XFER=0. The DAC registers can be temporarily forced to 1000 0000 0000 by bringing the CLR pin low. This will cause the DAC outputs to 0V, while the CLR pin remains low. When the CLR pin is brought back high, the digital code at the DAC registers will again appear at the DAC's digital inputs, and the analog outputs will return to their previous values. CLR X X X X 1 FUNCTION Address DAC 1 and load input register Address DAC 1 and load 4 LSBs Address DAC 2 and load input register Address DAC 2 and load 4 LSBs Transfer data from input registers to DAC registers Temporarily force both DAC output voltages to OV, while CLR is low. Sets all DAC output voltages to 0V X X Invalid state with any other control line active Invalid state with any other control line active X = Don't care; ** = Don't care; however, CS and WR1 = 1 will inhibit changes to the input registers. SP9602DS/02 SP9602 Dual, 12-Bit, Low Power Voltage Output D/A Converter (c) Copyright 1999 Sipex Corporation 7 +3V References GND +5V -5V 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 VOUT2 N.C. VOUT2 VSS VDD CLR REF IN 2 GND SP9602 B1/B2 A REF IN1 XFER WR2 WR1 CS N.C. DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 DB8 DB9 DB10 DB11 VOUT1 12-Bit Data Bus VOUT1 DAC Strobe Address Decode & Control +3V References GND +5V -5V 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 VOUT2 N.C. VOUT2 VSS VDD CLR REF IN 2 GND SP9602 B1/B2 A REF IN1 XFER WR2 WR1 CS N.C. DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 DB8 DB9 DB10 DB11 VOUT1 12-Bit Data Bus VOUT1 Address Decode & Control Figure 3. Latch Control Options -- (Top) Semi-Transparent Latch Mode; (Bottom) Fully-Transparent Latch Mode WR2 H L H CS L H L 140ns, tWR Loads Input Data to First Set of Latches H L H XFER L CLR WR2 H L 140ns, tXFER Data Transfer from Input Register to DAC's WR1 Figure 4. Timing SP9602DS/02 SP9602 Dual, 12-Bit, Low Power Voltage Output D/A Converter (c) Copyright 1999 Sipex Corporation 8 PACKAGE: PLASTIC DUAL-IN-LINE (NARROW) E1 E D1 = 0.005" min. (0.127 min.) D A1 = 0.015" min. (0.381min.) A = 0.210" max. (5.334 max). A2 C O eA = 0.300 BSC (7.620 BSC) L e = 0.100 BSC (2.540 BSC) B1 B ALTERNATE END PINS (BOTH ENDS) DIMENSIONS (Inches) Minimum/Maximum (mm) A2 B B1 C D E E1 L O 24-PIN 0.115/0.195 (2.921/4.953) 0.014/0.023 (0.356/0.584) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356) 1.155/1.280 (29.33/32.51) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0/ 15 (0/15) 28-PIN 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356) 1.385/1.454 (35.17/36.90) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0/ 15 (0/15) SP9602DS/02 SP9602 Dual, 12-Bit, Low Power Voltage Output D/A Converter (c) Copyright 1999 Sipex Corporation 9 PACKAGE: PLASTIC SMALL OUTLINE (SOIC) E H D A O e B A1 L DIMENSIONS (Inches) Minimum/Maximum (mm) A A1 B D E e H L O 14-PIN 0.090/0.104 (2.29/2.649)) 0.004/0.012 (0.102/0.300) 0.013/0.020 (0.330/0.508) 0.348/0.363 (8.83/9.22) 0.291/0.299 (7.402/7.600) 0.050 BSC (1.270 BSC) 0.394/0.419 (10.00/10.64) 0.016/0.050 (0.406/1.270) 0/8 (0/8) 16-PIN 0.090/0.104 (2.29/2.649) 0.004/0.012 (0.102/0.300) 0.013/0.020 (0.330/0.508) 0.398/0.413 (10.10/10.49) 0.291/0.299 (7.402/7.600) 0.050 BSC (1.270 BSC) 0.394/0.419 (10.00/10.64) 0.016/0.050 (0.406/1.270) 0/8 (0/8) 18-PIN 0.090/0.104 (2.29/2.649)) 0.004/0.012 (0.102/0.300) 0.013/0.020 (0.330/0.508) 0.447/0.463 (11.35/11.74) 0.291/0.299 (7.402/7.600) 0.050 BSC (1.270 BSC) 0.394/0.419 (10.00/10.64) 0.016/0.050 (0.406/1.270) 0/8 (0/8) 20-PIN 0.090/0.104 (2.29/2.649) 0.004/0.012 (0.102/0.300) 0.013/0.020 (0.330/0.508) 0.496/0.512 (12.60/13.00) 0.291/0.299 (7.402/7.600) 0.050 BSC (1.270 BSC)) 0.394/0.419 (10.00/10.64) 0.016/0.050 (0.406/1.270) 0/8 (0/8) 24-PIN 0.090/0.104 (2.29/2.649) 0.004/0.012 (0.102/0.300) 0.013/0.020 (0.330/0.508) 0.599/0.614 (15.20/15.59) 0.291/0.299 (7.402/7.600) 0.050 BSC (1.270 BSC) 0.394/0.419 (10.00/10.64) 0.016/0.050 (0.406/1.270) 0/8 (0/8) 28-PIN 0.090/0.104 (2.29/2.649) 0.004/0.012 (0.102/0.300) 0.013/0.020 (0.330/0.508) 0.697/0.713 (17.70/18.09) 0.291/0.299 (7.402/7.600) 0.050 BSC (1.270 BSC) 0.394/0.419 (10.00/10.64) 0.016/0.050 (0.406/1.270) 0/8 (0/8) SP9602DS/02 SP9602 Dual, 12-Bit, Low Power Voltage Output D/A Converter (c) Copyright 1999 Sipex Corporation 10 ORDERING INFORMATION Model Temperature Range Package Monolithic, 12-Bit Dual DAC, Voltage Output: SP9602JN ...................................................................................... 0C to +70C ................................................................. 28-pin, 0.3" Plastic DIP SP9602KN ..................................................................................... 0C to +70C ................................................................. 28-pin, 0.3" Plastic DIP SP9602JS ...................................................................................... 0C to +70C .......................................................................... 28-pin, 0.3" SOIC SP9602KS ..................................................................................... 0C to +70C .......................................................................... 28-pin, 0.3" SOIC Please consult the factory for pricing and availability on a Tape-On-Reel option. Corporation SIGNAL PROCESSING EXCELLENCE Sipex Corporation Headquarters and Sales Office 22 Linnell Circle Billerica, MA 01821 TEL: (978) 667-8700 FAX: (978) 670-9001 e-mail: sales@sipex.com Sales Office 233 South Hillview Drive Milpitas, CA 95035 TEL: (978) 934-7500 FAX: (978) 935-7600 European Sales Offices: ENGLAND: Sipex Corporation 2 Linden House Turk Street Alton Hampshire GU34 IAN England TEL: 44-1420-549527 FAX: 44-1420-542700 e-mail: mikeb@sipex.co.uk Far East: JAPAN: Nippon Sipex Corporation Yahagi No. 2 Building 3-5-3 Uchikanda, Chiyoda-ku Tokyo 101 TEL: 81.3.3256.0577 FAX: 81.3.3256.0621 GERMANY: Sipex GmbH Gautinger Strasse 10 82319 Starnberg TEL: 49.81.51.89810 FAX: 49.81.51.29598 e-mail: sipex-starnberg@t-online.de Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others. SP9602DS/02 SP9602 Dual, 12-Bit, Low Power Voltage Output D/A Converter (c) Copyright 1999 Sipex Corporation 11 |
Price & Availability of SP9602KS |