Part Number Hot Search : 
MHW8247A AS2023 AS2023 F9520 5835NL 0015453 F2012 KSMB840
Product Description
Full Text Search
 

To Download SP8854EKGHCAR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Obsolescence Notice
This product is obsolete. This information is available for your convenience only. For more information on Zarlink's obsolete products and replacement product lists, please visit
http://products.zarlink.com/obsolete_products/
SP8854E
2.7GHz Parallel Load Professional Synthesiser Preliminary Information
DS4238 ISSUE 2.0 June 1998
The SP8854E is one of a family of parallel load synthesisers containing all the elements apart from the loop amplifier to fabricate a PLL synthesis loop. Other parts in the series are the SP8852E which is fully programmable, requiring tw0 16bit words to set the RF and reference counters and the SP8855E which is fully programmable using hard wired links or switches. The SP8854E is programmed using a 16-bit parallel data bus. Data is stored in an internal buffer. The 10-bit programmable reference divider is programmed by connecting the 10 programming pins either to ground or 15V. The device can therefore be programmed with a single transfer from the control microprocessor. Hard wired inputs can also control the FPD and FREF outputs and the control sense of the loop.
Ordering Information
SP8854E KG HCAR Non-standard temperature range, 255C to 1100C, standard product screening SP8854E IG HCAR Industrial temperature range, 240C to 185C, standard product screening
Features * 2*7 GHz Operating Frequency * Single 5V Supply * Low Power Consumption <1*3W * High Comparison Frequency : 20MHz * High Gain Phase Detector : 1mA/rad * Zero `Dead Band' Phase Detector * Wide Range of RF and Reference Division Ratios * Programming by Single Word Data Transfer Absolute Maximum Ratings
Supply voltage Operating temperature Storage temperature Prescaler and reference input voltage Data inputs Junction temperature 20*3V to 16V 255C to1100C 265C to 1150C 2*5V p-p VCC 10*3V VEE 20*3V 1175C
DATA BIT 4 DATA BIT 3 DATA BIT 2 DATA BIT 1 DATA BIT 0 0V (PRESCALER) RF INPUT RF INPUT VCC (PRESCALER) VEE LOCK DETECT
DATA BIT 5 DATA BIT 6 DATA BIT 7 DATA BIT 8 DATA BIT 9 DATA BIT 10 DATA BIT 11 DATA BIT 12 DATA BIT 13 DATA BIT 14 DATA BIT 15
1 44
SP8854E
STROBE REF DIV BIT 0 REF DIV BIT 1 REF DIV BIT 2 REF DIV BIT 3 REF DIV BIT 4 REF DIV BIT 5 REF DIV BIT 6 REF DIV BIT 7 REF DIV BIT 8 REF DIV BIT 9
*FPD and F REF outputs are reversed using the control direction input, pin 23. The above diagram is correct when pin 23 is high. HC44 Figure 1 - Pin connections - top view
C-LOCK DETECT RSET CHARGE PUMP OUTPUT CHARGE PUMP REF FPD/FREF ENABLE CONTROL DIRECTION FPD* FREF* VCC REF OSC CAPACITOR REF IN/CRYSTAL
SP8854E
Preliminary Information
VCC PRESCALER RF INPUT RF INPUT
0V
15 13 14 14
MODULUS CONTROL FPD
48/9
3-BIT A COUNTER
11-BIT M COUNTER
PRESCALER B0 STROBE B0 B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11 B12 B13 B14 B15
39 11 10 9 8 7 6 5 4 3 2 1 44 43 42 41 40 28 27 38 37 36 35 34 33 32 31 30 29 26 16
B2
B3
B13 B14
B15
LOAD RF BUFFER
20 21 17 19
CHARGE PUMP OUTPUT CHARGE PUMP REFERENCE LOCK DETECT OUTPUT RSET C-LOCK DETECT FPD* FREF* FPD/FREF ENABLE CONTROL DIRECTION
PHASE DETECTOR
18 24 25
INPUT INTERFACE
22 23
*FREF and FPD outputs are reversed using the control direction input. The pin allocations shown are correct when bit 12 is high.
FREF 10-BIT REFERENCE DIVIDER
VCC VEE
REFERENCE CRYSTAL
REFERENCE CAPACITOR
BIT 0
BIT 9
REFERENCE DIVIDER PROGRAMMING
Figure 2 - Block Diagram
2
Preliminary Information
Pin 1-11, 42-44 Description
SP8854E
These pins are the data inputs to set the RF divider ratio (MN1A). High is open circuit on these pins. Data is transparent from pins to RF buffer when pin 39 (STROBE) is high and frozen in buffers when pin 39 is low. Balanced inputs to the RF preamplifier. For single-ended operation the signal is AC-coupled into pin 13 with pin 14 AC-decoupled to ground (or vice-versa). Pins 13 and 14 are internally DC biased. A current sink into this pin is enabled when the lock detect circuit indicates lock. Used to give an external indication of phase lock. A capacitor connected to this point determines the lock detect integrator time constant and can be used to vary the sensitivity of the phase lock indicator. An external resistor from pin 19 to VCC sets the charge pump output current.
13 (RF INPUT) 14 (RF INPUT) 17 (LOCK DETECT INPUT) 18 (C-LOCK DETECT) 19 (RSET)
20 (CHARGE PUMP OUTPUT) The phase detector output is a single ended charge pump sourcing or sinking current to the inverting input of an external loop filter. 21 (CHARGE PUMP REF) 22 (FREF/ FPD ENABLE) 23 (CONTROL DIRECTION) Connected to the non-inverting input of the loop filter to set the optimum DC bias. Part of the input bus. When this pin is high, the FREF/ FPD outputs are enabled. High is open circuit. This pin controls charge pump output direction. When pin 23 is high, the output sinks current when FPD > FREF or when the RF phase leads the reference phase. When pin 23 is low, the relationship is reversed (see Table 3). RF divider output pulses. FPD = RF input frequency/(M.N1A). Pulse width = 8 RF input cycles (1 cycle of the divide by 8 prescaler output). Reference divider output pulses. FREF = reference input frequency/R. Pulse width = high period of Ref input. Leave open circuit if an external reference is used. See Fig. 5 for typical connection for use as an onboard crystal oscillator. This pin is the input buffer amplifier for an external reference signal. This amplifier provides the active element if an onboard crystal oscillator is used. These pins set the reference divider ratio R. High is open circuit. When pin 39 is high the A, M, and R counters are held in the reset state and the charge pump output is disabled. When pin 39 is low the data on the RF data and PD gain pins is fixed in the buffers, the buffers are loaded into the RF counters and the PD gain control, all the counters are active, and the charge pump is enabled. High is open circuit. These pins set the charhe pump current multiplication factor (see Table 2). The data is transparent into the buffers when pin 39 is high and frozen when pin 39 is low. High is open circuit. Table 1 - Pin Descriptions
24 25
FPD if pin 23 is high FREF if pin 23 is low FPD if pin 23 is low FREF if pin 23 is high
27 (Ref. oscillator capacitor) 28 (REF IN/XTAL) 29-38 39 (STROBE)
40, 41 (PD gain)
3
SP8854E
Preliminary Information
Electrical Characteristics
The Electrical Characteristics are guaranteed over the following range of operating conditions unless otherwise stated TAMB = 2 55C to 1100C (KG parts), 2 40C to 185C (IG parts); VCC = 4*75V to 5*25V Value Characteristic Pin Min. 18, 26 13,14 13,14, 24 28, 25 28, 24, 25 28 28 24, 25 24, 25 17 19, 20, 21 61*4 10 0 16 20*8 21*4 300 61*5 500 61*7 25 56 1 Typ. 180 Max. 240 17 16383 1023 50 100 110 MHz MHz dBm V V mV mA WRT VCC, 2*2k to 0V WRT VCC, 2*2k to 0V IOUT = 3mA VPIN20 = VPIN21, IPIN19 = 1*6mA, multiplication factor = 1 62*0 62*3 62*5 mA VPIN20 = VPIN21, IPIN19 = 1*6mA, multiplication factor = 1*5 63*4 63*8 64*1 mA VPIN20 = VPIN21, IPIN19 = 1*6mA, multiplication factor = 2*5 65*4 66*1 66*5 mA VPIN20 = VPIN21, IPIN19 = 1*6mA, multiplication factor = 4*0 Input bus logic level high 1-11, 22, 23, 29, 44 Input bus logic level low 1-11, 22, 23, 29, 44 Input bus current source 1-11, 22, 23, 29, 44 Input bus current sink 1-11, 22, 23, 29, 44 Up/down current matching CHARGE PUMP REFERENCE voltage 20 21 65 VCC20*5 % V VPIN20 = VPIN21, IPIN19 = 1*6mA IPIN19 = 1*6mA, current multiplication factor = 1*0 VCC21*6 19 19 18 50 100 2 1*6 110 V IPIN19 = 1*6mA, current multiplication factor = 4*0 RSET current RSET voltage C-LOCK DETECT current STROBE pulse width Data setup time 0*5 mA V A ns ns Note 2 IPIN19 = 1*6mA VPIN18 = 4*7V Note 3 Note 3 10 A VIN = VCC 2200 A VIN = 0V 1 V 3*5 V Ref division ratio >2. See note 1 Units Conditions
Supply current RF input sensitivity RF division ratio Reference division ratio Comparison frequency Reference input frequency Reference input voltage FREF/FPD output voltage high FREF/FPD output voltage low LOCK DETECT output voltage CHARGE PUMP current
mA dBm 100MHz to 2*7GHz. See note 3.
NOTES 1. Lower frequencies may be used provided that slew rates are maintained. 2. Pin 19 current3multiplication factor must be less than 5mA if charge pump accuracy is to be maintained. 3. Guranteed but not tested.
4
Preliminary Information
SP8854E
120
TYPICAL OVERLOAD RF INPUT TO PIN 13 (dBm)
110 17 0 25 210
GUARANTEED OPERATING WINDOW
220
TYPICAL SENSITIVITY
230 100MHz 1GHz 2GHz 2*7GHz 10GHz
FREQUENCY
Figure 3 - Input sensitivity
j1 j 0.5 j2
ZO = 50
j 0.2 j5
0
1*1GHz
0.2
0.5
1
2
5
50MHz 2*5GHz
2j 5 2j 0.2
2j 0.5 2j 1
2j 2
Figure 4 - RF input impedance
5
SP8854E
Preliminary Information
STROBE
CONTROL MICRO
15V
1k
7 8 9 10 11 12 13 15V 1n 14 15 16 6 5 4 3 2 1 44 43 42 41 40 39 38 37 36 35 15V
SP8854E
34 33 32 31 30
17 29 18 19 20 21 22 23 24 25 26 27 28 1n
SP8854E
27 28
1n 100p LOOP FILTER 1n REF IN FREF 15V FPD
33p 100p 10MHZ
* *
130V
*
-
2*2k 1 10n
Application using crystal reference
VCO
OP27 ETC
+
* VALUES DEPEND ON APPLICATION
Figure 5 - Typical application diagram
Description
Prescaler and AM counter The programmable divider chain is of A and M counter construction and therefore contains a dual modulus front end prescaler, an A counter which controls the dual modulus ratio and an M counter which performs the bulk multi-modulus division. A programmable divider of this construction has a division ratio of MN1A and a minimum integer steppable division ratio of N(N21), where N is the prescaler value. data can be changed without affecting the programmed state. When STROBE input is taken high, the A and M counters are reset and the input data is applied to the internal storage register. When the STROBE input is again taken low, the data on the input bus is stored in the internal storage register and the A and M counters released. The STROBE input is level triggered so that if the data is changed whilst the input is high, the final value before STROBE goes low will be stored. In order to prevent disturbances on the VCO control voltage when frequency changes are made, the STROBE input disables
Data Entry and Storage
Data is loaded from the 16-bit bus into one of the internal buffers by applying a positive pulse to the STROBE input. The input bus can be driven from TTL or CMOS logic levels. When STROBE is low, the inputs are isolated and the
6
Preliminary Information
the charge pump outputs when high. During this period the VCO control voltage will be maintained by the loop filter components around the loop amplifier but due to the combined effects of the amplifier input current and charge pump leakage a gradual change will occur. In order to reduce the change, the duration of the strobe pulse should be minimised. Selection of a loop amplifier with low input current will reduce the VCO voltage droop during the strobe pulse and result in minimum reference sidebands from the synthesiser.
SP8854E
To allow for control direction changes introduced by the design of the PLL, pin 23 is used to reverse the sense of the phase detector by transposing the F PD and F REF connections. In order that any external phase detector will also be reversed, programming bit, the FPD and F REF outputs are also interchanged by pin 23 as shown in Table 3. Output for RF phase lag Control direction (pin 23) 1 0 Table 3 The FPD and FREF signals to the phase detector are available on pins 24 and 25 and may be used to monitor the frequency input to the phase detector or used in conjunction with an external phase detector. The outputs are disabled by taking pin 22 low. When the FPD and FREF outputs are to be used at high frequencies, an external pull down resistor of minimum value 330 may be connected to ground to reduce the fall time of the output pulse. The charge pump connections to the loop amplifier consist of the charge pump output and the charge pump reference. The matching of the charge pump up and down currents will only be maintained if the charge pump output is held at a voltage equal to the charge pump reference using an operational amplifier to produce a virtual earth condition at pin 20. The lock detect circuit can drive an LED to give visual indication of phase lock or provide an indication to the control system if a pullup resistor is used in place of the LED. A small capacitor connected form the C-LOCK DETECTOR pin to ground may be used to delay lock detect indication and remove glitches produced by momentary phase coincidence during lock up. Pin 20 Current source Current sink
Reference Input
The reference source can be either driven from an external sine or square wave source of up to 100MHz or a crystal can be connected as shown in Fig. 5.
Phase Comparator and Charge Pump
The SP8854E has a digital phase/frequency comparator driving a charge pump with programmable current output. The charge pump current level at the minimum gain setting is approximately equal to the current fed into the R SET input, pin 19, and can be increased by programming the bus according to Table 2 by up to 4 times. Bit 15 Bit 14 0 0 1 1 0 1 0 1 Table 2 VCC 21*6V Pin 19 current = RSET Phase detector gain = IPIN19 (mA)3multiplication factor mA/rad 2p Current multiplication factor 1*0 1*5 2*5 4*0
PIN
40
41
42
43
44
1
2
3
4
5
6
7
8
9
10
11
213
PHASE DETECTOR GAIN CONTROL (SEE TABLE 2)
212
211
210
29
28
27
26
25
24
23
22
21
20
M COUNTER
Figure 6 - Programming data format

3-BIT A COUNTER


7
SP8854E
Preliminary Information
VCC 40k
INPUT
VCC 4k 325 325
40k
5k
5k
500
13
500
RF INPUT
14
RF INPUT 50A 3k 0V 3mA
0V
Fig. 7a 16-bit input bus, FPD/FREF enable, control direction, reference divider inputs and strobe
Fig. 7b RF inputs
C-LOCK DETECT (HIGH WHEN LOCKED)
VCC 2*5k VCC 3k 3k VREF 4*7V LOCK DETECT OUTPUT (LOW WHEN LOCKED) 3k 3k 17 2*5k
18
20A
100A 0V
400A 100 100 1k 1k 0V
Fig. 7c Lock detect decouple
Fig. 7d Lock detect output
VCC
RSET 19 VCC
450
450
f UP
CHARGE PUMP CURRENT SOURCES
f UP
VCC
83
83 20 21 OUTPUT REFERENCE
f DN
130 0V
f DN
2mA 0V
Fig. 7e RSET pin
Fig. 7f Charge pump circuit
Figure 7 - Interface circuit diagrams
8
Preliminary Information
SP8854E
VCC 296 296 40k 3k 3k
VCC
40k
296 28 24, 25 FPD, FREF OUTPUTS CRYSTAL CAPACITOR 27
60k 50A 3*3mA 50A
60k
0V 0V 100A 100A 100A
Fig. 7g FPD and FREF outputs
Fig. 7h Reference oscillator
Figure 7 - Interface circuit diagrams (continued)
Applications RF Layout
The SP8854E can operate with input frequencies up to 2*7GHz but to obtain optimum performance, good RF layout practices should be used. A suitable layout technique is to use double sided printed circuit board with through plated holes. Wherever possible the top surface on which the SP8854E is mounted should be left as a continuous sheet of copper to form a low impedance ground plane. The ground pins 12 and 16 should be connected directly to the ground plane. Pins such as VCC and the unused RF input should be decoupled with chip capacitors mounted as close to the device pin as possible, with a direct connection to the ground plane; suitable values are 10nF for the power supplies and <1nF for the RF input pin (a lower value should be used sufficient to give good decoupling at the RF frequency of operation). A larger decoupling capacitor mounted as close as possible to pin 26 should be used to prevent modulation of VCC by the charge pump pulses. The RSET resistor should also be mounted close to the RSET pin to prevent noise pickup. The capacitor connected from the charge pump output should be a chip component with short connections to the SP8852E. All signals such as the programming inputs, RF IN, REFERENCE IN and the connections to the op-amp are best taken through the pc board adjacent to the SP8852D with through plated holes allowing connections to remote points without fragmenting the ground plane.
Lock Detect Circuit
The lock detect circuit uses the up and down correction pulses from the phase detector to determine whether the loop is in or out of lock. When the loop is locked, both up and down pulses are very narrow compared to the reference frequency, but the pulse width in the out of lock condition continuously varies, depending on the phase difference between the outputs of the reference and RF counters. The logical AND of the up and down pulses is used to switch a 20mA current sink to pin 18 and a 50k resistor provides a load to V CC. The circuit is shown in Fig. 7c. When lock is established, the narrow pulses from the phase detector ensure that the current source is off for the majority of the time and so pin 18 will be pulled high by the 50k resistor. A voltage comparator with a switching threshold at about 4*7V monitors the voltage at pin 18 and switches pin 17 low when pin 18 is more positive than the 4*7V threshold. When the loop is unlocked, the frequency difference at the counter outputs will produce a cyclic change in pulse width from the phase detector outputs with a frequency equal to the difference at the reference and RF counter outputs. A small capacitor connected to pin 18 prevents the indication of false phase lock conditions at pin 17 for momentary phase coincidence. Because of the variable width pulse nature of the signal at pin 18 the calculation of a suitable capacitor value is complex, but if an indication with a delay amounting to several times the expected lock up time is acceptable, the delay will be approximately equal to the time constant of the capacitor on pin 18 and the internal 50k resistor. If a faster indication is required, comparable with the loop lock up time, the capacitor will need to be 2 to 3 times smaller than the time constant calculation suggests. The time to respond to an out of lock condition is 2 to 3 times less than that required to indicate lock.
Programming Bus
The input pins are designed to be compatible with TTL or CMOS logic with a switching threshold set at about 2*4V by three forward biased base-emitter diodes. The inputs will be taken high by an internal pull up resistor if left open circuit but for best noise immunity it is better to connect unused inputs directly to VCC or ground.
Charge Pump Circuit
The charge pump circuit converts the variable width up and down pulses from the phase detector into adjustable current pulses which can be directly connected to the loop amplifier. The magnitude of the current and therefore the phase detector gain can be modified when new frequency data is entered to compensate for change in the VCO gain characteristic over
RF Inputs
The prescaler has a differential input amplifier to improve input sensitivity. Generally the input drive will be single ended and the RF signal should be AC coupled to either of the inputs using a chip capacitor.The remaining input should be decoupled to ground, again using a chip capacitor. The inputs can be driven differentially but the input circuit should not provide a DC path between inputs or to ground.
9
SP8854E
Preliminary Information
Input bias and offset current levels to most operational amplifiers are unlikely to be high enough to significantly affect the accuracy of the charge pump circuit currents but the bias current can be important in reducing reference side bands and local oscillator drift during frequency changes. When the loop is locked, the charge pump produces only very narrow pulses of sufficient width to make up for any charge lost from the loop filter components during the reference cycle. The charge lost will be due to leakage from the charge pump output pin and to the amplifier input bias current, the latter usually being more significant. The result of the lost charge is a sawtooth ripple on the VCO control line which frequency modulates the phase locked oscillator at the reference frequency and its harmonics. A similar effect will occur whenever the strobe input is taken high during a programming sequence. In this case the charge pump is disabled when the strobe input is high and any leakage current will cause the oscillator to drift off frequency. To reduce this effect, the duration of the strobe pulse should be minimised.
its frequency band. The charge pump pulse current is determined by the current fed into pin 19 and is approximately equal to pin 19 current when the programmed multiplication ratio is 1. The circuit diagram Fig. 7e shows the internal components on pin 19 which mirror the input current into the charge pump. The voltage at pin 19 will be approximately 1*6V above ground due to two VBE drops in the current mirror. This voltage will exhibit a negative temperature coefficient, causing the charge pump current to change with chip temperature by up to 10% over the full military temperature range if the current programming resistor is connected to VCC as shown in the application diagram, Fig. 5. In critical applications where this change in charge pump current would be too large the resistor to pin 19 could be increased in value and connected to a higher supply to reduce the effect of VBE variation on the current level. A suitable resistor connected to a 30V supply would reduce the variation in pin 19 current due to temperature to less than 1*5%. Alternatively a stable current source could be used to set pin 19 current. The charge pump output on pin 20 will only produce symmetrical up and down currents if the voltage is equal to that on the voltage reference pin 21. In order to ensure that this voltage relationship is maintained, an operational amplifier must be used as shown in the typical application Fig. 5. Using this configuration pin 20 voltage will be forced to be equal to that on pin 21 since the operational amplifier differential input voltage will be no more than a few millivolts (the input offset voltage of the amplifier). When the synthesiser is first switched on or when a frequency outside the VCO range is programmed, the amplifier output will limit, allowing pin 20 voltage to differ from that on pin 21. As soon as an achievable frequency value is programmed and the amplifier output starts to slew the correct voltage relationship between pin 20 and 21 will be restored. Because of the importance of voltage equality between the charge pump reference and output pins, a resistor should never be connected in series with the operational amplifier inverting input and pin 20, as is the case with a phase detector giving voltage outputs. Any current drawn from the charge pump reference pin should be limited to the few microamps input current of a typical operational amplifier. A resistor between the charge pump reference and the non-inverting input could be added to provide isolation but the value should not be so high that more than a few millivolts drop are produced by the amplifier input current. When selecting a suitable amplifier for the loop filter, a number of parameters are important; input offset voltage in most designs is only a few millivolts and an offset of 5mV will produce a mismatch in the up and down currents of about 4% with the charge pump multiplication factor set at 1. The mismatch in up and down currents caused by input offset voltage will be reduced in proportion to the charge pump multiplication factor in use. If the linearity of the phase detector about the normal phase locked operating point is critical, the input offset voltage of most amplifiers can be adjusted to near zero by means of a potentiometer. The charge pump reference voltage on pin 21 is about 1*3V below the positive supply and will change with temperature and with the programmed charge pump multiplication factor. In many cases it is convenient to operate the amplifier with the negative power supply pin connected to 0V as this removes the need for an additional power supply. The amplifier selected must have a common mode range to within 3*4V (minimum charge pump reference voltage) of the negative supply pin to operate correctly without a negative supply. Most popular amplifiers can be operated from a 30V positive supply to give a wide VCO voltage drive range and have adequate common mode range to operate with inputs at 13*4V with respect to the negative supply.
FPD and FREF Outputs
These outputs provide access to the outputs from the RF and reference dividers and are provided for monitoring purposes during product development or test, and for connection of an external phase detector if required. The output circuit is of ECL type, the circuit diagram being shown in Fig. 7g. The outputs can be enabled or disabled under software control by the address 0 control word but are best left in the disabled state when not required as the fast edge speeds on the output can increase the level of reference sidebands on the synthesised oscillator. The emitter follower outputs have no internal pulldown resistor to save current and if the outputs are required an external pulldown resistor should be fitted. The value should be kept as high as possible to reduce supply current, about 2*2k being suitable for monitoring with a high impedance oscilloscope probe or for driving an AC-coupled 50 load. A minimum value for the pulldown resistor is 330. When the FPD and FREF outputs are disabled the output level will be at the logic low level of about 3*5V so that the additional supply current due to the load resistors will be present even when the outputs are disabled.
Reference Input
The reference input circuit functions as an input amplifier or crystal oscillator. When an external reference signal is used this is simply AC-coupled to pin 28, the base of the input emitter follower. When a low phase noise synthesiser is required the reference signal is critical since any noise present here will be multiplied by the loop. To obtain the lowest possible phase noise from the SP8854E it is best to use the highest possible reference input frequency and to divide this down internally to obtain the required frequency at the phase detector. The amplitude of the reference input is also important, and a level close to the maximum will give the lowest noise. When the use of a low reference input frequency say 4 to 10MHz is essential some advantage may be gained by using a limiting amplifier such as a CMOS gate to square up the reference input. In cases where a suitable reference signal is not available, it may be more convenient to use the input buffer as a crystal oscillator in this case the emitter follower input transistor is connected as a Colpitts oscillator with the crystal connected from the base to ground and with the feedback necessary for oscillation provided by a capacitor tap at the emitter. The arrangement is shown inset in Fig. 5.
10
Preliminary Information
From equation (3):
C2 C1 R2
SP8854E
t3 =
TO VCO
1 2tan 451cos 45 100kHz32p 0*4142 628319
FROM CHARGE PUMP FROM CHARGE PUMP REFERENCE
- +
=
t3 = 65931029
From equation (2):
Figure 8 - Third order loop filter circuit diagram
t2 =
Loop Filter Design
Generally, the third order filter configuration shown in Fig. 8 gives better results than the more commonly used second order because the reference sidebands are reduced. Three equations are required to determine values for the three constants, where
1 (100kHz32p)2365931029
t2 = 3*84431026
Using these values in equation (1): 13102332p310MHz/V 1003(100kHz32p)2
22 11vn t2 22 11vn t3
1
t1 = C 1R1 t2 = R 2 (C 11C2) t3 = C 2R2
The equations are:
t1 =
where A =
3[A]2
t1 = t2 = t3 =
KfK0 vn2N
1
22 11vn t2 2 22 11vn t3
1
...(1)
=
11(100kHz32p)23(3*84431026)2 11(100kHz32p)23(65931029)2
1
v
22 n t3
...(2)
1 2tan F0 1 cos F0
2 t1 = 62832 212 6*833 1*1714 39*48310
vn
...(3)
= 1*593102932*415
where Kf is the phase detector gain factor in mA/radian K0 is the VCO gain factor in radians/seconds/V N is the division ratio from VCO to reference frequency vn is the natural loop frequency F0 is the phase margin, normally set to 45 Since the phase detector used is linear over a range of 2p radians, the phase detector gain is given by: mA/radian Phase comparator current setting Kf = 2p These values can now be substituted in equation (1) to obtain a value for C1 and in equations (2) and (3) to determine values for C2 and R2. Example Calculate values for a loop with the following parameters: Frequency to be synthesised Reference frequency Division ratio K0 VCO gain factor F0 phase margin Phase comparator current 1000MHz 10MHz 1000MHz/100MHz = 100 2p310MHz/V 45 6*3mA
t1 = 3*8431029
Now, t1 = C1 C1 = 3*84nF
t2 = R2 (C11C 2) t2 = C2R2
Substituting for C2:
t2 = R2 C11t3
R2
or, R2 = =
t22t3
C1
3*844310262659310 29 0*015331026
R 2 = 829*4
t3 = C2R2 = t3
R2
29 = 659310 829*4
The phase detector gain factor Kf = 6*3/2p = 1mA/radian
C2 = 0*794nF
11
c Zarlink Semiconductor 2002 All rights reserved.
Package Code Previous package codes
ISSUE ACN DATE APPRD.
For more information about all Zarlink products visit our Web Site at
www.zarlink.com
Information relating to products and services furnished herein by Zarlink Semiconductor Inc. or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink. This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink's conditions of sale which are available on request.
Purchase of Zarlink's I2C components conveys a licence under the Philips I2C Patent rights to use these components in and I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright Zarlink Semiconductor Inc. All Rights Reserved.
TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of SP8854EKGHCAR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X