Part Number Hot Search : 
CY7C14 KE300 CX24171 MP8719 A87VSYZB 90C841 CS005L DGGWQ
Product Description
Full Text Search
 

To Download SP813MEU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SP705-708/813L/813M Low Power Microprocessor Supervisory Circuits
s Precision Voltage Monitor: SP705/707/813L at 4.65V SP706/708/813M at 4.40V s RESET Pulse Width - 200ms s Independent Watchdog Timer - 1.6s Timeout (SP705/706/813L/813M) s 60A Maximum Supply Current s Debounced TTL/CMOS Manual Reset Input s RESET Asserted Down to VCC = 1V s Voltage Monitor for Power Failure or Low Battery Warning s Available in 8-pin PDIP, NSOIC, and Now available in Lead Free SOIC packages s Pin Compatible Enhancement to Industry Standard 705-708/813L Series s Functionally Compatible to Industry Standard 1232 Series DESCRIPTION... The SP705-708/813L/813M series is a family of microprocessor (P) supervisory circuits that integrate myriad components involved in discrete solutions which monitor power-supply and battery in P and digital systems. The SP705-708/813L/813M series will significantly improve system reliability and operational efficiency when compared to solutions obtained with discrete components. The features of the SP705-708/813L/813M series include a watchdog timer, a P reset, a Power Fail Comparator, and a manual-reset input. The SP705-708/813L/813M series is ideal for applications in automotive systems, computers, controllers, and intelligent instruments. The SP705-708/813L/813M series is an ideal solution for systems in which critical monitoring of the power supply to the P and related digital components is demanded.
Part Number
SP705 SP706 SP707 SP708 SP813L SP813M
RESET Threshold
4.65 V 4.40 V 4.65 V 4.40 V 4.65 V 4.40V
RESET Active
LOW LOW LOW and HIGH LOW and HIGH HIGH HIGH
Manual RESET
YES YES YES YES YES YES
Watchdog
YES YES NO NO YES YES
PFI Accuracy
4% 4% 4% 4% 4% 4%
OCT 17-06 RevB
SP705 Low Power Microprocessor Supervisory Circuits
(c) 2006 Sipex Corporation
1
ABSOLUTE MAXIMUM RATINGS
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability and cause permanent damage to the device. Vcc ....................................................................................... -0.3V to +6.0V All Other Inputs (Note 1) ......... -0.3V to (Vcc+0.3V) Input Current: Vcc ............................................................................................................. 20mA GND ............................................................ 20mA Output Current (all outputs) ......................... 20mA ESD Rating ..................................................... 4KV
Continuous Power Dissipation Plastic DIP (derate 9.09mW/C above +70C)727mW SO (derate 5.88mW/C above +70C) ...... 471mW Mini SO (derate 4.10mW/C above +70C) 330mW Storage Temperature Range ....... -65C to +160C Lead Temperature (soldering, 10s) ............ +300C
SPECIFICATIONS
VCC = 4.75V to 5.50V for SP705/707/813L, VCC = 4.50V to 5.50V for SP706/708/813M, TA = TMIN to TMAX, unless otherwise noted, typical at 25oC.
PARAMETER Operating Voltage Range, VCC Supply Current, ISUPPLY Reset Threshold Reset Threshold Hysteresis Reset Pulse Width, tRS RESET Output Voltage
MIN. 1.0
TYP.
MAX. 5.5
U N I TS V A V mV
C O N D I T I O NS
40 4.50 4.25 14 0 VCC-1.5 0.8 4.65 4.40 40 20 0
60 4.75 4.50 280
MR=VCC or Floating, WDI Floating SP705, SP707, SP813L, Note 2 SP706, SP708, SP813M, Note 2 No t e 2 No t e 2 No t e 2 ISOURCE = 800A ISOURCE=4A, VCC=1.1V ISINK = 3.2mA VCC = 1V, ISINK = 50A SP705, SP706, SP813L, SP813M VIL = 0.4V, VIH = 0.8XVCC SP705, SP706, SP813L, SP813M VCC = 5V SP705, SP706, SP813L, SP813M WDI = VCC SP705, SP706, SP813L, SP813M WDI = 0V
ms
V 0.40 0.30
Watchdog Timeout Period, tWD WDI Pulse Width, tWP WDI Input Threshold, LOW HIGH WDI Input Current
1.00
1
1.60
2.25
s s
0.8 3.5 30 -7 5 -2 0 75
V A
OCT 17-06 RevB
SP705 Low Power Microprocessor Supervisory Circuits
(c) 2006 Sipex Corporation
2
SPECIFICATIONS
VCC = 4.75V to 5.50V for SP705/707/813L,813M, VCC = 4.50V to 5.50V for SP706/708, TA = TMIN to TMAX, unless otherwise noted, typical at 25oC.
PARAMETER WDO Output Voltage MR Pull-Up Current MR Pulse Width, tMR MR Input Threshold LOW HIGH MR to Reset Out Delay, tMD PFI Input Threshold PFI Input Current PFO Output Voltage
MIN. VCC-1.5
TYP.
MAX. 0.40
UNITS V A ns
CONDITIONS ISOURCE=800A ISINK=3.2mA MR = 0V
100 150
250
6 00
0.8 2.0 250 1.20 - 2 5. 0 0 VCC-1.5 0.4 1.2 5 0.01 1.3 0 25.0 0
V ns V nA V ISOURCE = 800A ISINK = 3.2mA Note 2 VCC = 5V
Note 1: The input voltage limits on PFI and MR can be exceeded if the input current is less than 10mA. Note 2: Applies to both RESET in the SP705-SP708 and RESET in the SP707/708/813L/813M.
DIP and SOIC
SOIC
MR 1 VCC 2 GND 3 PFI 4 SP705 SP706 SP813L SP813M
8 WDO 7 RESET / RESET* 6 WDI
RESET / RESET* 1 WDO 2 MR 3 VCC 4 SP705 SP706 SP813L SP813M
8 WDI 7 PFO 6 PFI
5 PFO
5 GND
MR 1 VCC 2 GND 3 PFI 4 SP707 SP708
8 RESET 7 RESET 6 N.C.
RESET 1 RESET 2 MR 3 VCC 4 SP707 SP708
8 N.C. 7 PFO 6 PFI
5 PFO
5 GND
* SP813L/M only Figure 1. Pinouts
* SP813L/M only
OCT 17-06 RevB
SP705 Low Power Microprocessor Supervisory Circuits
(c) 2006 Sipex Corporation
3
PIN DESCRIPTION NAME FUNCTION S P 70 5 / 70 6
D I P/ S O IC SOIC
S P 707 / 708
D I P/ S O IC SOIC
S P 8 13 L / 8 13 M
D I P/ S O IC SOIC
MR
Manual Reset - This input triggers a reset pulse when pulled below 0.8V. This active-LOW input has an internal 250A pull-up current. It can be driven from a TTL or CMOS logic line or shorted to ground with a switch +5V power supply Ground reference for all signals Power-Fail Input - When this voltage monitor input is less than 1.25V, PFO goes LOW. Connect PFI to ground or VCC when not in use. Power-Fail Output - This output is HIGH until PFI is less than 1.25V. Watchdog Input - If this input remains HIGH or LOW for 1.6s, the internal watchdog timer times out and WDO goes LOW. Floating WDI or connecting WDI to a high-impedance tri-state buffer disables the watchdog feature. The internal watchdog timer clears whenever RESET is asserted, WDI is tri-stated, or whenever WDI sees a rising or falling edge. No Connect. Active-LOW RESET Output - This output pulses LOW for 200ms when triggered and stays LOW whenever VCC is below the reset threshold (4.65V for the SP705/707/813L and 4.40V for the SP706/708). It remains LOW for 200ms after Vcc rises above the reset threshold or MR goes from LOW to HIGH. A watchdog timeout will not trigger RESET unless WDO is connected to MR. Watchdog Output - This output pulls LOW when the internal watchdog timer finishes its 1.6s count and does not go HIGH again until the watchdog is cleared. WDO also goes LOW during low-line conditions. Whenever VCC is below the reset threshold, WDO stays LOW. However, unlike RESET, WDO does not have a minimum pulse width. As soon as VCC is above the reset threshold, WDO goes HIGH with no delay. Active-HIGH RESET Output - This output is the complement of RESET. Whenever RESET is HIGH, RESET is LOW, and vice versa. Note the SP813L/813M has a reset output only.
1
3
1
3
1
3
VCC GND PFI
2 3 4
4 5 6
2 3 4
4 5 6
2 3 4
4 5 6
PFO
5
7
5
7
5
7
WDI
6
8
-
-
6
8
N.C.
-
-
6
8
-
-
RESET
7
1
7
1
-
-
WDO
8
2
-
-
8
2
RESET
-
-
8
2
7
1
Table 1. Device Pin Description
OCT 17-06 RevB
SP705 Low Power Microprocessor Supervisory Circuits
(c) 2006 Sipex Corporation
4
WDI VCC
WATCHDOG TRANSITION DETECTOR
WATCHDOG TIMER
WDO
250A MR
TIMEBASE FOR RESET AND WATCHDOG
RESET GENERATOR
RESET/RESET*
VCC
4.65V (4.40V for the SP706 and SP813M)
PFI PFO
1.25V
SP705 SP706 SP813L SP813M
GND * For the SP813L/813M only
Figure 2. Internal Block Diagram for the SP705/706/813L/813M
VCC RESET 250A MR
RESET GENERATOR
RESET
VCC
4.65V (4.40V for the SP708)
PFI PFO
1.25V
SP707 SP708
GND
Figure 3. Internal Block Diagram for the SP707/708
OCT 17-06 RevB
SP705 Low Power Microprocessor Supervisory Circuits
(c) 2006 Sipex Corporation
5
+5V VCC = +5V TA = +25 C PFI PFO +1.25V 30pF 1K
Figure 4A. Power-Fail Comparator De-assertion Response Time.
Figure 4B. Circuit for the Power-Fail Comparator Deassertion Response Time.
+5V VCC = +5V TA = +25 C 1K PFI PFO 30pF
+1.25V
Figure 5A. Power-Fail Comparator Assertion Response Time.
Figure 5B. Circuit for the Power-Fail Comparator Assertion Response Time.
VCC TA = +25oC VCC 2K RESET RESET 330pF GND
Figure 6A. SP705/707 RESET Output Voltage vs. Supply Voltage. Figure 6B. Circuit for the SP705/707 RESET Output Voltage vs. Supply Voltage.
OCT 17-06 RevB
SP705 Low Power Microprocessor Supervisory Circuits
(c) 2006 Sipex Corporation
6
VCC TA = +25oC VCC 10K RESET RESET 330pF GND
Figure 7A. SP705/707 RESET Response Time Figure 7B. Circuit for the SP705/707 RESET Response Time
Figure 8. SP707 RESET and RESET Assertion
Figure 9. SP707 RESET and RESET De-Assertion
VCC TA = +25oC VCC 10K RESET 330pF
RESET 330pF GND 10K
Figure 10. Circuit for the SP707 RESET and RESET Assertion and De-Assertion
OCT 17-06 RevB SP705 Low Power Microprocessor Supervisory Circuits (c) 2006 Sipex Corporation
7
Figure 11. SP707/708/813L/813M RESET Output Voltage vs. Supply Voltage
Figure 12. SP813L/813M RESET Response Time
VCC VCC
RESET 330pF GND 10K
Figure 13. Circuit for the SP707/708/813L/813M RESET Output Voltage vs. Supply Voltage and the SP813L/813M RESET Response Time
OCT 17-06 RevB
SP705 Low Power Microprocessor Supervisory Circuits
(c) 2006 Sipex Corporation
8
FEATURES The SP705-708/813L/813M series provides four key functions: 1. A reset output during power-up, power-down and brownout conditions. 2. An independent watchdog output that goes LOW if the watchdog input has not been toggled within 1.6 seconds. 3. A 1.25V threshold detector for power-fail warning, low battery detection, or monitoring a power supply other than +5V. 4. An active-LOW manual-reset that allows RESET to be triggered by a pushbutton switch. The SP707/708 devices are the same as the SP705/706 devices except for the active-HIGH RESET substitution of the watchdog timer. The SP813L is the same as the SP705 except an active-HIGH RESET is provided rather than an active-LOW RESET. The SP705/707/813L devices generate a reset when the supply voltage drops below 4.65V. The SP706/708/813M devices generate a reset below 4.40V. The SP705-708/813L/813M series is ideally suited for applications in automotive systems, intelligent instruments, and battery-powered computers and controllers. The SP705-708/813L/ 813M series is ideally applied in environments where monitoring of power supply to a P and its related components is critical. THEORY OF OPERATION The SP705-708/813L/813M series is a microprocessor (P) supervisory circuit that monitors the power supplied to digital circuits such as microprocessors, microcontrollers, or memory. The series is an ideal solution for portable, battery-powered equipment that requires power supply monitoring. Implementing this series will reduce the number of components and overall complexity. The watchdog functions of this product family will continuously oversee the operational status of a system. The operational features and benefits of the SP705-708/813L/ 813M series are described in more detail below.
RESET Output A microprocessor's reset input starts the P in a known state. The SP705-708/813L/813M series asserts reset during power-up and prevents code execution errors during powerdown or brownout conditions. On power-up, once VCC reaches 1V, RESET is a guaranteed logic LOW of 0.4V or less. As VCC rises, RESET stays LOW. When VCC rises above the reset threshold, an internal timer releases RESET after 200ms. RESET pulses LOW whenever VCC dips below the reset threshold, such as in a brownout condition. When a brownout condition occurs in the middle of a previously initiated reset pulse, the pulse continues for at least another 140ms. On powerdown, once VCC falls below the reset threshold, RESET stays LOW and is guaranteed to be 0.4V or less until VCC drops below 1V. The SP707/708/813L/813M active-HIGH RESET output is simply the complement of the RESET output and is guaranteed to be valid with VCC down to 1.1V. Some Ps, such as Intel's 80C51, require an active-HIGH reset pulse. Watchdog Timer The SP705/706/813L/813M watchdog circuit monitors the P's activity. If the P does not toggle the watchdog input (WDI) within 1.6 seconds and WDI is not tri-stated, WDO goes LOW. As long as RESET is asserted or the WDI input is tri-stated, the watchdog timer will stay cleared and will not count. As soon as RESET is released and WDI is driven HIGH or LOW, the timer will start counting. Pulses as short as 50ns can be detected.
OCT 17-06 RevB
SP705 Low Power Microprocessor Supervisory Circuits
(c) 2006 Sipex Corporation
9
tWP tWD
+5V
tWD
WDI WDO RESET*
0V +5V 0V
tWD
+5V 0V
tRS
+5V
RESET*
0V
* externally triggered LOW by MR, RESET is for the SP813L/813M only
Figure 14. SP705/706/813L/813M Watchdog Timing Waveforms
Typically, WDO will be connected to the non-maskable interrupt input (NMI) of a P. When VCC drops below the reset threshold, WDO will go LOW whether or not the watchdog timer has timed out. Normally this would trigger an NMI but RESET goes LOW simultaneously, and thus overrides the NMI.
If WDI is left unconnected, WDO can be used as a low-line output. Since floating WDI disables the internal timer, WDO goes LOW only when VCC falls below the reset threshold, thus functioning as a low-line output.
+5V
VCC
VRT
VRT
0V
+5V
WDO
0V
tRS
+5V
tRS
RESET
0V +5V
MR*
0V
tMD *externally driven LOW tMR
Figure 15. SP705/706 Timing Diagrams with WDI Tri-stated. The SP707/708/813L/813M RESET Output is the Inverse of the RESET Waveform Shown.
OCT 17-06 RevB
SP705 Low Power Microprocessor Supervisory Circuits
(c) 2006 Sipex Corporation
10
Power-Fail Comparator The power-fail comparator can be used for various purposes because its output and noninverting input are not internally connected. The inverting input is internally connected to a 1.25V reference. To build an early-warning circuit for power failure, connect the PFI pin to a voltage divider as shown in Figure 16. Choose the voltage divider ratio so that the voltage at PFI falls below 1.25V just before the +5V regulator drops out. Use PFO to interrupt the P so it can prepare for an orderly power-down. Manual Reset The manual-reset input (MR) allows RESET to be triggered by a pushbutton switch. The switch is effectively debounced by the 140ms minimum RESET pulse width. MR is TTL/CMOS logic compatible, so it can be driven by an external logic line. MR can be used to force a watchdog timeout to generate a RESET pulse in the SP705/706/813L/813M. Simply connect WDO to MR.
Ensuring a Valid RESET Output Down to VCC = 0V When VCC falls below 1V, the SP705/706/707/ 708 RESET output no longer sinks current, it becomes an open circuit. High-impedance CMOS logic inputs can drift to undetermined voltages if left undriven. If a pull-down resistor is added to the RESET pin, any stray charge or leakage currents will be shunted to ground, holding RESET LOW. The resistor value is not critical. It should be about 100K, large enough not to load RESET and small enough to pull RESET to ground. Monitoring Voltages Other Than the Unregulated DC Input Monitor voltages other than the unregulated DC by connecting a voltage divider to PFI and adjusting the ratio appropriately. If required, add hysteresis by connecting a resistor (with a value approximately 10 times the sum of the two resistors in the potential divider network) between PFI and PFO. A capacitor between PFI and GND will reduce the power-fail circuit's
Regulated +5V Power Supply Unregulated DC Power Supply VCC P RESET INTERRUPT I/O LINE NMI GND 0.1F VCC RESET PFO PFI WDO
SP705 SP706 SP813L SP813M
+5V VCC
+12V 1M 1% PFI 130K 1%
R1 PFI R2 MR
MR PFO to P RESET GND
GND
PUSHBUTTON SWITCH
Figure 16. Typical Operating Circuit
Figure 17. Monitoring Both +5V and +12V Power Supplies
SP705 Low Power Microprocessor Supervisory Circuits (c) 2006 Sipex Corporation
OCT 17-06 RevB
11
sensitivity to high-frequency noise on the line being monitored. RESET can be used to monitor voltages other than the +5V V CC line. Connect PFO to MR to initiate a RESET pulse when PFI drops below 1.25V. Figure 17 shows the SP705/706/707/708 configured to assert RESET when the +5V supply falls below the RESET threshold, or when the +12V supply falls below approximately 11V. Monitoring a Negative Voltage Supply The power-fail comparator can also monitor a negative supply rail, shown in Figure 18. When the negative rail is good (a negative voltage of large magnitude), PFO is LOW. By adding the resistors and transistor as shown, a HIGH PFO triggers RESET. As long as PFO remains HIGH, the SP705-708/813L/813M will keep RESET asserted (where RESET = LOW and RESET = HIGH). Note that this circuit's accuracy depends on the PFI threshold tolerance, the VCC line, and the resistors.
Interfacing to mPs with Bidirectional RESET Pins Ps with bidirectional RESET pins, such as the Motorola 68HC11 series, can contend with the SP705/706/707/708 RESET output. If, for example, the RESET output is driven HIGH and the P wants to pull it LOW, indeterminate logic levels may result. To correct this, connect a 4.7K resistor between the RESET output and the P reset I/O, as shown if Figure 19. Buffer the RESET output to other system components.
+5V
100K 10K
2N3904 to P
VCC MR PFO PFI
R1
Buffered RESET connects to System Components
R2 V-
100K 10K
RESET GND
+5V VCC
+5V VCC P RESET RESET 4.7K
R1 = 5.0 - 1.25 , VTRIP < 0 1.25 - VTRIP R2
+5V MR 0V +5V PFO 0V VVTRIP 0V V-
GND
GND
Figure 18. Monitoring a Negative Voltage Supply
Figure 19. Interfacing to Microprocessors with Bidirectional RESET I/O for the SP705/706/707/708
(c) 2006 Sipex Corporation
OCT 17-06 RevB
SP705 Low Power Microprocessor Supervisory Circuits
12
45 44 43 42 4.75V 5.0V 5.5V
45 44 43 42 -40C 25C +85C
Isupply (A)
41 40 39 38 37 36 35 -40C
Isupply (A)
41 40 39 38 37 36
25C Centigrade Temperature
+85C
35 4.75V
5.0V VCC
5.5V
Figure 20. Supply Current vs. Temperature
Figure 21. Supply Current vs. Supply Voltage
Applications The SP705-708/813L/813M series offers unmatched performance and the lowest power consumption for these industry standard devices. Refer to Figures 20 and 21 for supply current performance characteristics rated against temperature and supply voltages. Table 2 shows how the SP705-708/813L/813M series can be used instead of the Dallas Semiconductor DS1232LP/LPS. Table 2 illustrates to a designer the advantages and tradeoffs of the SP705-708/813L/813M series compared to the Dallas Semiconductor device. While the names of the pin descriptions may differ, the functions are the same or very similar.
Unlike the DS1232, the SP705-708/813L/813M series has a separate watchdog output pin WDO which can be simply connected to the MR input to generate a Reset signal. The DS1232 has pin selectable features, while the SP705-708/813L/ 813M series has more fixed functions of reset threshold and watchdog time-out delay. For most applications, the fixed functions will be preferred, with the benefit of reduced cost due to a less complex part. In addition, the SP705-708/ 813L/813M series has a power fail input and output function not available with the DS1232 that is useful for monitoring systems with unregulated supply voltages. The SP705-708/ 813L/813M series is available in one of the industry's smallest space-saving package sizes, the SOIC.
OCT 17-06 RevB
SP705 Low Power Microprocessor Supervisory Circuits
(c) 2006 Sipex Corporation
13
Dallas DS1232LP/LPS F u nctio n P in Number DIP or SOIC 1 2 3 3 4 5 5 6 7 8 N/A N/A N/A P in Description
Sipex Alternative Part Number Pin Number Sipex Part Number SP705-708/ 813L/813M SP705-708/ 813L/813M SP705/707/ 813L SP706/708/ 813M SP705-708/ 813L/813M SP707/708 SP813L/813M SP705-708 SP705/706/ 813L/813M SP705-708/ 813L/813M SP705-708/ 813L/813M SP705-708/ 813L/813M SP705/706/ 813L/813M DIP or SOIC 1 N/A N/A N/A 3 8 7 7 6 2 4 5 8 Pin Description SOIC
Manual Reset WDI Time Delay Set VCC Trip 4.6V VCC Trip 4.4V Gr ound Reset Active HIGH Reset Active HIGH Reset Active LOW Watchdog Input Voltage Input Power Fail Input Power Fail Output Watchdog Output
P BRS T TD TOL=GND TOL=VCC GND RST RST R ST ST (H to L) VCC N/A N/A N/A
3 N/A N/A N/A 5 2 1 1 8 4 6 7 2
MR 1.6sec by design 4.6V by design 4.4V by design GND RESET RESET RESET WDI (any trans.) VCC PFI PFO WDO
Table 2. Device Overview on Dallas Semiconductor
OCT 17-06 RevB
SP705 Low Power Microprocessor Supervisory Circuits
(c) 2006 Sipex Corporation
14
OCT 17-06 RevB
SP705 Low Power Microprocessor Supervisory Circuits
(c) 2006 Sipex Corporation
15
OCT 17-06 RevB
SP705 Low Power Microprocessor Supervisory Circuits
(c) 2006 Sipex Corporation
16
PACKAGE:
PLASTIC MICRO SMALL OUTLINE (SOIC)
0.0256 BSC 0.012 0.003 0.0965 0.003 0.118 0.004 R .003 0.16 0.003
12.0 4 0.008 0 - 6 0.006 0.006 0.006 0.006
0.020 0.020 1 2
12.0 4 0.01
0.0215 0.006 0.037 Ref
3.0 3
0.116 0.004
0.034 0.004 0.040 0.003 0.116 0.004
0.013 0.005 0.118 0.004
0.004 0.002
0.118 0.004
All package dimensions in inches
50 SOIC devices per tube
OCT 17-06 RevB
SP705 Low Power Microprocessor Supervisory Circuits
(c) 2006 Sipex Corporation
17
ORDERING INFORMATION
Model ....................................................................................... Temperature Range ................................................................................ Package SP705CP ....................................................................................... 0C to +70C ......................................................................... 8-pin Plastic DIP SP705CN ....................................................................................... 0C to +70C ..................................................................... 8-pin Narrow SOIC SP705CU ....................................................................................... 0C to +70C ................................................................................. 8-pin SOIC SP705EP ...................................................................................... -40C to +85C ....................................................................... 8-pin Plastic DIP SP705EN ..................................................................................... -40C to +85C ................................................................... 8-pin Narrow SOIC SP705EU ..................................................................................... -40C to +85C ............................................................................... 8-pin SOIC SP706CP ....................................................................................... 0C to +70C ......................................................................... 8-pin Plastic DIP SP706CN ....................................................................................... 0C to +70C ..................................................................... 8-pin Narrow SOIC SP706CU ....................................................................................... 0C to +70C ................................................................................. 8-pin SOIC SP706EP ...................................................................................... -40C to +85C ....................................................................... 8-pin Plastic DIP SP706EN ..................................................................................... -40C to +85C ................................................................... 8-pin Narrow SOIC SP706EU ..................................................................................... -40C to +85C ............................................................................... 8-pin SOIC SP707CP ....................................................................................... 0C to +70C ......................................................................... 8-pin Plastic DIP SP707CN ....................................................................................... 0C to +70C ..................................................................... 8-pin Narrow SOIC SP707CU ....................................................................................... 0C to +70C ................................................................................. 8-pin SOIC SP707EP ...................................................................................... -40C to +85C ....................................................................... 8-pin Plastic DIP SP707EN ..................................................................................... -40C to +85C ................................................................... 8-pin Narrow SOIC SP707EU ..................................................................................... -40C to +85C ............................................................................... 8-pin SOIC SP708CP ....................................................................................... 0C to +70C ......................................................................... 8-pin Plastic DIP SP708CN ....................................................................................... 0C to +70C ..................................................................... 8-pin Narrow SOIC SP708CU ....................................................................................... 0C to +70C ................................................................................. 8-pin SOIC SP708EP ...................................................................................... -40C to +85C ....................................................................... 8-pin Plastic DIP SP708EN ..................................................................................... -40C to +85C ................................................................... 8-pin Narrow SOIC SP708EU ..................................................................................... -40C to +85C ............................................................................... 8-pin SOIC SP813LCP ..................................................................................... 0C to +70C ......................................................................... 8-pin Plastic DIP SP813LCN ..................................................................................... 0C to +70C ..................................................................... 8-pin Narrow SOIC SP813LCU ..................................................................................... 0C to +70C ................................................................................. 8-pin SOIC SP813LEP .................................................................................... -40C to +85C ....................................................................... 8-pin Plastic DIP SP813LEN ................................................................................... -40C to +85C ................................................................... 8-pin Narrow SOIC SP813LEU ................................................................................... -40C to +85C ............................................................................... 8-pin SOIC SP813MCP .................................................................................... 0C to +70C ......................................................................... 8-pin Plastic DIP SP813MCN .................................................................................... 0C to +70C ..................................................................... 8-pin Narrow SOIC SP813MCU .................................................................................... 0C to +70C ................................................................................. 8-pin SOIC SP813MEP ................................................................................... -40C to +85C ....................................................................... 8-pin Plastic DIP SP813MEN .................................................................................. -40C to +85C ................................................................... 8-pin Narrow SOIC SP813MEU .................................................................................. -40C to +85C .............................................................................. 8-pin SOIC Please consult the factory for pricing and availability on a Tape-On-Reel option.
Sipex Corporation Headquarters and Sales Office e-mail: sales@sipex.com 233 South Hillview Drive Milpitas, CA 95035 TEL: (408) 934-7500 FAX: (408) 935-7600
Available in lead free packaging. To order, add "-L" suffix to the part number. Example: SP813MEU /TR=Tape & Reel. SP813MEU-L/TR = lead free.
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others. OCT 17-06 RevB SP705 Low Power Microprocessor Supervisory Circuits (c) 2006 Sipex Corporation
18


▲Up To Search▲   

 
Price & Availability of SP813MEU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X