Part Number Hot Search : 
TFPT1206 MICON AN7820 1803DFX SC250 MC33501 EPC10 UPC1490G
Product Description
Full Text Search
 

To Download SP805TEP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
SP690T/S/R, SP802T/S/R, SP804T/S/R, and SP805T/S/R 3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
s RESET and RESET Outputs s Reset asserted down to VCC = 1V s Reset Time Delay - 200ms s Watchdog Timer - 1.6 sec timeout s 40A Maximum VCC Supply Current s 1A Maximum Battery Supply Current s Power Switching 50mA Output in VCC Mode (1.5) 10mA Output in Battery Mode (15) s Battery Can Exceed VCC in Normal Operation s Precision Voltage Monitor for Power-Fail or Low-Battery Warning s Available in 8 pin SO and DIP packages s Pin Compatible Upgrades to MAX690T/S/R, MAX802T/S/R, MAX804T/S/R, MAX805T/S/R DESCRIPTION The SP690T/S/R, SP802T/S/R, SP804T/S/R and SP805T/S/R devices are a family of microprocessor (P) supervisory circuits that integrate a myriad of components involved in discrete solutions to monitor power-supply and battery-control functions in P and digital systems. The series will significantly improve system reliability and operational efficiency when compared to discrete solutions. The features of the SP690T/S/R, SP802T/S/R, SP804T/S/R and SP805T/S/R devices include a watchdog timer, a P reset and backupbattery switchover, and power-failure warning; a complete P monitoring and watchdog solution. The series is ideal for 3.0V or 3.3V applications in portable electronics, computers, controllers, and intelligent instruments and is a solid match for designs where it is critical to monitor the power supply to the P and it's related digital components. Refer to Sipex's SP690A/692A/802L/802M/805L/805M series for similar devices designed for +5V systems.
Part Number SP690T/805T SP802T/804T SP690S/805S SP802S/804S SP690R/805R SP802R/804R RESET Active LOW/HIGH LOW/HIGH LOW/HIGH LOW/HIGH LOW/HIGH LOW/HIGH RESET Threshold 3.075V 3.075V 2.925V 2.925V 2.625V 2.625V RESET Accuracy 75mV 60mV 75mV 60mV 75mV 60mV PFI Accuracy 4% 2% 4% 2% 4% 2% Watchdog Input YES YES YES YES YES YES Backup-Battery Switch YES YES YES YES YES YES
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
(c) 2006 Sipex Corporation
1
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections of the specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability and cause permanent damage to the device. VCC..................................................................................-0.3V to 6.0V VBATT................................................................................-0.3V to 6.0V All Other Inputs (NOTE 1).................................-0.3V to the higher of VCC or VBATT Continuous Input Current: VCC..................................................................................100mA VBATT..................................................................................20mA GND..................................................................................20mA WDI, PFI...........................................................................20mA Continuous Output Current: RESET, RESET, PFO.........................................................20mA VOUT......................................................................................100mA Power Dissipation per Package: 8pin NSOIC (derate 6.14mW/C above +70C)..............500mW 8pin PDIP (derate 11.8mW/C above +70C)..............1,000mW Storage Temperature........................................-65C to +160C Lead Temperature(soldering,10sec).............................................+300C ESD Rating........................................................4KV Human Body Model
SPECIFICATIONS
VCC = 3.17V to 5.50V for the SP690T/SP80_T, VCC = 3.02V to 5.50V for the SP690S/SP80_S, VCC = 2.72V to 5.50V for the SP690R/SP80_R, VBATT = 3.60V, and TA = TMIN to TMAX unless otherwise noted. Typical values taken at TAMB = +25OC.
PARAMETERS Operating Voltage Range, VCC or VBATTERY, NOTE 1 VCC Supply Current, ISUPPLY VCC Supply Current in Battery Backup Mode VBATTERY Supply Current in Any Mode, NOTE 2 VBATTERY Leakage Current, NOTE 3 VBATTERY Leakage Current, NOTE 4 Output Voltage, VOUT
MIN. 1.0
TYP.
MAX. 5.5
UNITS CONDITIONS Volts
25 20 0.4 0.001 -0.1 VCC - 0.03 VCC - 0.3 VCC - 0.0015 VCC - 0.0075 VCC - 0.075 VCC - 0.0003 VBATTERY - 0.018 VBATTERY - 0.15
40 40 1 0.5 0.02
A A A A A
excluding IOUT VCC=2.0V,VBATTERY=2.3V, excluding IOUT excluding IOUT
3.3V > VCC >VBATTERY + 0.2V I = 5mA
V
IOUT = 50mA IOUT = 250A, VCC > 2.5V IOUT = 250A, VBATTERY = 2.3V IOUT = 1mA, VBATTERY = 2.3V IOUT = 10mA, VBATTERY = 3.3V VBATTERY - VCC, VSW > VCC > 1.75V, NOTE 5 VBATTERY > VCC, NOTE 6 Values are identical to the Reset Threshold values at VCC rising
VOUT in Battery-Backup Mode
VBATTERY - 0.02 VBATTERY - 0.0045
V
Battery Switch Threshold, VCC falling Battery Switch Threshold, VCC rising, NOTE 7
0.065 2.30
0.025 2.40
2.50
V V
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
(c) 2006 Sipex Corporation
2
SPECIFICATIONS (continued)
VCC = 3.17V to 5.50V for the SP690T/SP80_T, VCC = 3.02V to 5.50V for the SP690S/SP80_S, VCC = 2.72V to 5.50V for the SP690R/SP80_R, VBATT = 3.60V, and TA = TMIN to TMAX unless otherwise noted. Typical values taken at TAMB = +25OC.
PARAMETERS
MIN. 3.00 3.00 2 .8 5 2 .8 5
TYP. 3.075 3.085 2.925 2.935 2.625 2.635 3.075 3.085 2 .9 2 5 2 .9 3 5 2 .6 2 5 2 .6 3 5 200 VCC - 0.15 0.06 0.13 0.06
MAX. 3.15 3 .1 7 3.00 3.02 2 .7 0 2 .7 2 3 .1 2 3 .1 4 3 .0 0 3 .0 2 2.70 2.72 280
UNITS CONDITIONS SP690T/805T, VCC falling SP690T/805T, VCC rising SP690S/805S, VCC falling SP690S/805S, VCC rising SP690R/805R, VCC falling SP690R/805R, VCC rising SP802T/804T, VCC falling SP802T/804T, VCC rising SP802S/804S, VCC falling SP802S/804S, VCC rising SP802R/804R, VCC falling SP802R/804R, VCC rising
V
Reset Threshold, VRST NOTE 8
2 .5 5 2 .5 5 3.00 3.00 2 .8 8 2 .8 8 2 .5 9 2 .5 9
V
Reset Timeout Period, tWP RESET, PFO Output Voltage, VOH RESET, PFO Output Voltage, VOL RESET, PFO Output Voltage, VOL RESET Output Voltage, VOL RESET Output Leakage Current, NOTE 11 Output Short to GND Current, IOS, PFO and RESET Watchdog Timeout, tWD WDI Pulse Width WDI Input Threshold VIH VIL WDI Input Current PFI Input Threshold PFI Input Current PFI Hysteresis, VPFH
140 VCC - 0.3
ms V ISOURCE = 30A ISINK = 1.2mA, SP690_/802_ where VCC = VRST minimum VBATTERY = 0V, VCC = 1.0V, ISINK = 40A ISINK = 1.2mA, SP804_/805_ where VCC = VRST maximum VBATTERY = 0V, VCC = VRST minimum, VRESET = 0V or VCC VCC = 3.3V, VOH = 0V VCC < 3.6V
0.30 0.30 0.30 -1
V V V A A s s
-1 180 1.12 1.60
500 2.24
1
0.7 x VCC 0.3 x VCC -1 1.200 1.225 -25 0.01 1 .2 5 1 .2 5 0 .0 1 10 1 1.300 1.275 25 20
V A V nA mV PFI rising, VCC < 3.6V 0V < VCC < 5.5V SP690_/805_, VCC <3.6V, VPFI falling SP802_/804_, VCC <3.6V, VPFI falling
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
(c) 2006 Sipex Corporation
3
SPECIFICATIONS (continued)
VCC = 3.17V to 5.50V for the SP690T/SP80_T, VCC = 3.02V to 5.50V for the SP690S/SP80_S, VCC = 2.72V to 5.50V for the SP690R/SP80_R, VBATT = 3.60V, and TA = TMIN to TMAX unless otherwise noted. Typical values taken at TAMB = +25OC.
NOTE 1: The following are tested at VBATT = 3.6V and VCC = 5.5V: VCC supply current, watchdog functionality, logic input leakage, PFI functionality, and the RESET and RESET states. The state of RESET or RESET and PFO is tested at VCC = VCC(min). NOTE 2: Tested VBATT = 3.6V, VCC = 3.5V and 0V. NOTE 3: Leakage current into the battery is tested under the following worst-case conditions: VCC = 5.5V, VBATT = 1.8V and at VCC = 1.5V, VBATT = 1.0V. NOTE 4: "-" equals the battery-charging current, "+" equals the battery-discharging current. NOTE 5: When VSW > VCC > VBATT, VOUT remains connected to VCC until VCC drops below VBATT. The VCC-to-VBATT comparator has a small 25mV typical hysteresis to prevent oscillation. NOTE 6: When VBATT > VCC > VSW, VOUT remains connected to VCC until VCC drops below the battery switch threshold, VSW. NOTE 7: VOUT switches from VBATT to VCC when VCC rises above the reset threshold, independent of VBATT. Switchover back to VCC occurs at the exact voltage that causes RESET to go HIGH (on the SP804_ and SP805_ RESET goes LOW). Switchover occurs 200ms prior to reset. NOTE 8: The reset threshold tolerance is wider for VCC rising than for VCC falling to accommodate the 10mV typical hysteresis, which prevents internal oscillation. NOTE 9: SP690_ and SP802_ devices only. NOTE 10: SP804_ and SP805_ devices only. NOTE 11: The leakage current into or out of the RESET pin is tested with RESET asserted (RESET output high impedance).
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
(c) 2006 Sipex Corporation
4
INTERNAL BLOCK DIAGRAM
VBATT 8 VCC 2
BATTERY SWITCHOVER CIRCUIT
1
VOUT
BATTERY SWITCHOVER COMPARATOR 1.25V
SP690T/S/R SP802T/S/R SP804T/S/R SP805T/S/R
RESET GENERATOR 7 RESET COMPARATOR
RESET / RESET*
1.25V
WDI
6
WATCHDOG TIMER
PFI
4 5
POWER-FAIL COMPARATOR
PFO
1.25V
GND
3
*SP804T/S/R and SP805T/S/R only
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
(c) 2006 Sipex Corporation
5
PINOUT
VOUT VCC GND PFI
1
8
VBATTERY RESET / RESET* WDI PFO
2 SP690T/S/R 7 SP802T/S/R 3 SP804T/S/R 6 SP805T/S/R 4 5
*SP804T/S/R and SP805T/S/R only
PIN ASSIGNMENTS Pin 1 --VOUT -- Output Supply Voltage for CMOS RAM. When VCC is above the reset threshold, VOUT connects to VCC through a P-channel MOSFET switch. When VCC falls below the VSW and VBATTERY, VBATTERY connects to VOUT. Connect to VCC if no battery is used. Pin 2 -- VCC -- +5V Supply Input Pin 3 -- GND -- Ground reference for all signals Pin 4 -- PFI -- Power-Fail Comparator Input. When PFI is less than 1.25V or when VCC falls below the VSW, PFO goes LOW, otherwise PFO remains HIGH. Connect to GND if unused. Pin 5 -- PFO -- Power-Fail Comparator Output. Leave open if unused. Pin 7 for SP690_/802_ only -- Active-LOW Reset Output. -- Whenever RESET is triggered by a watchdog timeout, it goes LOW for 200ms. It stays LOW whenever VCC is below the reset threshold and remains LOW for 200ms after VCC rises above the reset threshold or when the watchdog triggers a reset. Pin 7 for SP804_/805_ only -- Active-HIGH Open-Drain Reset Output. -- The inverse operation of RESET. Pin 8 -- VBATTERY -- Backup-Battery Input. When VCC falls below VSW and VBATTERY, VOUT switchesfrom VCC to VBATTERY. When VCC rises above the reset threshold, VOUT reconnects to VCC. VBATTERY may exceed VCC. Connect to VCC if no battery is used.
Pin 6 -- WDI -- Watchdog Input. If WDI remains HIGH or LOW for 1.6 seconds, the internal watchdog timer triggers a reset. The internal watchdog timer clears when reset is asserted or WDI sees a rising or falling edge. The watchdog function cannot be disabled.
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
(c) 2006 Sipex Corporation
6
TYPICAL CHARACTERISTICS (TAMB = 25oC, unless otherwise noted)
10000
40
1000
Supply Current (A)
Battery Supply Current (nA)
35
100
30
10
25
1
20 -60
-40
-20
0
20
40
60
80
100 120
140
0.1 -60
-35
-10
15
40
65
90
115
140
Temperature (oC)
Temperature (oC)
Figure 1. VCC Supply Current vs. Temperature (Normal Mode)
Figure 2. Battery Supply Current vs. Temperature
1.262 1.26 VBATTERY to VOUT On-Resistance ()
30
25
PFI Threshold (Volts)
1.258 1.256 1.254 1.252 1.25 1.248 -60
20
15
10
5
-40
-20
0
20
40
60
80
100 120
140
0 -60
-40
-20
0
20
40
60
80
100 120
140
Temperature (oC)
Temperature (oC)
Figure 3. PFI Threshold vs. Temperature
Figure 4. VBATTERY to VOUT ON-Resistance vs. Temperature
3.15
3.5 3
On Resistance ()
2.5 2 1.5 1 0.5 0 -60
Reset Threshold (Volts)
-40 -20 0 20 40 60
o
3.13
3.11
3.09
3.07
80
100 120
140
Temperature ( C)
3.05 -60
-35
-10
15
40
65
90
115
140
Temperature (oC)
Figure 5. VCC to VOUT On-Resistance vs. Temperature
SP690T/S/R JAN 30-06
Figure 6. Reset Threshold vs. Temperature
(c) 2006 Sipex Corporation
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
7
14000
185
RESET Output Resistance ()
12000 10000 8000 6000 4000 2000 0 -60
175 -60 -40 -20 0 20 40 60 80 100 120 140
Reset Timeout (mS)
180
-35
-10
15
40
65
o
90
115
140
Temperature (oC)
Temperature ( C)
Figure 7. Reset Output Resistance vs. Temperature
Figure 8. Reset Timeout vs. Temperature
30
1E-06
26
Propagation Delay (s)
decade /div
22
18
14
1E-14
10 -60
.0000 V3 .5000/div (V) 5.000
-40
-20
0
20
40
60
80
100 120
140
Temperature (oC)
Figure 9. Battery Current vs. VCC Voltage
Figure 10. Reset-Comparator Propagation Delay vs. Temperature
1000
1000 VCC = 4.5V VBATTERY = 0V
Voltage Drop (mV) [ VBATTERY - VOUT ]
VCC = 0V VBATTERY = 4.5V
Voltage Drop (mV) [ VCC - VOUT ]
100
100
10
10
1 1 10 IOUT (mA) 100
1 1 IOUT (mA) 10
Figure 11. VCC to VOUT Vs. Output Current
Figure 12. VBATTERY to VOUT Vs. Output Current
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
(c) 2006 Sipex Corporation
8
VCC VBATTERY = 0V TA = +25 C
2V div T V CC
VCC 2K
0V RESET
RESET 330pF
1 sec / div
RESET
0V
1
GND
Figure 13A. SP690A RESET Output Voltage vs. Supply Voltage Figure 13B. Circuit for the SP690A/802L RESET Output Voltage vs. Supply Voltage
VCC
V CC
VCC
VCC 10K RESET
1V div
0V
RESET
1
VBATTERY
0V 1 sec /div
330pF
GND
Figure 14B. Circuit for the SP805 RESET Output Voltage vs. Supply Voltage
Figure 14A. SP805L RESET Output Voltage vs. Supply Voltage
VCC
[ 1V / div 3.1V V CC 1 2V T ]
TA = +25 C VCC 10K
RESET 3.1V T
RESET
0
30pF
10S / div
GND
Figure 15A. SP690A RESET Response Time
SP690T/S/R JAN 30-06
Figure 15B. Circuit for the SP690A/802L RESET Response Time
(c) 2006 Sipex Corporation
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
9
[ 1V / div 3.1V V CC
T
]
VCC VCC
VCC
1 2V
10K
RESET
RESET 330pF
T
0V
10 s / div
GND
Figure 16B. Circuit for the SP805 RESET Response Time
Figure 16A. SP805L RESET Response Time
+5V
1.3V PFI 1.2V V CC= 5V V BATTERY = 0
VCC = +5V TA = +25 C 1K PFI PFO 30pF
5V
PFO
0V
+1.25V
500ns / div
Figure 17A. Power-Fail Comparator Response Time (fall)
Figure 17B. Circuit for the Power-Fail Comparator Response Time (fall)
1 1.3V 1.2V V CC= 5 V BATTERY = 0 PFI
+5V VCC = +5V TA = +25 C PFI
PFO
PFO 30pF 1K
1 2 T
+1.25V
500ns / div
Figure 18A. Power-Fail Comparator Response Time (rise)
Figure 18B. Circuit for the Power-Fail Comparator Response Time (rise)
(c) 2006 Sipex Corporation
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
10
3.0V or 3.3V
VCC
0V 3.0V or 3.3V
VRST VSW
VOUT
VSW 0V 3.0V or 3.3V
VBATTERY=3.6V
tWP
RESET RESET* PFO
Figure 19. Timing Diagram
0V
3.0V or 3.3V
0V
3.0V or 3.3V VBATTERY=PFI=3.6V IOUT=0mA
0V
*SP804T/S/R and SP805T/S/R only; Reset externally pulled up to VCC.
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
(c) 2006 Sipex Corporation
11
FEATURES The SP690T/S/R, SP802T/S/R, SP804T/S/R and SP805T/S/R devices provide four key functions: 1. A battery backup switch for CMOS RAM, CMOS microprocessors, or other logic. 2. A reset output during power-up, power-down and brownout conditions. 3. A reset pulse if the optional watchdog timer has not been toggled within a specified time. 4. A 1.25V threshold detector for power-fail warning, low battery detection, or to monitor a power supply other than 3.3V or 3.0V. The SP690T/S/R, SP802T/S/R, SP804T/S/R and SP805T/S/R devices differ in their resetvoltage threshold levels and are ideally suited for applications in automotive systems, intelligent instruments, and battery-powered computers and controllers. The series is a solid match for designs where it is critical to monitor the power supply to the P and it's related digital components.
THEORY OF OPERATION The SP690T/S/R, SP802T/S/R, SP804T/S/R and SP805T/S/R devices are microprocessor (P) supervisory circuits that monitor the power supplied to digital circuits such as microprocessors, microcontrollers, or memory. The series is an ideal solution for portable, battery-powered equipment that requires power supply monitoring. Implementing this series will reduce the number of components and overall complexity. The watchdog functions of this product family will continuously oversee the operational status of a system. These P supervisory circuits are not shortcircuit protected. Shorting VOUT to ground excluding power-up transients such as charging a decoupling capacitor - may potentially damage these devices. Decouple both VCC and VBATTERY pins to ground by placing 0.1F capacitors as close to the device as possible. The operational features and benefits of the SP690T/S/R, SP802T/S/R, SP804T/S/R and SP805T/S/R devices are described in more detail below. Reset Output
Regulated +3.3V or +3.0V Unregulated DC VCC P RESET NMI I/O LINE GND
BUS
VCC
0.1F pin 7* PFO WDI VOUT
R1 PFI
SP690T/S/R SP802T/S/R SP804T/S/R SP805T/S/R
The microprocessor's (P's) reset input starts the P in a known state. When the P is in an unknown state, it should be held in reset. The SP690T/S/R, SP802T/S/R, SP804T/S/R and SP805T/S/R devices assert reset during power-up and prevent code execution errors during power-down or brownout conditions. RESET is guaranteed to be a logic LOW for 0V < VCC < VRST, provided that VBATTERY is greater than 1V. Without a backup battery, RESET is guaranteed valid for VCC > 1V. Once VCC exceeds the reset threshold, an internal timer keeps RESET low for the reset timeout period. After this period, RESET goes HIGH, as seen in Figure 19. If a brownout condition occurs and VCC dips below the reset threshold, RESET goes LOW. Each time RESET is triggered, it stays low for the reset timeout period. Any time VCC goes below the reset threshold, the internal timer restarts.
R2 VBATTERY
GND
CMOS RAM GND
VCC 0.1F
3.6V Lithium Battery
* RESET for the SP690T/S/R and the SP802T/S/R
RESET for the SP804T/S/R and the SP805T/S/R
Figure 20. Typical Operating Circuit
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
(c) 2006 Sipex Corporation
12
The watchdog timer can also initiate a reset. Refer to the Watchdog Input section. The SP804T/S/R and SP805T/S/R active-HIGH RESET output is open drain and the inverse of the SP690T/S/R and SP802T/S/R RESET outputs. RESET is also triggered by a watchdog timeout. If WDI remains either high or low for a period that exceeds the watchdog timeout period (1.6 sec), RESET pulses low for 200mS. As long as RESET is asserted, the watchdog timer remains cleared. When RESET comes high, the watchdog resumes timing and must be serviced within 1.6sec. If WDI is tied high or low, a RESET pulse is triggered every 1.8sec (tWD plus tRS). Reset Threshold The SP690T and SP805T devices are designed for 3.3V systems with a 5% power-supply tolerance and a 10% system tolerance. Except for watchdog faults, reset will not assert as long as the power supply remains above 3.15V (3.3V - 5%). Reset is guaranteed to assert before the power supply falls below 3.0V. The SP690S and SP805S devices are designed for 3.3V 10% power supplies. Except for watchdog faults, they are guaranteed not to assert reset as long as the supply remains above 3.0V (3.3V - 10%). Reset is guaranteed to assert before the power supply fails below 2.85V (VCC - 14%). The SP690R and SP805R devices are optimized for monitoring 3.0V 10% power supplies. Reset will not occur until VCC falls below 2.7V (3.0V - 10%), but is guaranteed to occur before the supply falls below 2.55V (3.0V - 15%). The SP802T/S/R and SP804T/S/R devices are respectively similar to the SP690T/S/R and SP805T/S/R devices with tightened reset and power-fail threshold tolerances.
Watchdog Input The watchdog circuit monitors the P's activity. If the P does not toggle the watchdog input (WDI) within 1.6sec, a reset pulse is triggered. The internal 1.6sec timer is cleared by either a reset pulse or by a transition (LOW-to-HIGH or HIGH-to-LOW) at WDI. If WDI is tied HIGH or LOW, a RESET pulse is triggered every 1.8sec (tWD plus tRS). As long as reset is asserted, the timer remains cleared and does not count. As soon as reset is de-asserted, the timer starts counting. Unlike the 5V SP690A series, the watchdog function cannot be disabled. Power-Fail Comparator The power-fail comparator can be used as an under-voltage detector to signal the failing of a power supply (it is completely separate from the rest of the circuitry and does not need to be dedicated to this function). The PFI input is compared to an internal 1.25V. If PFI is less than VPFT, PFO goes low. The power-fail comparator turns off and PFO goes LOW when VCC falls below VSW on power-down. The power-fail comparator turns on as VCC crosses VSW on power-up. If the comparator is not used, connect PFI to ground and leave PFO unconnected. Backup-Battery Switchover In the event of a brownout or power failure, it may be necessary to preserve the contents of RAM. With a backup battery installed at VBATTERY, the devices automatically switch RAM to backup power when VCC fails. This family of P supervisors (designed for 3.3V and 3V systems) doesn't always connect VBATTERY to VOUT when VBATTERY is greater than VCC. VBATTERY connects to VOUT (through a 15 switch) when VCC is below VSW and VBATTERY is greater than VCC.
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
(c) 2006 Sipex Corporation
13
A)
1N4148
3.0V or 3.3V VCC VOUT
VBATTERY
B)
1N4148
CONNECT TO STATIC RAM CONNECT TO P
+5V
3.0V or 3.3V VCC
VBATTERY
VOUT
CONNECT TO STATIC RAM CONNECT TO P
0.1F GND
pin 7*
0.1F GND
pin 7*
* RESET for the SP690T/S/R and the SP802T/S/R
RESET for the SP804T/S/R and the SP805T/S/R
Figure 21. Using a High Capacity Capacitor as a Backup Power Source
Switchover at VSW (2.40V) ensures that batterybackup mode is entered before VOUT gets too close to the 2.0V minimum required to reliably retain data in CMOS RAM. Switchover at higher VCC voltages would decrease backup-battery life. When VCC recovers, switchover is deferred until VCC rises above the reset threshold, VRST, to ensure a stable supply. VOUT is connected to VCC through a 1.5 PMOS power switch. Using a High Capacity Capacitor as a Backup Power Source Figure 21 shows two ways to use a High Value Capacitor as a backup power source. The High Value Capacitor may be connected through a diode to the 3V input as in Figure 21A or, if a 5V supply is also available, the High Value Capacitor may be charged up to the 5V supply as in Figure 21B allowing a longer backup period. Since VBATTERY can exceed VCC while VCC is above the reset threshold, there are no special precautions when using these P supervisors with a High Value Capacitor. Operation Without a Backup Power Source These P supervisors were designed for battery-backed applications. If a backup power source is not used, connect both VBATTERY and VOUT to VCC. Since there is no need to switch over to any backup power source, VOUT does not need to be switched. A direct connection to VCC eliminates any voltage drops across the switch which may push VOUT below VCC.
SP690T/S/R JAN 30-06
Replacing the Backup Battery If VBATTERY is decoupled with a 0.1F capacitor to ground, the backup battery can be removed while VCC remains valid without danger of triggering RESET/RESET. As long as VCC stays above VSW, battery-backup mode cannot be entered. Adding Hysteresis to the Power-Fail Comparator The power-fail comparator has a typical input hysteresis of 10mV. This is sufficient for most applications where a power-supply line is being monitored through an external voltage divider (refer to the Monitoring an Additional Power Supply section). If additional noise margin is desired, connect a resistor between PFO and PFI as shown in Figure 22A. Select the ratio of R1 and R2 such that PFI sees 1.25V when VIN falls to its trip point (VTRIP). R3 adds the hysteresis and will typically be more than 10 times the value of R1 or R2. The hysteresis window extends both above (VH) and below (VL) the original trip point (VTRIP).
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
(c) 2006 Sipex Corporation
14
VIN
VIN
A.)
R1 VCC PFI + R2 *C1 R3 SP690T/S/R SP802T/S/R SP804T/S/R SP805T/S/R PFO GND TOP *OPTIONAL
B.)
R1 VCC PFI + R2 *C1 R3 SP690T/S/R SP802T/S/R SP804T/S/R SP805T/S/R PFO GND TOP
PFO 0V 0V VL VTRIP VH VIN
PFO 0V 0V VTRIP VH VIN
VTRIP = VPFT VH =
VL = R1
() ( )( )( [(
R1 + R2 R2 R1 VPFT + VPFH VPFT
VTRIP = VPFT
(
R1 + R2 R2
) ]
1 +1 +1 R1 R2 R3
- VCC 1 +1 +1 R1 R2 R3) R3
) ]
VL = R1
[(
VPFT + VPFH
)(
1 + 1 + 1 - (VCC - VD) R1 R2 R3) R3
WHERE VPFT = 1.25V VPFH = 10mV VD = DIOD FORWARD VOLTAGE DROP
WHERE VPFT = 1.25V VPFH = 10mV
Figure 22A. Adding Additional Hysteresis to the Power-Fail Comparator. Figure 22B. Shifting the Additional Hysteresis above VPFT
Connecting an ordinary signal diode in series with R3, as in Figure 22B, causes the lower trip point (VL) to coincide with the trip point without hysteresis (VTRIP), so the entire hysteresis window occurs above VTRIP. This method provides additional noise margin without compromising the accuracy of the power-fail threshold when the monitored voltage is falling. It is useful for accurately detecting when a voltage falls past a threshold.
The current through R1 and R2 should be at least 1A to ensure that the 25nA (max over extended temperature range) PFI input current does not shift the trip point. R3 should be larger than 10k so it does not load down the PFO pin. Capacitor C1 adds additional noise rejection.
VIN R1 VCC SP690T/S/R SP802T/S/R PFI R2 SP804T/S/R SP805T/S/R GND VPFO R2 R1 PFI
3.0V OR 3.3V VCC SP690T/S/R SP802T/S/R PFO SP804T/S/R SP805T/S/R
GND
VCC PFO VVTRIP 0V PFO
VCC
VL
VTRIP
VIN VH
VTRIP = R2
1 +1 -V VL = R2 VPFT R1 R2) CC R3
[( [(
VPFT + VPFH
)(
1 +1 R1 R2
)]
- VCC R1
VTRIP = VPFT
]
VH = VPFT + VPFH
(
() )( )
R1 + R2 R2 R1 + R2 R2
WHERE VPFT = 1.25V VPFH = 10mV NOTE: VTRIP IS NEGATIVE
Figure 23. Using the Power-Fail Comparator to Monitor an Additional Power Supply
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
(c) 2006 Sipex Corporation
15
Buffered RESET connects to System Components
VCC
VCC P RESET 4.7K RESET
NO RESET Generated
1nF Capacitor VOUT TO GND
Above Line RESET Generated
GND
GND
Figure 24. Interfacing to Microprocessors with Bidirectional RESET I/O
Figure 25. Maximum Transient Duration without Causing a Reset Pulse vs. Reset Comparator Overdrive
Monitoring an Additional Power Supply These P supervisors can monitor either positive or negative supplies using a resistor voltage divider to PFI. PFO can be used to generate an interrupt to the P, as seen in Figure 23. Interfacing to Ps with Bidirectional Reset Pins Any Ps with bidirectional reset pins, such as the Motorola 68HC11 series, can interface with the SP690_ and the SP802_ RESET outputs. For example, if the RESET output is driven HIGH and the P wants to pull it LOW, indeterminate logic levels may result. To correct this, connect a 4.7k resistor between the RESET output and the P reset I/O, as in Figure 24. Buffer the RESET output to other system components. Negative-Going VCC Transients While issuing resets to the P during power-up, power-down, and brownout conditions, these supervisors are relatively immune to shortduration negative-going V CC transients (glitches). It is usually undesirable to reset the P when VCC experiences only small glitches. Figure 25 shows maximum transient duration vs. reset-comparator overdrive, for which reset pulses are not generated. The data was generated using negative-going VCC pulses, starting at 3.3V and ending below the reset threshold by the magnitude indicated (reset comparator overdrive). The graph shows the maximum pulse width a negative-going VCC transient may typically have without causing a reset pulse to be issued. As the amplitude of the transient increases (i.e. goes farther below the reset threshold), the maximum allowable pulse width decreases. Typically, a VCC transient that goes 100mV below the reset threshold and lasts for 40s or less will not cause a reset pulse to be issued. A 100nF bypass capacitor mounted close to the VCC pin provides additional transient immunity.
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
(c) 2006 Sipex Corporation
16
PACKAGE: PLASTIC DUAL-IN-LINE (NARROW)
E1 E
D1 = 0.005" min. (0.127 min.) D
A1 = 0.015" min. (0.381min.) A = 0.210" max. (5.334 max). A2 C O eA = 0.300 BSC (7.620 BSC) L
e = 0.100 BSC (2.540 BSC)
B1 B
ALTERNATE END PINS (BOTH ENDS)
DIMENSIONS (Inches) Minimum/Maximum (mm) A2 B B1 C D E E1 L O
8-PIN 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356)
14-PIN 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356)
16-PIN 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356)
18-PIN 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356)
20-PIN 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356)
22-PIN 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356)
0.355/0.400 0.735/0.775 0.780/0.800 0.880/0.920 0.980/1.060 1.145/1.155 (9.017/10.160) (18.669/19.685) (19.812/20.320) (22.352/23.368) (24.892/26.924) (29.083/29.337) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0/ 15 (0/15) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0/ 15 (0/15) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0/ 15 (0/15) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0/ 15 (0/15) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0/ 15 (0/15) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0/ 15 (0/15)
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
(c) 2006 Sipex Corporation
17
PACKAGE: PLASTIC SMALL OUTLINE (SOIC) (NARROW)
E
H
h x 45 D A O e B A1 L
DIMENSIONS (Inches) Minimum/Maximum (mm) A A1 B D E e H h L O
8-PIN 0.053/0.069 (1.346/1.748) 0.004/0.010 (0.102/0.249 0.014/0.019 (0.35/0.49) 0.189/0.197 (4.80/5.00) 0.150/0.157 (3.802/3.988) 0.050 BSC (1.270 BSC) 0.228/0.244 (5.801/6.198) 0.010/0.020 (0.254/0.498) 0.016/0.050 (0.406/1.270) 0/8 (0/8)
14-PIN 0.053/0.069 (1.346/1.748) 0.004/0.010 (0.102/0.249) 0.013/0.020 (0.330/0.508)
16-PIN 0.053/0.069 (1.346/1.748) 0.004/0.010 (0.102/0.249) 0.013/0.020 (0.330/0.508)
0.337/0.344 0.386/0.394 (8.552/8.748) (9.802/10.000) 0.150/0.157 (3.802/3.988) 0.050 BSC (1.270 BSC) 0.228/0.244 (5.801/6.198) 0.010/0.020 (0.254/0.498) 0.016/0.050 (0.406/1.270) 0/8 (0/8) 0.150/0.157 (3.802/3.988) 0.050 BSC (1.270 BSC) 0.228/0.244 (5.801/6.198) 0.010/0.020 (0.254/0.498) 0.016/0.050 (0.406/1.270) 0/8 (0/8)
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
(c) 2006 Sipex Corporation
18
ORDERING INFORMATION
Model Temperature Range Package Types SP690TCN......................................................0C to +70C......................................................8-Pin NSOIC SP690TCP......................................................0C to +70C.........................................................8-Pin PDIP SP690TEN.....................................................-40C to +85C....................................................8-Pin NSOIC SP690TEP.....................................................-40C to +85C.......................................................8-Pin PDIP SP690SCN......................................................0C to +70C......................................................8-Pin NSOIC SP690SCP......................................................0C to +70C.........................................................8-Pin PDIP SP690SEN.....................................................-40C to +85C....................................................8-Pin NSOIC SP690SEP.....................................................-40C to +85C.......................................................8-Pin PDIP SP690RCN......................................................0C to +70C......................................................8-Pin NSOIC SP690RCP......................................................0C to +70C.........................................................8-Pin PDIP SP690REN.....................................................-40C to +85C....................................................8-Pin NSOIC SP690REP.....................................................-40C to +85C.......................................................8-Pin PDIP SP802TCN........................................................0C to +70C....................................................8-Pin NSOIC SP802TCP........................................................0C to +70C.......................................................8-Pin PDIP SP802TEN.......................................................-40C to +85C..................................................8-Pin NSOIC SP802TEP.......................................................-40C to +85C.....................................................8-Pin PDIP SP802SCN........................................................0C to +70C....................................................8-Pin NSOIC SP802SCP........................................................0C to +70C.......................................................8-Pin PDIP SP802SEN.......................................................-40C to +85......................................................8-Pin NSOIC SP802SEP.......................................................-40C to +85C.....................................................8-Pin PDIP SP802RCN........................................................0C to 0C........................................................8-Pin NSOIC SP802RCP........................................................0C to+70C...................................................... 8-Pin PDIP SP802REN.......................................................-40C to +85C..................................................8-Pin NSOIC SP802REP.......................................................-40C to +85C.....................................................8-Pin PDIP SP804TCN.......................................................0C to +70C.....................................................8-Pin NSOIC SP804TCP.......................................................0C to +70C........................................................8-Pin PDIP SP804TEN......................................................-40C to +85C...................................................8-Pin NSOIC SP804TEP......................................................-40C to +85C......................................................8-Pin PDIP SP804SCN.......................................................0C to +70C.....................................................8-Pin NSOIC SP804SCP.......................................................0C to +70C........................................................8-Pin PDIP SP804SEN......................................................-40C to +85C...................................................8-Pin NSOIC SP804SEP......................................................-40C to +85C......................................................8-Pin PDIP SP804RCN.......................................................0C to +70C.....................................................8-Pin NSOIC SP804RCP.......................................................0C to +70C........................................................8-Pin PDIP SP804REN......................................................-40C to +85C...................................................8-Pin NSOIC SP804REP......................................................-40C to +85C......................................................8-Pin PDIP SP805TCN........................................................0C to +70C....................................................8-Pin NSOIC SP805TCP........................................................0C to +70C.......................................................8-Pin PDIP SP805TEN.......................................................-40C to +8C.................................................. ..8-Pin NSOIC SP805TEP.......................................................-40C to +85C.....................................................8-Pin PDIP SP805SCN........................................................0C to+70C.....................................................8-Pin NSOIC SP805SCP........................................................0C to +70C.......................................................8-Pin PDIP SP805SEN.......................................................-40C to +85C..................................................8-Pin NSOIC SP805SEP.......................................................-40C to +85C.....................................................8-Pin PDIP SP805RCN........................................................0C to +70C....................................................8-Pin NSOIC SP805RCP........................................................0C to +70C.......................................................8-Pin PDIP SP805REN.......................................................-40C to +85C..................................................8-Pin NSOIC SP805REP.......................................................-40C to +85C.....................................................8-Pin PDIP
Please consult the factory for pricing and availability on a Tape-On-Reel option.
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
(c) 2006 Sipex Corporation
19
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation Headquarters and Sales Office 22 Linnell Circle Billerica, MA 01821 TEL: (978) 667-8700 FAX: (978) 670-9001 e-mail: sales@sipex.com Sales Office 233 South Hillview Drive Milpitas, CA 95035 TEL: (408) 934-7500 FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
(c) 2006 Sipex Corporation
20


▲Up To Search▲   

 
Price & Availability of SP805TEP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X