Part Number Hot Search : 
AK53210 IP117 5KP70A IRF8113 D2W101 L7405 SGM8552 TK15402M
Product Description
Full Text Search
 

To Download SP78LXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solved by
SP78LXX
TM
100mA 3-Terminal Positive Voltage Regulator
Features
Output Current up to 100 mA Fixed Output Voltage of 5V and 12V Output Voltage Tolerances of 5% over the Full Temperature Range Internal Short Circuit Current-Limiting Internal Thermal Overload Protection No External Components Available in Lead Free, RoHS Compliant Packaging SOT-8 Package
3 GND 2 1
INPUT GND OUTPUT
Applications
High Efficiency Linear Regulator Post Regulation for Switching Supply Microprocessor Power Supply Mother Board I/O Power Supply
general Description
The SP78LXX series are three terminal positive regulators with several fixed output voltages. These regulators can provide local on-card regulation, eliminating distribution problems associated with single point regulation. The SP78LXX can be used in logic systems, instrumentation, HiFi, and other solid state electronic equipment. When used as a Zener diode/resistor combination replacement, the SP78LXX usually results an effective output impedance improvement of two orders of magnitude, and lower quiescent current. With adequate heat sinking the SP78LXX can deliver 100 mA output current. Current limiting is included to limit the peak output current to a safe value. Thermal protection is also provided. If internal power dissipation becomes too high for the heat sinking provided, the thermal shutdown circuit takes over preventing the IC from overheating. The SP78LXX are available in the plastic TO-92, NSOIC-8, SOT-223 and SOT-89 packages.
TO-2
NSOIC-8
SOT-223
SOT-8
Figure . Package Types of the SP78LXX
Date: 8/3/06 Rev H SP78LXX 00mA 3-Terminal Positive Voltage Regulator (c) 2006 Sipex Corporation
Pin configuration
N Package (TO-2) M3 Package (SOT-223)
3 GND 2 1 INPUT GND OUTPUT
3 2 1
INPUT GND OUTPUT
Connect pin to pin 2 or leave pin electrically isolated
N Package (NSOIC-8)
OUTPUT GND GND N/C 2 3 8 7 6 INPUT GND GND N/C GND
M Package (SOT-8)
3 2 1 INPUT GND OUTPUT
Figure 2. Pin Configuration of the SP78LXX (Top View)
Functional Block Diagram
3 (8)
INPUT
1
OUTPUT
A(B) A for 3-pin B for 8-pin
2, 4 (2, 3, 6, 7)
GND
Figure 3. Functional Block Diagram of the SP78LXX
Date: 8/3/06 Rev H SP78LXX 00mA 3-Terminal Positive Voltage Regulator (c) 2006 Sipex Corporation
2
Absolute Maximum Ratings (note 1)
Parameter Input Voltage Operating Junction Temperature Range Lead Temperature (Soldering, 10sec) Power Dissipation (TA=25oC) Symbol VCC TJ TLEAD PD TO-92 NSOIC SOT-223 SOT-89 Storage Temperature Range ESD (Machine Model) TSTG -65 to 150 300 Value 20 0 to125 265 0.65 0.6 0.7 0.65
o
Unit V
oC o
C
W
C
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods may affect device reliability.
Recommended Operating conditions
Parameter Operating Junction Temperature Range
Symbol TJ
Min 0
Max 125
Unit
o
C
electrical characteristics SP78L05 electrical characteristics
Limits in standard typeface are for TJ =25oC, Bold typeface applies over 0oC to 125oC, IO=40 mA, CI =0.33 F, CO=0.1 F, VI =10V, unless otherwise specified.
Parameter Output Voltage Symbol VO 7.0V 1.0mA Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Peak Output Current Average Temperature Coefficient of Output Voltage Minimum Value of Input Voltage Required to Maintain Line Regulation VRLINE VRLOAD IQ IQ NO VI/ VO IPK VO/ T VI(Min) IO = 5.0mA 8.0V 1.0mA 10Hz f VI IO 15V 40mA 100kHz (Note 3) VI 15V 47 40 62 150 -0.65 6.7 7 7.0V 1.0mA VI IO VI IO 15V 40mA (Note 2) 15V 100mA 18 20 3 75 60 5 1.0 0.1 V dB mA mV/ oC V mV mV mA mA Conditions Min 4.8 4.75 Typ 5 Max 5.2 5.25 Unit V
f=120Hz, 8.0V
Note 2: Power Dissipation 0.6W Note 3: Recommended minimum load capacitance of 0.01 F to limit high frequency noise.
Date: 8/3/06 Rev H SP78LXX 00mA 3-Terminal Positive Voltage Regulator (c) 2006 Sipex Corporation
3
electrical characteristics (continued) SP78L12 electrical characteristics
Limits in standard typeface are for TJ =25oC, Bold typeface applies over 0oC to 125oC, IO=40 mA, CI =0.33 F, CO=0.1 F, VI =18V, unless otherwise specified.
Parameter Output Voltage Symbol VO 15V 1.0mA Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Peak Output Current Average Temperature Coefficient of Output Voltage Minimum Value of Input Voltage Required to Maintain Line Regulation VRLINE VRLOAD IQ IQ NO VI/ VO IPK VO/ T VI(Min) 15V 1.0mA 10Hz f VI IO 18V 40mA 100kHz (Note 3) VI 18V 40 80 54 150 IO = 5.0mA -1.0 13.7 15V 1.0mA VI IO VI IO 18V 40mA (Note 2) 18V 100mA 18 20 3 75 90 5 1.5 0.1 V dB mA mV/ oC V mV mV mA mA Conditions Min 11.5 11.4 Typ 12 Max 12.5 12.6 Unit V
f=120Hz, 15V
Note 2: Power Dissipation 0.6W Note 3: Recommended minimum load capacitance of 0.01 F to limit high frequency noise.
Date: 8/3/06 Rev H
SP78LXX 00mA 3-Terminal Positive Voltage Regulator
(c) 2006 Sipex Corporation
Typical Performance characteristics
Vin-Vout Input/output Differential Voltage (V)
2.0
.8 .6 .
IO=0mA
IO=00mA
Output Voltage (V)
SP78L0 VOUT=V o TJ=2 C Io=0mA Io=mA
Io=00mA
3
2 .0 0.8 0.6 0.
0.2
IO=mA
2
SP78L0 V=%*VO
0 0 2 6 8 0
0.0 -0
-20
0
20
0
60
o
80
00
20
Input voltage (V) VI inputVoltage (V)
Junction Temperature ( C)
Figure . Dropout Characteristics
Figure . Dropout Voltage vs. Junction Temperature
2. 2.8
3.0
Quiescent Current (mA)
Input Bias Current (mA)
2.7
2.6 2. 2. 2.3 2.2
2.
2.0
.
.0
SP78L0 VOUT=.0V IO=0mA TJ=2 C
o
SP78L0 VIN=0V IO=mA
-20 0 20 0 60
o
0.
-0
80
00
20
0.0
0
2
6
8
0
2
6
8
20
Junction Temperature ( C)
Input Voltage (V)
Figure 6. Quiescent Current vs. Junction Temperature
Figure 7. Input Bias Current vs. Input Voltage
Date: 8/3/06 Rev H
SP78LXX 00mA 3-Terminal Positive Voltage Regulator
(c) 2006 Sipex Corporation
Typical Performance characteristics (continued)
No Heatsink
Power Dissipation(W)
0.
RJA=20 C/W PD(MAX) to2 C=0.6W
0 2 0 7 00 2
o o
o
0
Ambient Temperature( C)
Figure 8. Maximum Power Dissipation vs. Ambient Temperature (NSOIC-8 Package)
Figure . Line Transient Response
Figure 0. Load Transient Response
Typical Application
VIN +
3
SP78L0
+
VOUT
0.33 F (Note )
2
0. F (Note )
Note 4: Bypass capacitors are recommended for optimum stability and transient response and should be located as close as possible to the regulator.
Figure . Typical Application of the SP78LXX
Date: 8/3/06 Rev H
SP78LXX 00mA 3-Terminal Positive Voltage Regulator
(c) 2006 Sipex Corporation
6
PAckAge: 3 Pin TO-92
Mechanical Dimensions TO-92 Unit: mm(inch)
.00(0.03) .00(0.0) 3.30(0.3) MIN 0.360(0.0) 0.0(0.020) 0.000(0.000) 0.380(0.0) .600(0.063) MAX .00(0.73) .700(0.8)
3.300(0.30)
.300(0.6)
.700(0.8)
3.700(0.6)
0.380(0.0) 0.0(0.022)
.270(0.00) TYP
2.0(0.06) 2.60(0.0)
Date: 8/3/06 Rev H
SP78LXX 00mA 3-Terminal Positive Voltage Regulator
.00(0.) .00(0.7)
(c) 2006 Sipex Corporation
7
PAckAge: 8 Pin nSOic
Mechanical Dimensions (continued) nSOic-8 Unit: mm(inch)
.800(0.8)
7
.000(0.7)
.30(0.03) .70(0.06)
0.320(0.03)
8
7
0.67(0.027) 0.72(0.02)
8
D
.800(0.228) 6.200(0.2)
D 20:
.270(0.00) TYP 0.00(0.00)
0.800(0.03) 0.200(0.008)
R0.0(0.006)
0.300(0.02)
.000(0.03) 3.800(0.0) .000(0.7)
0 8
0.330(0.03) 0.0(0.020) 0.00(0.03)

R0.0(0.006)
0.0(0.007) 0.20(0.00)
Date: 8/3/06 Rev H
SP78LXX 00mA 3-Terminal Positive Voltage Regulator
(c) 2006 Sipex Corporation
8
PAckAge: 3 Pin SOT-223
Mechanical Dimensions (continued): SOT-223 Unit: mm(inch)
6.300(0.28) 6.700(0.26) 2.00(0.) 3.00(0.22) 0.00(0.03) MIN 6.700(0.26) 7.300(0.287)
0.20(0.00) 0.30(0.0)
3.300(0.30)
.70(0.06) TYP 2.300(0.0) TYP .00(0.77) .700(0.8) 0.020(0.00) 0.00(0.00) .00(0.0) .700(0.067) .20(0.060) .800(0.07) 0.60(0.02) 0.80(0.032) 0 0
Date: 8/3/06 Rev H
SP78LXX 00mA 3-Terminal Positive Voltage Regulator
3.700(0.6)
0.20(0.00)
(c) 2006 Sipex Corporation
PAckAge: 3 Pin SOT-89
Mechanical Dimensions (continued): SOT-89 Unit: mm(inch)
.630(0.06) .830(0.072) .00(0.0)*
.00(0.73) .600(0.8)
0.000(0.000) 0.076(0.003)
.00(0.0) .600(0.063)
R0.200(0.008)
0.00(0.03) 3.0(0.6) .20(0.67) .200(0.07) 2.300(0.0) 2.600(0.02)
0
3
PAckAge: 8 Pin SOic
0.360(0.0) 0.80(0.0) 3.000(0.8) 0.360(0.0) 0.80(0.0) 0.0(0.07) 0.60(0.022) 0.360(0.0) 0.0(0.07)
3
0
R0.0(0.006)
Date: 8/3/06 Rev H
SP78LXX 00mA 3-Terminal Positive Voltage Regulator
(c) 2006 Sipex Corporation
0
ORDeRing inFORMATiOn
SP78L Part Number Output Voltage 05: 5V 12: 12V /TR: Tape and Reel or Ammo Blank: Tube or Bulk
-L: Lead Free
Package N1: TO-92 M4: SOT-89 M3: SOT223 N: NSOIC-8
Sipex Corporation's Pb-free products, as designated with "-L" suffix in the part number, are RoHS compliant.
Part number
Temperature Voltage Output Pin Package Range Tolerance Voltage count % % % % % % % % % % V 2V V V 2V 2V V 2V V 2V TO-2 TO-2 NSOIC 8 NSOIC 8 NSOIC 8 NSOIC 8 SOT-223 SOT-223 SOT-8 SOT-8 3 3 8 8 8 8 3 3 3 3
Packing Type 2,000/AMMO 2,000/AMMO 00/TUBE 2,00/TR 00/TUBE 2,00/TR 2,00/TR 2,00/TR ,000/TR ,000/TR
SP78L0N-L/TR 0C to +2C SP78L2N-L/TR 0C to +2C SP78L0N-L SP78L0N-L/TR SP78L2N-L SP78L2N-L/TR 0C to +2C 0C to +2C 0C to +2C 0C to +2C
SP78L0M3-L/TR 0C to +2C SP78L2M3-L/TR 0C to +2C SP78L0M-L/TR 0C to +2C SP78L2M-L/TR 0C to +2C
Solved by
Sipex corporation Headquarters and Sales Office 233 South Hillview Drive Milpitas, CA 03 TEL: (08) 3-700 FAX: (08) 3-7600
TM
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. Date: 8/3/06 Rev H SP78LXX 00mA 3-Terminal Positive Voltage Regulator (c) 2006 Sipex Corporation


▲Up To Search▲   

 
Price & Availability of SP78LXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X