Part Number Hot Search : 
SR5902 UR3060 ZC825B 74ACT541 IF29C93A MB87006 ENA1436 AD7535JP
Product Description
Full Text Search
 

To Download SP7122CEB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solved by
SP7120/22
TM
Evaluation Board Manual
* * * * * * * * LED Driver for common cathode parallel connected LEDs Ultra Low Dropout Voltage of 150mV No EMI, no switching noise Integrated current matching PWM and Analog brightness control Enable/Shutdown control Shutdown current < 1A Small footprint SOT23-6 Package
_______________________________________________________________ DESCRIPTION The SP712X driver's family provides a simple solution for a matched current source for any color common cathode LEDs. The common cathode connection allows the user to increase the led power dissipation by having the cathodes heat sinked to the ground plane of the circuit board. The SP7120 may drive two LEDs or one LED at twice the current with two channels connected in parallel. The factory preset current values of 15mA (version A), 20mA (version B), or 25mA (version C) per channel. The SP7122 has three channels with factory preset current values of 15, 20, or 25mA and may drive three LEDs or one LED at three-times the current with all channels connected in parallel. At shutdown mode (EN pin is LOW) the supply current drops to .04uA typical. The SP712x drivers are available in a small footprint 6-pin SOT23-6 package. __________________________________________________________ BOARD SCHEMATIC
SP7120 Eval Board Schematic
July19-07
SP7120-22 Evaluation Board Manual
(c) 2007 Sipex Corporation
SP7122 Eval Board Schematic _______________________________________________ USING THE EVALUATION BOARD 1) Powering Up the SP7120 or the SP7122 Circuit The Evaluation Board can be powered from inputs ranging from 2.7 to 5.5Vin. All that is required is to populate the LED location with desired LED and connect the source voltage to Vin and GND. There is a jumper located on the PCB. The jumper needs to be set between center pin and Vin to activate the part. If the jumper is left unpopulated the driver will be off due to the pull down resistor on the enable pin. For typical test results please refer to the data sheet. _________________________________________________ EVALUATION BOARD LAYOUT
TOP Side SP7120
TOP Side SP7122
TOP Side SP7122
July9-07
TOP Side SP7122
(c) 2007 Sipex Corporation
SP7120-22 Evaluation Board Manual
Page - 2 -
__________________________________________________________ BILL OF MATERIALS SP7120 QTY 1 2 1 1 1 3 1
Ref Desigantor U1 C1 R1 J1
Manufacturer Sipex Murata Vishay Wurth Wurth Millmax(DigiKey) Sipex
Part Number SP7120*** GRM188R71H102KA01 CRCW060380K6FKEA 61303611121 60900213421 0300-11501-4727100 146-6643-01
Description
1nF Capacitor 80.6K Resistor 3 Pin 2.54 mm Header 2.54mm Jumper Test point pin PCB
***EACH PCB WILL HAVE A STICKER ON IT IDENTIFYING THE WHICH VERSION IC IS ON THE DEMO BOARD SP7122 QTY Ref Manufacturer Part Number Description Desigantor 1 U1 Sipex SP7122*** 2 C1 Murata GRM188R71H102KA01 1nF Capacitor 1 R1 Vishay CRCW060380K6FKEA 80.6K Resistor 1 J1 Wurth 61303611121 3 Pin 2.54 mm Header 1 Wurth 60900213421 2.54mm Jumper 3 Millmax(DigiKey) 0300-11501-4727100 Test point pin 1 Sipex 146-6645-00 PCB ***EACH PCB WILL HAVE A STICKER ON IT IDENTIFYING THE WHICH VERSION IC IS ON THE DEMO BOARD
July9-07
SP7120-22 Evaluation Board Manual
(c) 2007 Sipex Corporation
Page - 3 -
_____________________________________________________ ORDERING INFORMATION
Part Number SP7120AEB SP7120BEB SP7120CEB SP7122AEB SP7122BEB SP7122CEB
Description SP7120A 2 channel (15mA) Eval Board SP7120B 2 channel(20mA) Eval Board SP7120C 2 channel(25mA) Eval Board SP7122A 3 channel(15mA) Eval Board SP7122B 3 channel (20mA) Eval Board SP7122C 3 channel (25mA) Eval Board
For further assistance: Email: WWW Support page: Sipex Application Notes: Sipexsupport@sipex.com http://www.sipex.com/content.aspx?p=support http://www.sipex.com/applicationNotes.aspx
Solved by
TM
Sipex Corporation Headquarters and Sales Office 233 South Hillview Drive Milpitas, CA95035 tel: (408) 934-7500 fax: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
July9-07
SP7120-22 Evaluation Board Manual
(c) 2007 Sipex Corporation
Page - 4 -


▲Up To Search▲   

 
Price & Availability of SP7122CEB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X