Part Number Hot Search : 
MOF5W 3404A ARA1400 29410 1N914B FR104 MM5Z43V 74LS51
Product Description
Full Text Search
 

To Download SOT89 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT89 Thermal Resistance and Derating Information
SOT89 1Watt devices
120 100
D=1 t1 D=t1 tP tP D=0.5
j-a=125C/W Maximum j-tab=10C/W Typical Mounted on a 15 x 15 x 0.6 mm alumina ceramic substrate connected using 25mm x 0.5mm copper wire
qj-a(C/W)
80 60 40
D=0.2
20
D=0.1
D=0.05 Single Pulse
0 100us
1ms
10ms
100ms
1s
10s
100s
Pulse Width
Transient Thermal Resistance
SOT89 (1W) Derating
PD- Power Dissipation (Watts)
1.0
0.8
0.6
0.4 0.2
0
20
40
60
80
100
120
140
160
TA - Ambient Temperature


▲Up To Search▲   

 
Price & Availability of SOT89

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X