Part Number Hot Search : 
H7611 A3PN060 X24128P STP607D A3PN060 M28W201 PD754 62WV5128
Product Description
Full Text Search
 

To Download SOT187-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PDF: 2001 Nov 15
Philips Semiconductors
Package outline
PLCC44: plastic leaded chip carrier; 44 leads
SOT187-2
eD y X A ZE
eE
39
29 28
bp
40
b1 wM 44 HE A e A4 A1 (A 3) k 7 e D HD 17 ZD B vMB vM A 6 18 Lp detail X
1
pin 1 index
E
0
5 scale
10 mm
DIMENSIONS (mm dimensions are derived from the original inch dimensions) A4 A1 UNIT A A3 D(1) E(1) e eD eE HD bp b1 max. min.
mm 4.57 4.19 0.51 0.25 0.01 3.05 0.53 0.33 0.81 0.66
HE
k
Lp
1.44 1.02
v
0.18
w
0.18
y
0.1
ZD(1) ZE(1) max. max.
2.16 2.16
16.66 16.66 16.00 16.00 17.65 17.65 1.22 1.27 16.51 16.51 14.99 14.99 17.40 17.40 1.07 0.63 0.59 0.63 0.59
45 o
0.180 inches 0.02 0.165
0.021 0.032 0.656 0.656 0.05 0.12 0.013 0.026 0.650 0.650
0.695 0.695 0.048 0.057 0.007 0.007 0.004 0.085 0.085 0.685 0.685 0.042 0.040
Note 1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. OUTLINE VERSION SOT187-2 REFERENCES IEC 112E10 JEDEC MS-018 JEITA EDR-7319 EUROPEAN PROJECTION
ISSUE DATE 99-12-27 01-11-14


▲Up To Search▲   

 
Price & Availability of SOT187-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X