Part Number Hot Search : 
A2700 2SC33 MKP1841 SZ453G 2SC33 STPS1 2SC33 BYV26E
Product Description
Full Text Search
 

To Download SNC56205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SNC562
Two Channel Direct Drive Speech Controller
1 INTRODUCTION
SNC562 is a two-channel voice synthesizer IC with PWM direct drive circuit. It built-in a 4-bit tiny controller with one 4-bit input port and two 4-bit I/O ports. By programming through the tiny controller in SNC562, user's varied applications including voice section combination, key trigger arrangement, output control, and other logic functions can be easily implemented.
2 FEATURES
Single power supply 2.4V - 5.5V 31 seconds voice capacity are provided(@6KHZ sample rate) Built in a 4-bit tiny controller One 4-bit input port and two 4-bit I/O ports are provided 128*4 bits RAM are provided 96K*10 ROM size are provided for voice data and program Maximum 16k program ROM is provided Readable ROM code data IR carrier signal is provided Built in a high quality speech synthesizer Adaptive playing speed from 2.5k-20kHz is provided Two independent voice channels (Channel 1 + Channel 2Buo1,Buo2) Built in a PWM Direct Drive circuit and a fixed current D/A output System clock : 2MHz Low Power Reset
Ver: 1.4
1
June 8, 2005
SNC562
Two Channel Direct Drive Speech Controller
3 Block Diagram
ROM
Program/Speech 96Kx10 bits Address Pointers/ STACK SRAM (128 nibbles) Timer ALU IO1 Timing Generator
OSC
Sampling Rate Counter x 2
PWM D/A IO3
Voice Synthesizer IO2
4 PIN ASSIGNMENT
Symbol P13 ~ P10 P23 ~ P20 P33 ~ P30 VDD GND RST OSC BUO1/VO BUO2 I/O I I/O I/O P P I O O O Function Description Bit3 ~ Bit0 of Input port 1 Bit3 ~ Bit0 of I/O port 2 Bit3 ~ Bit0 of I/O port 3 Positive power supply Negative power supply Reset pin (active high) Oscillator / Crystal Out Positive Output of PWM or DA output Negative Output of PWM
Ver: 1.4
2
June 8, 2005
SNC562
Two Channel Direct Drive Speech Controller
5 FUNCTION DESCRIPTIONS 5.1. Oscillator
SNC562 accept RC type oscillator for system clock. The typical circuit diagram for oscillator is listed as follow.
VCC
RC Oscillator
5.2. ROM
SNC562 contains substantial 96K words (10-bit) internal ROM. Program, voices and other data are shared with this same 96K words ROM.
5.3. RAM
SNC562 contains 128 nibbles RAM. The 128 nibbles RAM are divided into eight pages (page 0 to page 7, 16 nibble RAM on each page). In our programming structure, users can easily define and locate RAM page in the program. For instance, users can use the instructions, PAGEn (n=0 to 7) to switch and indicate the RAM page. Besides, users can use direct mode, M0 ~ M15 in the data transfer type instructions, to access all 16 nibbles of each page.
5.4. Power Down Mode
"End" instruction will power down SNC562 and enable IC to consume fewer current for power saving. (<3uA @VDD=3V and <5uA @VDD=5V) Please be aware that when the power down mode is activated in SNC562, any valid data transition (L H or H L) occurring on any input port (P1) or IO ports (P2 and P3) will lead SNC562 back to normal operation mode.
5.5. Sampling Rate Counters
2 independent sampling rate counters are dedicated to 2 individual voice channels to be able to play diverse voices at different sample playing rates. The playing rate can be adaptively set up among from the wide ranges of 2.5KHz to 20KHz. This feature makes voice close to its original source and yield the better voice quality.
Ver: 1.4
3
r
June 8, 2005
OSC
SNC562
Two Channel Direct Drive Speech Controller
5.6. I/O Ports
P1 is a 4-bit input port and P2/P3 are two 4-bit I/O ports. Any bit of P2 and P3 can be programmed as either input or output port individually. Any valid data transition (H L or L H) of P1, P2 and P3 can reactivate the chip when the chip is in power-down mode.
PAD
To Internal Data Bus
Read Control
Weak
Input Port Configuration (P10~P13)
Port Data PAD Port Status Weak
To Internal Data Bus
Read Control
I/O Port Configuration (P20~P23, P30~P33) Note: weak N-MOS's can serve as pull-low resistors.
Ver: 1.4
4
June 8, 2005
SNC562
Two Channel Direct Drive Speech Controller
5.7. IR Function
P33 can be modulated with 38.5KHz square wave before sent out to P33 pin. The IR signal can be achieved by this modulated signal.
38.5KHZ "1"
PAD
Mode
P33
5.8. DAC & PWM
SNC562 is an advanced chip to be designed having two optimal methods to play out the voices. One is DAC and the other is PWM. Upon user's applications, user can select either DAC or PWM in his design. Please be aware that only one method can be activated at a time. DAC: A 7-bit current type digital-to-analog converter is built-in SNC562. The relationship between input digital data and output analog current signal is listed in the following table. Also, the recommended application circuit is illustrated as follows. Input data 0 1 ... N ... 127 Typical value of output current (mA) 0 3/127 n*(3/127) 3
Ver: 1.4
5
June 8, 2005
SNC562
Two Channel Direct Drive Speech Controller
VCC
BUO1/VO 1K
DAC output PWM: A PWM (pulse width modulation) circuit is built-in SNC562. PWM can convert input digital data into pulse trains with suitable different pulse width. The maximum resolution of PWM is 7 bits. Two huge output stage circuits are designed in SNC562. With this advanced circuit, the chip is capable of driving speaker directly without external transistors. The recommended application circuit is illustrated as follows.
BUO1/VO BUO2
PWM Output
Ver: 1.4
6
June 8, 2005
SNC562
Two Channel Direct Drive Speech Controller
6 ABSOLUTE MAXIMUM RATING
Items Supply Voltage Input Voltage Operating Temperature Storage Temperature Symbol VDD-V VIN TOP TSTG Min -0.3 VSS-0.3 0 -55.0 Max 6.0 VDD+0.3 55.0 125.0 Unit. V V o C o C
7 ELECTRICAL CHARACTERISTICS
Item Operating Voltage Standby current Operating Current Input current of P1, P2, P3 Drive current of P2, P3 Sink Current of P2, P3 Drive current of P2, P3 Sink Current of P2, P3 Drive current of Buo1 Sink Current of Buo1 Drive Current of Buo2 Sink Current of Buo2 Oscillation Freq. IR Carrier Frequency Sym. Min. Typ. Max. Unit Condition VDD 2.4 3.0 5.5 V ISBY 3.0 uA VDD=3V, no load IOPR 300 uA VDD=3V, no load IIH 3.0 10.0 uA VDD=3V,VIN=3V IOD IOS IOD IOS IOD IOS IOD IOS FOSC Fir 100 100 100 100 4 6 5 9 120 120 120 120 2.0 38.5 mA VDD=3V,VO=2.4V mA VDD=3V,VO=0.4V mA VDD=4.5V,VO=3.9V mA VDD=4.5V,VO=0.4V mA VDD=3V,Buo1=1.5V mA VDD=3V,Buo1=1.5V mA mA MHz KHz VDD=3V,Buo2=1.5V VDD=3V,Buo2=1.5V VDD=3V Fosc=2MHz
Ver: 1.4
7
June 8, 2005
Two Channel Direct Drive Speech Controller
SNC562
VDD TR1 VDD P10 R OSC RST P12 P13 P30 P31 P32 P33
VDD
TR5
TR9
TR13
TR2
TR6
TR10
TR14
P11
TR3
TR7
TR11
TR15
SNC562
P20 P21 P22 P23
TR4
TR8
TR12
TR16
8 APPLICATION CIRCUIT
8050 1K
GND
D/A Speaker Output
VO1
16 Scan Keys
Ver: 1.4
8
June 8, 2005
SNC562
Two Channel Direct Drive Speech Controller
9 BONDING PAD
P 10 P 11 P 12 P13 P20 O SC
1 2 3 4 5 67 GND 8 BUO1 9 VDD
9
19 18 17 16 15 14 13 10 11 GND BUO2 12
RST P33 P32 P31 P30 P23 P22 P21
Note: The substrate MUST be connected to Vss in PCB layout.
Ver: 1.4
June 8, 2005
SNC562
Two Channel Direct Drive Speech Controller
DISCLAIMER
The information appearing in SONiX web pages ("this publication") is believed to be accurate. However, this publication could contain technical inaccuracies or typographical errors. The reader should not assume that this publication is error-free or that it will be suitable for any particular purpose. SONiX makes no warranty, express, statutory implied or by description in this publication or other documents which are referenced by or linked to this publication. In no event shall SONiX be liable for any special, incidental, indirect or consequential damages of any kind, or any damages whatsoever, including, without limitation, those resulting from loss of use, data or profits, whether or not advised of the possibility of damage, and on any theory of liability, arising out of or in connection with the use or performance of this publication or other documents which are referenced by or linked to this publication. This publication was developed for products offered in Taiwan. SONiX may not offer the products discussed in this document in other countries. Information is subject to change without notice. Please contact SONiX or its local representative for information on offerings available. Integrated circuits sold by SONiX are covered by the warranty and patent indemnification provisions stipulated in the terms of sale only. The application circuits illustrated in this document are for reference purposes only. SONIX DISCLAIMS ALL WARRANTIES, INCLUDING THE WARRANTY OF MERCHANTABILITY OR FITNESS FOR ANY PURPOSE. SONIX reserves the right to halt production or alter the specifications and prices, and discontinue marketing the Products listed at any time without notice. Accordingly, the reader is cautioned to verify that the data sheets and other information in this publication are current before placing orders. Products described herein are intended for use in normal commercial applications. Applications involving unusual environmental or reliability requirements, e.g. military equipment or medical life support equipment, are specifically not recommended without additional processing by SONIX for such application.
Ver: 1.4
10
June 8, 2005
SNC562
Two Channel Direct Drive Speech Controller
GREEN VOICE
Ver: 1.4
11
June 8, 2005


▲Up To Search▲   

 
Price & Availability of SNC56205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X