Part Number Hot Search : 
AE10066 FS8205A FN155M1H E008063 AN17821 SAM9G XP6210 1N4933G1
Product Description
Full Text Search
 

To Download SNC21300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SNC21300
1-CH H.Q. Speech Controller
===================== CONTENTS =====================
1. 2. 3. 4. 5. INTRODUCTION............................................................................................................3 FEATURES ......................................................................................................................3 PIN ASSIGNMENT.........................................................................................................4 BLOCK DIAGRAM ........................................................................................................4 FUNCTION DESCRIPTIONS .......................................................................................5 5.1 5.2 5.3 5.4 5.5 5.6 5.7 5.8 5.9 5.10 5.11 5.12 6. 7. 8. OSCILLATOR ...............................................................................................................5 ROM ..........................................................................................................................5 RAM ..........................................................................................................................5 POWER DOWN MODE..................................................................................................5 SAMPLING RATE COUNTER .........................................................................................5 I/O PORTS...................................................................................................................6 IR FUNCTION ..............................................................................................................6 PWM IO CONTROL .....................................................................................................6 WATCH DOG TIMER....................................................................................................6 PUSH-PULL & DA OUTPUT ........................................................................................7 MARK REGISTER .........................................................................................................8 LOW VOLTAGE HOLD .................................................................................................8
ABSOLUTE MAXIMUM RATING ..............................................................................9 ELECTRICAL CHARACTERISTICS .........................................................................9 APPLICATION CIRCUIT ...........................................................................................10
Ver: 1.0
1
November 08, 2006
SNC21300
1-CH H.Q. Speech Controller
AMENDENT HISTORY
Version Ver 1.0 Date November 08, 2006 First issue Description
Ver: 1.0
2
November 08, 2006
SNC21300
1-CH H.Q. Speech Controller
1. INTRODUCTION
SNC21300 is a one-channel voice synthesizer IC with Push-Pull direct drive circuit. It built in a 4-bit tiny controller with four 4-bit I/O ports. By programming through the tiny controller in SNC21300, user's varied applications including voice section combination, key trigger arrangement, output control, and other logic functions can be easily implemented.
2. FEATURES
Single power supply 2.4V - 5.5V System Clock is 2MHz, the instruction cycle is 4us 300 seconds voice capacity are provided (@6KHZ sample rate) Built in a 4-bit tiny controller I/O Port Four 4-bit I/O ports P1, P2, P3 and P6 are provided The driving/sink current of P3.2 & P3.3 is up to 8mA/16mA The IO pins P3.3 or P2.3 can be modulated with 38.5Khz carry signal to implement IR function. PWM output for IO (P3.0~P3.3) 128*4 bits RAM are provided Maximum 16k program ROM is provided 912K*10 shared ROM for voice data and program Readable ROM code data Built-in one channel High Quality speech synthesizer Adaptive playing speed from 2.5k-20kHz is provided Automatic repetition Support 5-bit ADPCM and 10 bit PCM format Built in an 8-level volume control Push-Pull Direct Drive circuit output, can directly connected to Speaker for sound output 12 bit Push-Pull DA output and 12 bit current DAC output Event Mark function supported Low-Voltage Detect circuit Watch Dog Timer Reset function.
Ver: 1.0
3
November 08, 2006
SNC21300
1-CH H.Q. Speech Controller
3. PIN ASSIGNMENT
Symbol P10~P13 P20~P23 P30~P33 P60~P63 RST TEST FUSEPAD OSC RCSEL DAON DAOP DACO VDD GND I/O I/O I/O I/O I/O I I I I I O O O P P Function Description I/O port 1: IO I/O port 2: IO I/O port 3: IO I/O port 6: IO Reset Chip (Active H) Test pin Fuse mode selection pad The test mode clock input pad or OSC Ring OSC R selection Push-Pull output 1 Push-Pull output 2 Current DAC output Positive power supply Negative power supply
4. Block Diagram
ROM
Program/Speech
Address Pointers/ STACK SRAM (128 nibbles)
Timing Generator
OSC
Sampling Rate Counter Voice Synthesizer PWM IO
Watch Dog Timer Push-Pull Circuit
Timer ALU
IO port 1
IO port 2
IO port 3
IO port 6
Ver: 1.0
4
November 08, 2006
SNC21300
1-CH H.Q. Speech Controller
5. FUNCTION DESCRIPTIONS 5.1 Oscillator
System clock define 2 Mhz, the souce provided by internal R-type ring oscillator or external resistor ring oscillator. This option is controlled by pin, RCSEL. RCSEL = 1 using the external R 180Kohm RCSEL = 0 using the internal R
5.2
ROM
SNC21300 contains a substantial maximum 912K words (10-bit) internal ROM, which is shared by program and resource data. Program, voice and data are shared within this same 912K words ROM.
5.3
RAM
SNC21300 contains maximum 128 nibble RAM (128 x 4-bits). The 128 nibble RAM is divided into eight pages (page 0 to page 7, 16 nibble RAM on each page). In our programming structure, users can use the instructions, PAGE n (n=0 to 7) to switch and indicate the RAM page. Besides, users can use direct mode, M0 ~ M15 in the data transfer type instructions, to access all 16 nibbles of each page.
5.4
Power Down Mode
"End" instruction makes the IC entering into Stop Mode will stop the system clock for power savings (<3uA @VDD=3V and <6uA @VDD=4.5V.) Any valid data transition (L H or H L) occurring on any IO pin can be used to start the system clock and return to normal operating mode.
5.5
Sampling Rate Counter
The unique sampling rate counter is designed in voice channel to be able to play diverse voices at different sample playing rates. The playing rate can be adaptively set up among from the wide ranges of 2.5KHz to 20KHz. This architecture yields a high-quality voice synthesis that sounds very close to its original source when played through the same amplifier and speaker circuitry.
Ver: 1.0
5
November 08, 2006
SNC21300
1-CH H.Q. Speech Controller
5.6
I/O Ports
There are four 4-bit I/O ports P1, P2, P3 and P6. Any I/O can be individually programmed as either input pull low or output. Any valid data transition (H L or L H) of P1, P2, P3 and P6 can reactivate the chip when it is in power-down stage.
Port Data PAD Port Status Weak
To Internal Data Bus
Read Control
I/O Port Configuration Note: (1) Weak N-MOS can serve as pull-low resistor. (2) The driving/sink current of P3.3 & P3.2 is up to 8mA/16mA
5.7
IR Function
Bit 3 of Mode Register is applied to control the IR function. P33 can be modulated with 38.5KHz square wave before sent out to P3.3 or P2.3 pin. P3.3 and P2.3 out is controlled by Mode1.1. If Mode1.1 set 1 IR is use P2.3, set "0" is use P3.3. The IR signal can be achieved by this modulated signal.
5.8
PWM IO control
SNC21300 have support 4 PWM IO (P30~P33). Each I/O has 8 bits independent duty register.
5.9
Watch Dog Timer
SNC21300 built an internal WDT (Watch Dog Timer). This Watchdog timer would issue resets signal to this chip if it is not cleared before reaching terminal count (1sec). The watchdog timer is enabled at reset and cannot be disabled.
Ver: 1.0
6
November 08, 2006
SNC21300
1-CH H.Q. Speech Controller
5.10
Push-Pull & DA Output
SNC21300 is an advanced chip to be designed having two optimal methods to play out the voices. One is DAC and the other is Push-Pull. Upon user's applications, user can select either DAC or PWM in his design. Please be aware that only one method can be activated at a time. Push-Pull: An 8-level volume control Push-Pull Direct Drive circuit is built-in SNC21300. The maximum resolution of Push-Pull is 12 bits. Two huge output stage circuits are designed in SNC21300. With this advanced circuit, the chip is capable of driving speaker directly without external transistors.
Audio in
0.5 Vdd +
VON
0.5 Vdd +
VOP
Push-Pull Output DAC: A 12-bit current type digital-to-analog converter is built-in SNC21300
VCC
DACO
1K
Ver: 1.0
7
November 08, 2006
SNC21300
1-CH H.Q. Speech Controller
5.11
Mark register
If user had insert Mark into wave file. The Mark data will be fetched into this register during voice playing. The content of this register will be cleared to "0" automatically once user accesses this register.
5.12
Low Voltage Hold
This function enables chips entering Hold mode when voltage is below 2.1V and will back to work after voltage rise up to 2.1V. Chip will not entering hold mode before current Instruction finish. When chip in Hold mod, ROSC will keep running, and all the content of Latch/Register/SRAM will keep unchanged.
Ver: 1.0
8
November 08, 2006
SNC21300
1-CH H.Q. Speech Controller
6. ABSOLUTE MAXIMUM RATING
Items Supply Voltage Input Voltage Operating Temperature Storage Temperature Symbol VDD-V VIN TOP TSTG Min -0.3 VSS-0.3 0 -55.0 Max 6.0 VDD+0.3 55.0 125.0 Unit. V V o C o C
7. ELECTRICAL CHARACTERISTICS
Item Operating Voltage Standby current Operating Current Input current of P1, P2, P3, P6 Drive current of P1, P2, P3.0, P3.1, P6 Sink Current of P1, P2, P3.0, P3.1, P6 Drive current of P3.2, P3.3 Sink current of P3.2, P3.3 Push-Pull current Push-Pull current Oscillation Freq. Drive Current of DACO Sym. Min. Typ. Max. Unit Condition VDD 2.4 3.0 5.5 V ISBY 3.0 uA VDD=3V, no load 5.0 VDD=4.5V, no load IOPR 300 uA VDD=3V, no load IIH 3.0 uA VDD=3V,VIN=3V IOD IOS IOD IOS IPP IPP FOSC IOD 3 4 6 10 4 6 8 16 70 100 2.0 3 mA VDD=3V,VO=2.4V mA VDD=3V,VO=0.4V mA VDD=3V,VO=2.4V mA VDD=3V,VO=2.4V mA VDD=3V, Output 1K Sin wave. mA VDD=4.5V, Ouput 1K Sin wave. MHz VDD=3V mA VDD=3V,DACO=0.7V
Ver: 1.0
9
November 08, 2006
SNC21300
1-CH H.Q. Speech Controller
VDD
TR1
VDD
TR5
TR9
TR13
P10
TR2
TR6
TR10
TR14
P11
TR3
TR7
TR11
TR15
RST
SNC21300
P12 P13
TR4
TR8
TR12
TR16
P30
P20
P31 P32 P33
P21 P22 P23
8. APPLICATION CIRCUIT
BUO1
BUO2
GND
Ver: 1.0
10
November 08, 2006
SNC21300
1-CH H.Q. Speech Controller
DISCLAIMER The information appearing in SONiX web pages ("this publication") is believed to be accurate. However, this publication could contain technical inaccuracies or typographical errors. The reader should not assume that this publication is error-free or that it will be suitable for any particular purpose. SONiX makes no warranty, express, statutory implied or by description in this publication or other documents which are referenced by or linked to this publication. In no event shall SONiX be liable for any special, incidental, indirect or consequential damages of any kind, or any damages whatsoever, including, without limitation, those resulting from loss of use, data or profits, whether or not advised of the possibility of damage, and on any theory of liability, arising out of or in connection with the use or performance of this publication or other documents which are referenced by or linked to this publication. This publication was developed for products offered in Taiwan. SONiX may not offer the products discussed in this document in other countries. Information is subject to change without notice. Please contact SONiX or its local representative for information on offerings available. Integrated circuits sold by SONiX are covered by the warranty and patent indemnification provisions stipulated in the terms of sale only. The application circuits illustrated in this document are for reference purposes only. SONIX DISCLAIMS ALL WARRANTIES, INCLUDING THE WARRANTY OF MERCHANTABILITY OR FITNESS FOR ANY PURPOSE. SONIX reserves the right to halt production or alter the specifications and prices, and discontinue marketing the Products listed at any time without notice. Accordingly, the reader is cautioned to verify that the data sheets and other information in this publication are current before placing orders. Products described herein are intended for use in normal commercial applications. Applications involving unusual environmental or reliability requirements, e.g. military equipment or medical life support equipment, are specifically not recommended without additional processing by SONIX for such application.
Ver: 1.0
11
November 08, 2006


▲Up To Search▲   

 
Price & Availability of SNC21300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X