Part Number Hot Search : 
YG4558 W9864G6 3AB10 10U12AA N4005 FDD8445 UPD6316C C2012X7
Product Description
Full Text Search
 

To Download SMR3D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMR3D
Vishay Foil Resistors
SURFACE MOUNT
Bulk Metal(R) Foil Technology Precision Molded Surface Mount Resistor
FEATURES * Performance Similar to Time Tested S102 Through Hole Resistor * Temperature Coefficient of Resistance -- Nominal TCR: + 0.6ppm/C (0C to + 25C); - 0.6ppm/C (+ 25C to + 60C) + 2.2ppm/C (- 55C to + 25C) - 1.8ppm/C (+ 25C to + 125C) * Value Range: 5 to 80K * Tight Tolerances: available to 0.01 percent * Power: 0.6 watts @ + 70C * Excellent Long Term Stability: 0.015% * Low Thermal EMF: 0.1V/C maximum * Low Noise, High Frequency Operation * Matched Sets Available * Terminal Finishes Available: Lead (Pb)-free (Sn 100%) Tin/Lead Alloy (Sn 60% Pb 40%)
Product may not be to scale
The SMR3D is a truly precision molded surface mountable resistor offering all the elements of precision; including lowest TCR, tight tolerances, long term stability, low noise, low thermal EMF, and non-measurable voltage coefficient. It utilizes the Bulk Metal(R) Foil technology for the resistive element with its inherent and legendary low predictable TCR* and long term stability. This surface mountable product affords similar performance to the time tested S102 molded through-hole product. Voltage division with tight tracking < 3ppm can be achieved with 2 randomly selected units even with a large ratio between the 2 values. The molded SMR3D, while slightly larger and heavier than the Bulk Metal(R) Foil VSM surface mountable chip resistor, has a rugged construction capable of withstanding significant thermal cycling and allows for board installation without concern for tolerance shifts due to manufacturing processes or mechanical stresses. *Reference Reason 1 in "7 Technical Reasons to specify BULK METAL(R) FOIL Resistors."
TABLE 1 - TOLERANCE VERSUS RESISTANCE VALUE
VALUE () 100 to 80k 20 to < 100 10 to 20 5 to 10 STANDARD TOLERANCE (%) 0.01 0.02 0.05 0.10
FIGURE 1 - NOMINAL TCR
FIGURE 2 - POWER DERATING CURVE
-50 +500 +400 +300 +200 +100
-25
0
+25
+50
+75
+100
+125
Percent of Rated Power @ +125C
-55
200% 175% 150% 125% 100% 75% 50% 25% 0
-55C
+70C
-5
+5
pp m
pp
m
Nominal Resistance/ Temperature (RT) Curve
R R (ppm)
0
-100 -200 -300 -400 -500
Maximum Spread 2.3 ppm/C +2.2 ppm/C Nominal Chord Slope (TCR) -1.8 ppm/C Nominal Chord Slope (TCR) Standard Spread 2.0 ppm/C
-55C / +25C / +125C are the test points with +25C as the reference temperature
-50
-25
0
+25
+50
+75
+100 +125 +150 +175 +200
Ambient Temperature (C)
SALES * ISRAEL: foilsales.israel@vishay.com * FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com * AMERICAS: foilsales.usa@vishay.com * ASIA/JAPAN: foilsales.asia@vishay.com * UK/HOLLAND/SCANDANAVIA: foilsales.eunorth@vishay.com * GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
www.vishay.com 20
For technical questions in the Americas, contact foilsupport1@vishay.com Document Number: 63021 For technical questions in Asia/Japan/Europe/Africa/Israel, contact foilsupport2@vishay.com Revision 16-Aug-04
SMR3D
Bulk Metal Foil Technology Vishay Foil Resistors Precision Molded Surface Mount Resistor
(R)
SURFACE MOUNT
TABLE 2 - MODEL SMR3D SPECIFICATIONS
TEST Resistance Range TCR 0C to + 25C + 25C to + 60C - 55 to + 25C + 25C to + 125C 5 to 30K Rated Power 0.6 watts @ 70C 0.3 watts @ 125C Maximum Working Voltage Maximum Operating Temperature Working Temperature Range Thermal Shock Overload Low Temperature Operation Dielectric Withstanding Voltage Insulation Resistance (M) Resistance to Soldering Heat (%) Moisture Resistance Shock Vibration, High Frequency Load Life Stability Order of Magnitude better than Thin Film Technology High Temperature Exposure Shelf Life Weight Packaging Bulk (Loose) or Tape & Reel, per EIA-481-1 + 125C - 65 to + 125C - 65C to + 175C; 30 minutes; 5 cycles 2.5 x Rated Voltage; 5 Seconds - 65C; 45 minutes @ Rated Power Atmospheric Pressure; AC 200 V; 1 minute DC 100 V; 1 minute + 260C; 10 seconds + 65C to - 10C; 90 to 98% RH; Rated Power; 240 hours 100 G; Sawtooth 10~ 2,000~ 10 Hz; 20 G; X, Y, Z each 2.5 hours 0.3 watts @ + 125C 0.6 watts @ + 70C 0.1 watts @ + 70C 2,000 hours 2,000 hours 2,000 hours 0.01% 0.01% 0.01% 0.01% over 10,000 0.03%, 0.01% Typical 0.05% 0.01% 0.01% 0.015% 0.015% 0.005% 0.05% 0.0025% (1 year) 0.005% (3 years) 0.244 Grams above 30K 0.4 watts 0.2 watts 300 Volts See Figure 2, Previous page See Figure 1 CONDITIONS MAXIMUM LIMIT 5 to 80K
+ 175C; No Load 2,000 hours 15 to 35C; 15 to 75% RH; No Load; 10,000 hours
SALES * ISRAEL: foilsales.israel@vishay.com * FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com * AMERICAS: foilsales.usa@vishay.com * ASIA/JAPAN: foilsales.asia@vishay.com * UK/HOLLAND/SCANDANAVIA: foilsales.eunorth@vishay.com * GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
For technical questions in the Americas, contact foilsupport1@vishay.com Document Number: 63021 For technical questions in Asia/Japan/Europe/Africa/Israel, contact foilsupport2@vishay.com Revision 16-Aug-04
www.vishay.com 21
SMR3D
Vishay Foil Resistors
SURFACE MOUNT
Bulk Metal(R) Foil Technology Precision Molded Surface Mount Resistor
FIGURE 3 - MODEL SMR3D DIMENSIONS in inches (millimeters)
Side View L
TH Minimum Stand Off Top View
80K00T80 (DATE CODE)
End View P P H
V
W Bottom View TW
MODEL SMR3D
L 0.287 0.012 (7.3 0.30)
W 0.170 0.012 (4.3 0.30)
H 0.110 0.012 (2.8 0.30)
P 0.051 0.012 (1.3 0.30)
TW 0.095 0.004 (2.4 0.10)
TH (MINIMUM) 0.039 (1.0)
FIGURE 4 - RECOMMENDED MOUNTING PAD GEOMETRIES in inches (millimeters)
B
Wave Solder Pads D C
E A
Reflow Solder Pads D C B
E A
METHOD Wave
A
B
C REF 0.175 (4.45)
D
E
METHOD
A MINIMUM 0.118 (3.00)
B REF 0.106 (2.70)
C REF 0.175 (4.45)
D
E REF 0.050 (1.28)
MINIMUM REF 0.066 0.106 (1.68) (2.70)
0.04 ( 1.0)
0.388 (9.85)
REF 0.050 Reflow (1.28) Per IPC-SM-782 Rev A
0.04 ( 1.0)
0.388 (9.85)
TABLE 2 - ORDERING INFORMATION
MODEL SMRC3D 5 to <1K Example: 249R00 - 249 1K to 80K Example: 80K000 = 80K R K x 1.0 x 103 RESISTANCE RANGE RESISTANCE VALUE LETTER MULTIPLIER DESIGNATOR FACTOR TOLERANCE T = 0.01% Q = 0.02% A = 0.05% B = 0.1% C = 0.25% D = 0.5% F = 1.0% TERMINATION S - Lead (Pb)-free B - Tin/Lead PACKAGING T = Tape and Reel B = Bulk Pack
SALES * ISRAEL: foilsales.israel@vishay.com * FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com * AMERICAS: foilsales.usa@vishay.com * ASIA/JAPAN: foilsales.asia@vishay.com * UK/HOLLAND/SCANDANAVIA: foilsales.eunorth@vishay.com * GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
www.vishay.com 22
For technical questions in the Americas, contact foilsupport1@vishay.com Document Number: 63021 For technical questions in Asia/Japan/Europe/Africa/Israel, contact foilsupport2@vishay.com Revision 16-Aug-04


▲Up To Search▲   

 
Price & Availability of SMR3D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X