Part Number Hot Search : 
A3961SB CPC1908J EST7502B 815DE MAX4780 DAC855 LT173 NDT452
Product Description
Full Text Search
 

To Download SMR1D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMR1D
Vishay Foil Resistors
SURFACE MOUNT
Bulk Metal(R) Foil Technology Precision Molded Surface Mount Resistor
FEATURES
* Small footprint * Temperature Coefficient of Resistance -- Nominal TCR: + 0.6 ppm/C (0C to + 25C); - 0.6ppm/C (+ 25C to + 60C) + 2.2ppm/C (- 55C to + 25C) - 1.8ppm/C (+ 25C to + 125C) * Value Range: 5 to 33K The SMR1D is a truly precision molded surface mountable resistor offering all the elements of precision; including lowest TCR, tight tolerances, long term stability, low noise, low thermal EMF, and non-measurable voltage coefficient. It utilizes the Bulk Metal(R) Foil technology for the resistive element with its inherent and legendary low predictable TCR* and long term stability. This surface mountable product affords similar performance to the time tested S102 molded through-hole product. Voltage division with tight tracking < 3ppm can be achieved with 2 randomly selected units even with a large ratio between the two values. The molded SMR1D, while slightly larger and heavier than the Bulk Metal(R) Foil VSM surface mountable chip resistor, has a rugged construction capable of withstanding significant thermal cycling and allows for board installation without concern for tolerance shifts due to manufacturing processes or mechanical stresses. *Reference Reason 1 in "7 Technical Reasons to Specify BMF Resistors." * Tight Tolerances available to 0.01 percent * Power: 0.25 watts @ + 70C * Excellent Long Term Stability: 0.02% maximum * Low Thermal EMF: 0.1 m V/C maximum * Low Noise, High Frequency Operation * Matched Sets Available
Product may not be to scale
TABLE 1 - TOLERANCE VERSUS RESISTANCE VALUE
VALUE () 100 to 33K 20 to < 100 10 to < 20 5 to < 10 STANDARD TOLERANCE (%) 0.01% 0.02% 0.05% 0.10%
FIGURE 1 - NOMINAL TCR
FIGURE 2 - POWER DERATING CURVE
-55
Percent of Rated Power @ +125C
-50 +500 +400 +300 +200 +100
-25
0
+25
+50
+75
+100
+125
200% 175% 150% 125% 100% 75% 50% 25% 0
-55C
+70C
-5
+5
pp m
pp
m
Nominal Resistance/ Temperature (RT) Curve
R R (ppm)
0
-100 -200 -300 -400 -500
Maximum Spread 2.3 ppm/C +2.2 ppm/C Nominal Chord Slope (TCR) -1.8 ppm/C Nominal Chord Slope (TCR) Standard Spread 2.0 ppm/C
-55C / +25C / +125C are the test points with +25C as the reference temperature
-50
-25
0
+25
+50
+75
+100 +125 +150 +175 +200
Ambient Temperature (C)
VISHAY FOIL * FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 * GERMANY +49.9287.710 FAX: +49 9287.70435 * ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
* ITALY + 39.2.300.11919 FAX: +39.2.300.11999 * JAPAN +81.3.5464.6411 FAX: +81.3.5464.6433 * SINGAPORE +65.788.6668 FAX: +65.788.0988
* SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 * UK +44 191 514 8237 FAX: +44 1953 457 722 * USA +1 610 407-4800 FAX: +1 610 640-9081
www.vishay.com 18
Document Number: 63022 Revision 23-Dec-03
SMR1D
Bulk Metal Foil Technology Surface Mount Precision Resistor
TABLE 2 - MODEL SMR1D SPECIFICATIONS
TEST Resistance Range TCR 0C to + 25C + 25C to + 60C - 55 to + 25C + 25C to + 125C Rated Power 0.250 watts @ 70C 0.125 watts @ 125C Maximum Working Voltage Maximum Operating Temperature Working Temperature Range Thermal Shock Overload Low Temperature Operation Dielectric Withstanding Voltage Insulation Resistance (M) Resistance to Soldering Heat (%) Moisture Resistance Shock Vibration, High Frequency Load Life Stability Order of Magnitude better than Thin Film Technology High Temperature Exposure Shelf Life Weight Packaging Bulk (Loose) or Tape & Reel, per EIA-481-1 + 125C - 65 to + 125C - 65C to + 175C; 30 minutes.; 5 cycles 2.5 x Rated Voltage; 5 Seconds - 65C; 45 minutes @ Rated Power Atmospheric Pressure; AC 200 V; 1 minute DC 100 V; 1 minute 260C; 10 seconds + 65C to - 10C; 90 to 98% RH; Rated Power; 240 hours 100 G; Sawtooth 10~ 2,000~ 10 Hz; 20 G; X, Y, Z each 2.5 hours 0.125 watts @ 125C 2,000 hours. 0.25 watts @ 70C 2,000 hours. 0.04 watts @ 70C 2,000 hours. + 175C; No Load 2,000 hours 15 to 35C; 15 to 75% RH; No Load; 10,000 hours 0.01% 0.01% 0.01% 0.01% over 10,000 0.03%, 0.01% Typical 0.05% 0.01% 0.01% 0.02% 0.02% 0.005% 0.05% 0.0025% (1 year) 0.005% (3 years) 0.1143 grams 54 volts See Figure 2, previous page See Figures 1 CONDITIONS MAXIMUM LIMIT 5 to 33K
(R)
Vishay Foil Resistors
SURFACE MOUNT
VISHAY FOIL * FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 * GERMANY +49.9287.710 FAX: +49 9287.70435 * ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
* ITALY + 39.2.300.11919 FAX: +39.2.300.11999 * JAPAN +81.3.5464.6411 FAX: +81.3.5464.6433 * SINGAPORE +65.788.6668 FAX: +65.788.0988
* SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 * UK +44 191 514 8237 FAX: +44 1953 457 722 * USA +1 610 407-4800 FAX: +1 610 640-9081
Document Number: 63022 Revision 23-Dec-03
www.vishay.com 19
SMR1D
Vishay Foil Resistors
SURFACE MOUNT
Bulk Metal(R) Foil Technology Surface Mount Precision Resistor
FIGURE 3 - MODEL SMR1D DIMENSIONS in inches (millimeters)
Side View L
TH Minimum Stand Off Top View 80K00T 100R0T
(DATE CODE)
End View P P H
W Bottom View TW
V
MODEL SMR1D
L 0.236 0.012 (6.0 0.30)
W 0.126 0.012 (3.2 0.30)
H 0.098 0.012 (2.5 0.30)
P 0.051 0.012 (1.3 0.30)
TW 0.087 0.004 (2.2 0.10)
TH (MINIMUM) 0.039 (1.0)
FIGURE 4 - RECOMMENDED MOUNTING PAD GEOMETRIES in inches (millimeters)
B
Wave Solder Pads D C
Reflow Solder Pads D C B
E A
E A
METHOD Wave
A MINIMUM 0.061 (1.55)
B REF 0.106 (2.70)
C REF 0.124 (3.15)
D
0.04 ( 1.0)
0.337 (8.55)
E REF 0.050 (1.28)
METHOD Reflow
A MINIMUM 0.110 (2.79)
B REF 0.106 (2.70)
C REF 0.124 (3.15)
D
0.04 ( 1.0)
0.337 (8.55)
E REF 0.050 (1.28)
Per IPC-SM-782 Rev A
TABLE 3 - ORDERING INFORMATION
RESISTANCE VALUE MODEL RESISTANCE RANGE 5 to < 1K Example: 249R00 - 249 33K Example: 33K000 = 33.0K LETTER DESIGNATOR R MULTIPLIER FACTOR x 1.0 TOLERANCE T = 0.01% Q = 0.02% A = 0.05% B = 0.1% C = 0.25% D = 0.5% F = 1.0% PACKAGING T = Tape and Reel B = Bulk Pack
SMR1D
K
x 103
VISHAY FOIL * FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 * GERMANY +49.9287.710 FAX: +49 9287.70435 * ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
* ITALY + 39.2.300.11919 FAX: +39.2.300.11999 * JAPAN +81.3.5464.6411 FAX: +81.3.5464.6433 * SINGAPORE +65.788.6668 FAX: +65.788.0988
* SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 * UK +44 191 514 8237 FAX: +44 1953 457 722 * USA +1 610 407-4800 FAX: +1 610 640-9081
www.vishay.com 20
Document Number: 63022 Revision 23-Dec-03


▲Up To Search▲   

 
Price & Availability of SMR1D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X