Part Number Hot Search : 
003VS STK4111 ZPY30 SEC4403C STK4111 W948D2FB 00309 HCR350C
Product Description
Full Text Search
 

To Download SMLC65C-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05105
SMLC6.5C-2
thru
Only One Name Means ProT ek'TionTM
SMLC12C-2
LOW CAPACIT ANCE TVS ARRA Y
APPLICA TIONS T1/E1 RS-422, RS-423 & RS-485 SDH/SONET, ATM Equipment & Systems Industrial Controls & Monitoring Cable Modem Intra-Building Protection IEC COMPA TIBILITY (EN61000-4) 61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns 61000-4-5 (Surge): 8/20s - 95A, L4(Line-Gnd) & 48A, L4(Line-Line) & 83A, L2(Power) FEA TURES 3,600 Watts Peak Pulse Power per Line (tp=8/20s) 600 Watts Peak Pulse Power per Line (tp=10/1000s) 100A (2/10s) per Bellcore GR-1089 (Intra-Building) Bidirectional Configuration High Surge Capability: 80A (10/1000s) Available in 2 Voltages: 6.5V & 12V Protects Two (2) Bidirectional Lines LOW CAPACITANCE: < 30pF per LINE PAIR RoHS Compliant in Lead-Free Versions MECHANICAL CHARACTERISTICS Molded JEDEC SO-16 Package Weight 0.15 grams (Approximate) Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed) Solder Reflow Temperature: Tin-Lead - Sn/Pb, 85/15: 240-245C Pure-Tin - Sn, 100: 260-270C Flammability rating UL 94V-0 16mm Tape and Reel Per EIA Standard 481 Marking: Logo, Part Number, Date Code & Pin One Defined By Dot on Top of Package
SO-16
PIN CONFIGURA TION
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
05105.R4 3/05
1
www.protekdevices.com
SMLC6.5C-2
thru
SMLC12C-2
DEVICE CHARACTERISTICS MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER Peak Pulse Power (tp = 8/20s) Peak Pulse Power (tp = 10/1000s) - See Figure 1 Operating Temperature Storage Temperature SYMBOL PPP PPP TJ TSTG VALUE 3,600 600 -55C to 150C -55C to 150C UNITS Watts Watts C C
ELECTRICAL CHARACTERISTICS PER LINE @ 25C Unless Otherwise Specified
PART NUMBER RATED STAND-OFF VOLTAGE MINIMUM BREAKDOWN VOLTAGE @ 1mA V(BR) VOLTS MAXIMUM LEAKAGE CURRENT @ VWM ID A MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ IPP = 10A VC VOLTS TYPICAL CAPACITANCE
VWM VOLTS
@0V, 1MHz C pF
SMLC6.5C-2 SMLC12C-2
6.5 12.0
7.2 13.3
300 2
12.4 19.9
30 30
100
PPP - Peak Pulse Power - kW
FIGURE 1 PEAK PULSE POWER VS PULSE TIME
IPP - Peak Pulse Current - % of IPP
100 tf
FIGURE 2 PULSE WAVE FORM
TEST WAVEFORM PARAMETERS tf = 10s td = 1,000s td = t I /2 PP
10
Peak Value IPP
600W 10/1000s Waveform 1
50
0.1 0.1
e-t 0 0 1 t - Time - s 2 3
1
10
100 1,000 td - Pulse Duration - s
10,000
100,000
05105.R4 3/05
2
www.protekdevices.com
SMLC6.5C-2
thru
SMLC12C-2
GRAPHS
FIGURE 3 POWER DERATING CURVE
100 80
% Of Rated Power
FIGURE 4 OVERSHOOT & CLAMPING VOLTAGE FOR SMLC6.5C-2
35
Peak Pulse Power 10/1000s
5 Volts per Division
25
60
15
40 20 Average Power 0 0 25 50 75 100 125 TL - Lead Temperature - C 150
5
-5 ESD Test Pulse: 5 kilovolt, 1/30ns (waveform)
FIGURE 5 TYPICAL CLAMPING VOLTAGE VS PEAK PULSE CURRENT FOR SMLC6.5C-2
VC - Clamping Voltage - Volts
16
12
8
4
0 0 10 20 30 IPP - Peak Pulse Current - Amps 40
FIGURE 6 INSERTION LOSS - SMLC6.5C-2
FIGURE 7 RETURN LOSS - SMLC6.5C-2
20 db
10 db per Division 10 db per Division
20 db
Ref 0 db
Ref 0 db
-20 db
-20 db
-50 db 100 MHz per Division 05105.R4 3/05 3
-50 db 100 MHz per Division www.protekdevices.com
SMLC6.5C-2
thru
SMLC12C-2
APPLICA TION NOTE
The SMLCxxC-2 Series are low capacitance, bidirectional TVS arrays that are designed to protect I/O or high speed data lines from the damaging effects of ESD or EFT. This product series has a surge capability of 600 Watts PPP per line for an 10/1000s waveform and ESD protection > 40kV. BIDIRECTIONAL DIFFERENTIAL-MODE CONFIGURATION(Figure 1) Ideal for use multimode transceiver I/O lines, telecommunications and wireless circuits, the SMLCxxC-2 Series provides up to two (2) line pairs of protection in a differential-mode T1/E1 application as depicted in Figure 1. Circuit connectivity is as follows: Line 1 is connected to Pins 1, Line 2 is connected to Pins 3, Line 3 is connected to Pins 5, Line 4 is connected to Pins 7,
2, 4, 6, 8,
15 & 16. 13 & 14. 11, & 12. 9 & 10.
Figure 1. Differential-Mode Protection For T1/E1 Applications
CIRCUIT BOARD LAYOUT RECOMMENDATIONS Circuit board layout is critical for Electromagnetic Compatibility (EMC) protection. The following guidelines are recommended: The protection device should be placed near the input terminals or connectors, the device will divert the transient current immediately before it can be coupled into the nearby traces. The path length between the TVS device and the protected line should be minimized. All conductive loops including power and ground loops should be minimized. The transient current return path to ground should be kept as short as possible to reduce parasitic inductance. Ground planes should be used whenever possible. For multilayer PCBs, use ground vias.
1 2 3 4 16 15 14 13 12 11 10 9

5 6 7 8
05105.R4 3/05
4
www.protekdevices.com
SMLC6.5C-2
thru
SMLC12C-2
PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE
-A-
SO-16
16
9
-B- P 1 8
0.010" (0.25 MM)
M BM
8 PL
PACKAGE DIMENSIONS
DIM MILLIMETERS MIN MAX 9.80 3.80 1.35 0.35 0.40 1.27 BSC 0.19 0.10 5.80 0.25 INCHES MIN MAX
G C 0 - 7 -TK 16 PL
0.010" (0.25 MM) M TBS
M
R X 45
D AS
F
J
A B C D F G J K P R
NOTES
0.393 10.00 0.386 4.00 0.150 0.157 0.068 1.75 0.054 0.49 0.014 0.019 1.25 0.016 0.049 1.27 BSC 0.05 BSC 0.05 BSC 0.25 0.008 0.009 0.009 0.25 0.004 6.20 0.229 0.244 0.50 0.010 0.019
MOUNTING PAD
0.050" TYP 0.030" 0.005"
1. - T - = Seating Plane and Datum Surface. 2. Dimensions "A" and "B" are Datum. 3. Dimensions "A" and "B" do not include mold protrusions. 4. Maximum mold protrusion is 0.015" (0.380 mm) per side. 5. Dimensioning and tolerances per ANSI Y14.5M, 1982. 6. Dimensions are exclusive of mold flash and metal burrs.
TAPE & REEL/BULK ORDERING NOMENCLATURE
0.160" 0.005"
0.245" MIN 1. Surface mount product is taped and reeled in accordance with EIA-481. 2. Suffix-T7 = 7 Inch Reel - 1,000 pieces per 16mm tape, i.e., SMLC6.5C-2-T7. 3. Suffix-T13 = 13 Inch Reel - 2,500 pieces per 16mm tape, i.e., SMLC6.5C-2-T13. 4. Suffix- LF = Lead-Free, Pure-Tin Plating, i.e., SMLC6.5C-2-LF-T7. 5. No Suffix = Product Shipped in Tubes of 37 pcs per Tube.
0.045" 0.005"
Outline & Dimensions: Rev 1 - 11/01, 06007
COPYRIGHT (c) ProTek Devices 2005 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
05105.R4 3/05
5
www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of SMLC65C-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X