Part Number Hot Search : 
PJL9436A 16M0U 2SA1346 MAX746 LA7300M 1S2075K LTC69 DCMO1857
Product Description
Full Text Search
 

To Download SMLA42CSM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMLA42CSM
MECHANICAL DATA Dimensions in mm (inches)
SILICON NPN HIGH VOLTAGE TRANSISTOR IN CERAMIC SURFACE MOUNT PACKAGE
0.51 0.10 (0.02 0.004)
0.31 rad. (0.012)
2.54 0.13 (0.10 0.005)
3
2
1
0.76 0.15 (0.03 0.006)
1.91 0.10 (0.075 0.004) 3.05 0.13 (0.12 0.005) A=
0.31 rad. (0.012)
A 1.40 (0.055) max.
FEATURES
* HIGH BREAKDOWN VOLTAGE * LOW SATURATION VOLTAGES * LOW CAPACITANCE * HERMETIC CERAMIC SURFACE MOUNT PACKAGE SOT23CSM (SOT23 COMPATIBLE)
1.02 0.10 (0.04 0.004)
SOT23 CERAMIC (LCC1 PACKAGE)
Underside View PAD 1 - Base PAD 2 - Collector PAD 3 - Emitter
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VCBO VCEO VEBO IC PD Tj Tstg Semelab plc. Collector - Base Voltage Collector - Emitter Voltage Emitter - Base Voltage Collector Current Total Device Dissipation Derate Above 25C Maximum Junction Temperature Storage Temperature Range
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
300V 300V 6V 500mA 350mW 2.0mW/C 200C -55 to 200C
Prelim. 7/94
SMLA42CSM
ELECTRICAL CHARACTERISTICS (Tcase = 25C unless otherwise stated)
Parameter
V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO VCE(sat) VBE(sat) Collector - Base breakdown voltage Collector - Emitter breakdown voltage Emitter - Base breakdown voltage Collector cut-off current Emitter cut-off current Collector - Emitter saturation voltage Base - Emitter saturation voltage DC Current gain
Test Conditions
IC = 100mA IC = 1mA IE = 100mA VCB = 200V VEB = 6V IC = 20mA IC = 20mA IC = 1mA IE = 0 IB = 0* IC = 0 IE = 0 IC = 0 IB = 2mA IB = 2mA VCE = 10V* VCE = 10V* VCE = 10V* VCE = 20V f = 20MHz VCB = 20V IE = 0 f = 1MHz
Min.
300 300 6
Typ.
Max.
Unit
V V V
0.1 0.1 0.5 0.9 25 40 40 50 6
mA mA
V V
hFE
IC = 10mA IC = 30mA IC = 10mA
--
fT Cob
Transition frequency Output capacitance
MHz pF
* Pulse test tp = 200ms , d = 2%
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 7/94


▲Up To Search▲   

 
Price & Availability of SMLA42CSM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X