|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SML100W18 TO-267 Package Outline. Dimensions in mm (inches) N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS VDSS 1000V 17.3A ID(cont) RDS(on) 0.570 * Faster Switching * Lower Leakage * TO-267 Hermetic Package D G S StarMOS is a new generation of high voltage N-Channel enhancement mode power MOSFETs. This new technology minimises the JFET effect, increases packing density and reduces the on-resistance. StarMOS also achieves faster switching speeds through optimised gate layout. ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated) VDSS ID IDM VGS VGSM PD TJ , TSTG TL IAR EAR EAS Drain - Source Voltage Continuous Drain Current Pulsed Drain Current 1 Gate - Source Voltage Gate - Source Voltage Transient Total Power Dissipation @ Tcase = 25C Derate Linearly Operating and Storage Junction Temperature Range Lead Temperature : 0.063" from Case for 10 Sec. Avalanche Current1 (Repetitive and Non-Repetitive) Repetitive Avalanche Energy 1 Single Pulse Avalanche Energy 2 1000 17.3 69.2 30 40 400 3.2 -55 to 150 300 17.3 50 2500 V A A V W W/C C A mJ 1) Repetitive Rating: Pulse Width limited by maximum junction temperature. 2) Starting TJ = 25C, L = 16.71mH, RG = 25, Peak IL = 17.3A Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. Website: http://www.semelab.co.uk E-mail: sales@semelab.co.uk 6/99 SML100W18 STATIC ELECTRICAL RATINGS (Tcase = 25C unless otherwise stated) BVDSS IDSS IGSS VGS(TH) ID(ON) RDS(ON) Characteristic Drain - Source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0V) Gate - Source Leakage Current Gate Threshold Voltage On State Drain Current 2 Drain - Source On State Resistance 2 Test Conditions VGS = 0V , ID = 250A VDS = VDSS VDS = 0.8VDSS , TC = 125C VGS = 30V , VDS = 0V VDS = VGS , ID = 2.5mA VDS > ID(ON) x RDS(ON) Max VGS = 10V VGS = 10V , ID = 0.5 ID [Cont.] 2 17.3 0.570 Min. 1000 Typ. Max. Unit V 25 250 100 4 A nA V A DYNAMIC CHARACTERISTICS Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge3 Gate - Source Charge Gate - Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C VGS = 15V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C RG = 0.6 Min. Typ. 6600 595 290 335 29 165 16 13 59 8 Max. Unit 7900 830 430 500 45 250 32 26 90 16 ns nC pF SOURCE - DRAIN DIODE RATINGS AND CHARACTERISTICS IS ISM VSD trr Qrr Characteristic Continuous Source Current Pulsed Source Current1 Diode Forward Voltage2 Reverse Recovery Time Reverse Recovery Charge Test Conditions (Body Diode) (Body Diode) VGS = 0V , IS = - ID [Cont.] IS = - ID [Cont.] , dls / dt = 100A/s IS = - ID [Cont.] , dls / dt = 100A/s 960 22 Min. Typ. Max. Unit 17.3 A 69.2 1.3 V ns C THERMAL CHARACTERISTICS RJC RJA Characteristic Junction to Case Junction to Ambient 1) Repetitive Rating: Pulse Width limited by maximum junction temperature. 2) Pulse Test: Pulse Width < 380S , Duty Cycle < 2% 3) See MIL-STD-750 Method 3471 CAUTION -- Electrostatic Sensitive Devices. Anti-Static Procedures Must Be Followed. Min. Typ. Max. Unit 0.31 C/W 40 Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. Website: http://www.semelab.co.uk E-mail: sales@semelab.co.uk 6/99 |
Price & Availability of SML100W18 |