Part Number Hot Search : 
60R125 MUR860E WB201 1N3957 C226M 201148B GB304N 250903B
Product Description
Full Text Search
 

To Download SMG8C60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THYRISTOR( Through Hole/Non-isolated)
SMG8C60
Thyristor SMG8C60 is designed for full wave AC control applications. It can be used as an ON/OFF function or for phase control operation.
Typical Applications
Home Appliances : Electric Blankets, Starter for FL, other control applications Industrial Use : SMPS, Solenoid for Breakers, Motor Controls, Heater Controls, other control applications
Features
IT(AV)=8A High Surge Current Low Voltage Drop Lead-Free Package
Identifying Code S8C6 Unit mm
Maximum Ratings
Symbol VRRM VRSM VDRM IT IT
AV RMS
Tj=25
unless otherwise specified
Item Repetitive Peak Reverse Voltage Non-Repetitive Peak Reverse Voltage Repetitive Peak Off-State Voltage Average On-State Current R.M.S. On-State Current Surge On-State Current I2t Peak Gate Power Dissipation Average Gate Power Dissipation Peak Gate Current Peak Gate Voltage Forward Peak Gate Voltage Reverse Operating Junction Temperature Storage Temperature Mass
Reference
Ratings 600 720 600
Unit V V V A A A A2S W W A V V
Single phase, half wave, 180 , conduction, Tc 102 Single phase, half wave, 180 , conduction, Tc 102 50Hz/60Hz,
1 2
8 12.6 120/130 72 5 0.5 2 6 10 40 40 2 125 150
ITSM I2t PGM PG
AV
cycle Peak value, non-repetitive
IFGM VFGM VRGM Tj Tstg
g
Electrical Characteristics
Symbol IDRM IRRM VTM IGT VGT VGD IH Rth j-c Item Repetitive Peak Off-State Current Repetitive Peak Reverse Current Peak On-State Voltage Gate Trigger Current Gate Trigger Voltage Non-Trigger Gate Voltage Holding Current Thermal Resistance Junction to case Reference Tj 125 , VD VDRM Tj 125 , VR VRRM IT 25A, Inst. measurement VD 6V, RL 10 Tj 125 , VD
1 2VDRM
Ratings Min. Typ. Max. 2 2 1.5 10 1.4 0.2 15 2
Unit mA mA V mA V V mA /W
SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com
SMG8C60
SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com
SMG8C60
SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com


▲Up To Search▲   

 
Price & Availability of SMG8C60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X