|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
05070 SMDA05CM thru Only One Name Means ProT ek'TionTM SMDA24CM ST ANDARD CAPACIT ANCE TVS ARRA Y APPLICA TIONS RS-232, RS-422 & RS-423 Data Lines Microprocessor Based Equipment Control & Monitoring Equipment Modems Portable Electronics Medical Electronics IEC COMPA TIBILITY (EN61000-4) 61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns 61000-4-5 (Surge): 12A, 8/20s - Level 1(Line-Gnd) & Level 2(Line-Line) FEA TURES 500 Watts Peak Pulse Power per Line (tp=8/20s) Bidirectional Configurations Monolithic Design Available in Voltage Types Ranging From: 5V to 24V Protects 4 - 7 Lines ESD Protection > 40 kilovolts RoHS Compliant in Lead-Free Versions MECHANICAL CHARACTERISTICS Molded JEDEC SO-8 Package Weight 70 milligrams (Approximate) Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed) Solder Reflow Temperature: Tin-Lead - Sn/Pb, 85/15: 240-245C Pure-Tin - Sn, 100: 260-270C Flammability rating UL 94V-0 12mm Tape and Reel Per EIA Standard 481 Marking: Logo, Marking Code, Date Code & Pin One Defined By Dot on Top of Package SO-8 PIN CONFIGURA TION 8 7 6 5 1 2 3 4 05070.R4 3/05 1 www.protekdevices.com SMDA05CM thru SMDA24CM DEVICE CHARACTERISTICS MAXIMUM RATINGS @ 25C Unless Otherwise Specified PARAMETER Peak Pulse Power (tp = 8/20s) - See Figure 1 Operating Temperature Storage Temperature SYMBOL PPP TJ TSTG VALUE 500 -55C to 150C -55C to 150C UNITS Watts C C ELECTRICAL CHARACTERISTICS PER LINE @ 25C Unless Otherwise Specified PART NUMBER DEVICE MARKING CODE RATED STAND-OFF VOLTAGE MINIMUM BREAKDOWN VOLTAGE MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ IP = 1A VC VOLTS 9.8 13.4 19.0 24.0 43.0 MAXIMUM CLAMPING VOLTAGE (See Fig. 2) MAXIMUM LEAKAGE CURRENT MAXIMUM CAPACITANCE PER LINE V WM VOLTS SMDA05CM SMDA08CM SMDA12CM SMDA15CM SMDA24CM REB REC RED REF REH 5.0 8.0 12.0 15.0 24.0 @ 1mA V(BR) VOLTS 6.0 8.5 13.4 16.7 26.7 @8/20s VC @ IPP 19.0V @ 30A 23.7V @ 24A 29.2V @ 20A 31.1V @ 18A 45.0V @ 13A @VWM ID A 100 10 1 1 1 @0V, 1 MHz C pF 350 300 150 100 63 05070.R4 3/05 2 www.protekdevices.com SMDA05CM thru SMDA24CM GRAPHS FIGURE 1 PEAK PULSE POWER VS PULSE TIME 10,000 PPP - Peak Pulse Power - Watts 1,000 500W 8/20s Waveform 100 10 0.1 1 10 100 td - Pulse Duration - s 1,000 10,000 120 IPP - Peak Pulse Current - % of IPP FIGURE 2 PULSE WAVE FORM tf Peak Value IPP TEST WAVEFORM PARAMETERS tf = 8s td = 20s 100 80 60 40 20 0 0 5 e-t td = t I /2 PP 10 15 t - Time - s 20 25 30 100 80 % Of Rated Power FIGURE 3 POWER DERATING CURVE Peak Pulse Power 8/20s 60 40 20 Average Power 0 0 25 50 75 100 125 TL - Lead Temperature - C 150 05070.R4 3/05 3 www.protekdevices.com SMDA05CM thru SMDA24CM PACKAGE OUTLINE & DIMENSIONS PACKAGE OUTLINE -A- SO-8 8 5 -BP 0.010" (0.25 MM) M BM 4 PL 1 4 PACKAGE DIMENSIONS DIM MILLIMETERS MIN MAX 4.80 3.80 1.35 0.35 0.40 1.27 BSC 0.18 0.10 5.80 0.25 INCHES MIN MAX D G C R X 45 0 - 10 -TK 0.010" (0.25 MM) M TBS J AS F 8 PL A B C D F G J K P R NOTES 5.00 0.189 0.196 4.00 0.150 0.157 1.75 0.054 0.068 0.49 0.014 0.019 1.250 0.016 0.049 1.27 BSC 0.05 BSC 0.05 BSC 0.25 0.007 0.009 0.25 0.004 0.008 6.20 0.229 0.244 0.50 0.010 0.019 MOUNTING PAD 0.050" 0.005" 0.030" 0.005" 1. - T - = Seating Plane and Datum Surface. 2. Dimensions "A" and "B" are Datum. 3. Dimensions "A" and "B" do not include mold protrusion. 4. Maximum mold protrusion is 0.015" (0.380 mm) per side. 5. Dimensioning and tolerances per ANSI Y14.5M, 1982. 6. Dimensions are exclusive of mold flash and metal burrs. TAPE & REEL/BULK ORDERING NOMENCLATURE 0.160" 0.005" 0.245" MIN 1. Surface mount product is taped and reeled in accordance with EIA-481. 2. Suffix-T7 = 7 Inch Reel - 1,000 pieces per 12mm tape, i.e., SMDA05CM-T7. 3. Suffix-T13 = 13 Inch Reel - 2,500 pieces per 12mm tape, i.e., SMDA05CM-T13. 4. Suffix - LF = Lead-Free, Pure-Tin Plating, i.e., SMDA05CM-LF-T7. 5. No Suffix = Product Shipped in Tubes of 98 pcs per Tube. 0.045" 0.005" Outline & Dimensions: Rev 1 - 11/01, 06009 COPYRIGHT (c) ProTek Devices 2005 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products. ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com 05070.R4 3/05 4 www.protekdevices.com |
Price & Availability of SMDA24CM |