Part Number Hot Search : 
BST72 NSSU100 TD123 E170A 106M16 AP3983E LM329AH 7SZ08
Product Description
Full Text Search
 

To Download SMD1206P150TSA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POLYFUSE(R) RESETTABLE FUSES
SMD1206
formerly No. 727
SMD Type, 6 V - 30 V
Standard
UL 1434 1st Edition CSA C22.2 No. 0 CSA TIL No. CA-3A
Specifications
Packaging
A Blistertape and reel O 178 mm
Approvals
Materials
cULus Recognition TUV
Features
This product line enables installation in limited space applications. These devices offer wide range in hold currents from 0.125 A to 1.50 A and voltages from 6 V to 30 V . The SMD1206 product line is suitable for high density circuit board applications in computers, cellular phone and general electronics. Suitable for reflow soldering
WebLinks
Further info see:
www.wickmanngroup.com www.wickmanngroup.com/download/fuseology.pdf
Further application info see fuseology:
Dimensions (mm)
Solder pad Layout (mm)
1.80
Solder-plated copper TS: Solder Material: 63/37 SnPb TF: Lead free plating on request Max. Device Surface Temperature in Tripped State 125 C Operating / Storage Temperature -40 C to +85 C (consider derating) Humidity Ageing +85 C, 85% R.H., 1000 hours, 5 % typical resistance change Vibration MIL-STD-883C, Method 2007.1, Condition A, no change Thermal Shock MIL-STD-202F, Method 107G +85 C to -40 C 20 times, -30 % typical resistance change Solderability Meets EIA Specification RS186-9E, ANSI/J-STD-002, Category 3 Reflow only Solvent Resistance MIL-STD-202, Method 215, no change Marking "P", Part Code
Terminals:
1.8
1.0
1.0
Dimensions (mm) Model
SMD1206P012TS/TF SMD1206P016TS/TF SMD1206P020TS/TF SMD1206P025TS/TF SMD1206P035TS/TF SMD1206P035TS/TF/15 SMD1206P050TS/TF SMD1206P075TS/TF SMD1206P100TS/TF SMD1206P150TS/TF
A Min Max
3.00 3.00 3.00 3.00 3.00 3.00 3.00 3.00 3.00 3.00 3.50 3.50 3.50 3.50 3.50 3.50 3.50 3.50 3.50 3.50
B Min Max
1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.80 1.80 1.80 1.80 1.80 1.80 1.80 1.80 1.80 1.80
C Min Max
0.65 0.65 0.50 0.50 0.45 0.45 0.45 0.45 0.75 1.00 1.45 1.45 1.00 1.00 0.75 0.75 0.75 1.25 1.25 1.60
D Min
0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10
E Min Max
0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45
packaging quantity tape
3.000 3.000 4.000 4.000 4.000 4.000 4.000 3.000 3.000 2.000
cURus * * * * * * * * * *
SMD1206P012TS/TF SMD1206P016TS/TF SMD1206P020TS/TF SMD1206P025TS/TF SMD1206P035TSTF SMD1206P035TS/TF/15 SMD1206P050TS/TF SMD1206P075TS/TF SMD1206P100TS/TF SMD1206P150TS/TF
NOTE: I hold = I trip = Vmax = I max =
0.125 0.160 0.200 0.250 0.350 0.350 0.500 0.750 1.000 1.500
0.29 0.37 0.40 0.50 0.75 0.75 1.00 1.50 1.80 3.00
30 30 16 16 6 15 6 6 6 6
40 40 40 40 40 40 40 40 40 40
0.20 @ 1.00 0.30 @ 1.00 0.05 @ 8.00 0.08 @ 8.00 0.10 @ 8.00 0.10 @ 8.00 0.10 @ 8.00 0.20 @ 8.00 0.30 @ 8.00 1.00 @ 8.00
0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8
1.500 1.200 0.600 0.550 0.300 0.300 0.150 0.090 0.055 0.040
3.600 2.800 1.550 1.400 0.750 0.750 0.400 0.200 0.110 0.080
6.000 4.500 2.500 2.300 1.200 1.200 0.700 0.290 0.210 0.120
Please choose TS for SnPb and TF for Sn plating
Hold current: maximum current device will pass without tripping in 20 C still air. Trip current: minimum current at which the device will trip in 20 C still air. Maximum voltage device can withstand without damage at rated current (I max) Maximum fault current device can withstand without damage at rated voltage (Vmax) Pd = Power dissipated from device when in the tripped state at 20 C still air. Minimum resistance of device in initial (un-soldered) state. R min= R 1max= Maximum resistance of device at 20 C measured one hour after tripping for 20 s. Caution: Operation beyond the specified rating may result in damage and possible arcing and flame. Specifications are subject to change without notice
Order Information
040617
Qty.
OrderNumber
Model
Packaging
WebSite www.wickmanngroup.com
Europe Tel: +49 2302 662-107 E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 China Tel: +86 21 6432-5146 E-mail: sales@wickmann.com.hk E-mail: sales@wickmann.cn
TUV * * * * * * * * * *
Permissible continuous operating current is 100 % at ambient temperature of 20 C (68 F). Model Ihold ITrip Vmax. dc Imax. max. time to trip (A) (A) (V) (A) (s @ A)
Pd max. (W)
Resistance Approvals R min.() R typ. () RI max.()
POLYFUSE(R) RESETTABLE FUSES
SMD1206
100.00 A BC D
10.00
A: SMD1206P012TS/TF B: SMD1206P016TS/TF C: SMD1206P020TS/TF D: SMD1206P025TS/TF
Time to Trip (s)
1.00
0.10
0.01 0.10 1.00 10.00
Fault Current (A)
100.00
B
C
D
10.00
E A
Time to Trip (s)
A:SMD1206P035TS/TF B:SMD1206P050TS/TF C: SMD1206P075TS/TF D:SMD1206P100TS/TF E:SMD1206P150TS/TF
1.00
0.10
0.01 0.10 1.00 10.00
Fault Current (A)
Thermal Derating Chart
Model Ambient Operation Temperature - Ihold (A) -40 C SMD1206P012TS/TF SMD1206P016TS/TF SMD1206P020TS/TF SMD1206P025TS/TF SMD1206P035TS/TF SMD1206P035TS/TF/15 SMD1206P050TS/TF SMD1206P075TS/TF SMD1206P100TS/TF SMD1206P150TS/TF 0.18 0.22 0.28 0.37 0.50 0.50 0.71 1.14 1.45 2.18 -20 C 0.16 0.20 0.25 0.33 0.45 0.65 0.64 1.01 1.31 1.94 0 C 0.14 0.18 0.23 0.29 0.40 0.40 0.57 0.88 1.15 1.72 23 C 0.125 0.16 0.20 0.25 0.35 0.35 0.50 0.75 1.00 1.50 40 C 0.10 0.14 0.17 0.22 0.30 0.30 0.42 0.65 0.84 1.28 50 C 0.09 0.12 0.15 0.20 0.27 0.27 0.39 0.59 0.77 1.17 60 C 0.08 0.10 0.14 0.17 0.24 0.24 0.35 0.54 0.69 1.06 70 C 0.07 0.09 0.12 0.15 0.21 0.21 0.31 0.49 0.61 0.96 85 C 0.05 0.08 0.09 0.12 0.15 0.15 0.25 0.41 0.48 0.77
040617
WebSite www.wickmanngroup.com
Europe Tel: +49 2302 662-107 E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 China Tel: +86 21 6432-5146 E-mail: sales@wickmann.com.hk E-mail: sales@wickmann.cn


▲Up To Search▲   

 
Price & Availability of SMD1206P150TSA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X