Part Number Hot Search : 
MC33178P 0BA02 2SK1586 82000 AD85531 19N20C HER104 ON2493
Product Description
Full Text Search
 

To Download SMC360 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
3.0 Amp SCHOTTKY BARRIER RECTIFIERS
Mechanical Dimensions
DO-214AB (SMC)
SMC320 . . . 3100 Series
Description
Features
n EXTREMELY LOW VF n LOW STORAGED CHARGE n LOW POWER LOSS HIGH EFFICIENCY n MAJORITY CARRIER CONDUCTION n MEETS UL SPECIFICATION 94V-0
SMC320 . . . 3100 Series Maximum Ratings Peak Repetitive Reverse Voltage...VRRM Working Peak Reverse Voltage...VRWM DC Blocking Voltage...VDC RMS Reverse Voltage...VR(rms) Average Forward Rectified Current...IF(av) Non-Repetitive Peak Forward Surge Current...IFSM Operating Temperature Range...TJ Storage Temperature Range...TSTRG Electrical Characteristics Maximum Forward Voltage...VF (Note 2) Maximum DC Reverse Current...IR @ Rated DC Blocking Voltage Typical Junction Capacitance...CJ Typical Thermal Resistance...RJA Page 10-14 TC = 25C TC =100C .50 .50 .55 .70 .70 .85 SMC320 SMC330 SMC340 SMC350 SMC360 SMC3100 20 20 20 14 30 30 30 21 40 40 40 28 50 50 50 35 60 60 60 42 100 100 100 70
Units
Volts Volts Volts Volts Amps Amps C C
............................................. 3.0 ............................................... ............................................. 100 ............................................... < .......................... -65 to 125 ............................. > -65 to 150 < .......................... -65 to 125 ............................. > -65 to 150
Volts
............................................. 0.5 ............................................... mAmps ............................................. 2 0 ............................................... mAmps < ............... 250 .............. > < ........... 360 ......... > 200 pF C / W
............................................. 6 0 ...............................................
Data Sheet
3.0 Amp SCHOTTKY BARRIER RECTIFIERS
Typical Junction Capacitance
SMC350...360 SMC320...340
Reverse Voltage (V) Forward Current Derating Curve Average Forward Current (A) Average Forward Current (A) Forward Current Derating Curve
Case Temperature (C) Typical Reverse Characteristics
Ambient Temperature (C) Average Power Dissipation
Reverse Current (mA)
Power (W)
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 Hz Resistive or Inductive Load.
Percent of Rated Peak Voltage NOTES: 1. Measured @ 1 MHz and applied reverse voltage of 4.0V. 2. Measured with Pulse Width = 300 S, 2% Duty Cycle.
Average Forward Current (A)
For Capacitive Load, Derate Current by 20%.
Page 10-15
SMC320 . . . 310O Series
Junction Capacitance (pF)


▲Up To Search▲   

 
Price & Availability of SMC360

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X