Part Number Hot Search : 
012001 T52C2 60ZFP NE32900 1200B SR1040 SB20100 R5510H
Product Description
Full Text Search
 

To Download SMC-E30H-W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICRO
ELECTRONICS
SMC-E22E/E30H-W
10mm,4 DIGIT INDICATOR DISPLAY
FEATURE
High Performance White SMD 10mm Character Height High Contrast Wide Viewing Angle Common Anode
ABSOLUTE MAXIMUM RATINGS(Ta=25C) Power Dissipation /Segment Peak Forward Current / Segment Continuous Forward Current / Segment Reverse Voltage /Segment Operating Temperature Range Storage Temperature Range
*Note : Pulse Width=1mS , Duty Ratio=1/10 .
Pd IF/Pulse* IF/DC VR Topr Tstg
100mW 200mA 30mA 5V -20 to +80C -25 to +85C
ELECTRO-OPTICAL CHARACTERISTICS (Ta=25C) PARAMETER Forward Voltage Luminous Intensity Segment to Segment Luminous Intensity Ratio Chromaticity Coordinates x y 0.22 0.20 0.25 0.25 0.27 0.28 IF=20mA IF=20mA SYMBOL VF IV 20 MIN TYP 3.2 45 2:1 MAX 3.6 UNIT V mcd CONDITIONS IF=20mA IF=10mA IF=20mA
CAUTION Static eletricity and surge damages the LED display,It is recommended to use a wrist band or anti-eletrostatic glove when handling the LED display. All devices,equipment and machinery must be properly grounded. REV A
22/3/2005
Sheet 1 of 2
SMC-E22E/E30H-W
D IG 1
D IG 2
D IG 3
D IG 4
U1 A F E D L1 GB C U6 L6
U5
L5
U 1 L 1 A B C D E F G U 2L 2 A B C D E F G U 3U 6L 6L 3U 4L 4 A B C D E F G U 5L 5 A B C D E F G
Sheet 2 of 2


▲Up To Search▲   

 
Price & Availability of SMC-E30H-W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X