Part Number Hot Search : 
FAN5612 SB315 MC1452 MAX4756A MPX55000 875KAC14 2SB647A 2SC4213
Product Description
Full Text Search
 

To Download SMBR240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micro-Electro-Magnetical Tech Co.
SCHOTTKY DIE SPECIFICATION
General Description: 40 V 2 A (Super Low Ir) ELECTRICAL CHARACTERISTICS SYM DC Blocking Voltage: Ir=1mA(for wafer form) VRRM Ir=0.5mA (for dice form) Average Rectified Forward Current IFAV Maximum Instantaneous Forward Voltage @ 2 Amperes, Ta=25C VF MAX Maximum Instantaneous Reverse Voltage VR= 40 Volt, Ta=25C Maximum Junction Capacitance @ 0V, 1MHZ MAXIMUM RATINGS Nonrepetitive Peak Surge Current Operating Junction Temperature Storage Temperatures TYPE: SMBR240 Single Anode Spec. Limit 40 2 0.62 0.6 Die Sort UNIT 42.5 Volt Amp Volt
IR MAX Cj MAX IFSM Tj TSTG
0.08
0.06
mA pF
45 -65 to +150 -65 to +150
Amp C C
Specification apply to die only. Actual performance may degrade when assembled. MEMT does not guarantee device performance after assembly. Data sheet information is subjected to change without notice.
DICE OUTLINE DRAWING
DIM A B C D ITEM Die Size Top Metal Pad Size Passivation Seal Thickness (Min) Thickness (Max) um2 1245 1025 1203 254 305 Mil2 49.01 40.3 41.1 10 12
A
C
B
Top-side Metal SiO2 Passivation P+ Guard Ring Back-side Metal
PS:
(1)Cutting street width is around 80um(3.14mil). (2)Both of top-side and back-side metals are Ti/Ni/Ag.
D


▲Up To Search▲   

 
Price & Availability of SMBR240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X