Part Number Hot Search : 
A3064 X9C503DM ST12LP AC03D 20KP72A 636S6I 12800 HT674007
Product Description
Full Text Search
 

To Download SMB28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet Description
2.0 Amp SURFACE MOUNT PLASTIC SILICON DIODES
Mechanical Dimensions
DO-214AA (SMB)
SMB21 . . . 210 Series
Features
n LOW COST n HIGH CURRENT CAPABILITY n HIGH SURGE CAPABILITY n LOW FORWARD VOLTAGE WITH LOW LEAKAGE CURRENT n MEETS UL SPECIFICATION 94V-0
SMB21 . . . 210 Series Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) Non-Repetitive Peak Forward Surge Current...IFSM Operating & Storage Temperature Range...TJ, TSTRG Electrical Characteristics Maximum Forward Voltage @ 2.0A...VF Maximum Full Load Reverse Current...IR(av) Maximum DC Reverse Current...IR @ Rated DC Blocking Voltage TC = 25C TC = 75C ............................................. 1.1 ............................................... SMB21 100 70 100 SMB22 200 140 200 SMB24 400 280 400 SMB26 600 420 600 SMB28 800 560 800 SMB210 1000 700 1000
Units
Volts Volts Volts Amps Amps C
............................................. 2.0 ............................................... ............................................. 5 0 ............................................... ......................................... -65 to 175 ..........................................
Volts
............................................. 3 0 ............................................... Amps
............................................. 5.0 ............................................... Amps ............................................. 5 0 ............................................... Amps ............................................. 3 0 ............................................... pF
Typical Junction Capacitance...CJ (Note 1) Page 10-26
Data Sheet
2.0 Amp SURFACE MOUNT PLASTIC SILICON DIODES
Typical Junction Capacitance
Junction Capacitance (pF)
100
10
1 .1
1
10
100
Reverse Voltage (V) Non-Repetitive Peak Forward Surge Current Average Forward Current (A) Forward Current Derating Curve
Peak Forward Surge Current (A)
Number of Cycles @ 60 Hz Recommended Soldering Pad Layout
Ambient Temperature (C) Typical Instantaneous Forward Characteristics
Forward Current (A)
Ratings at 25 Deg. C ambient temperature unless otherwise specified.
TJ = 25oC
Single Phase Half Wave, 60 Hz Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
Forward Voltage (V) NOTES: 1. Measured @ 1 MHz and applied reverse voltage of 4.0V.
Page 10-27
SMB21 . . . 210 Series


▲Up To Search▲   

 
Price & Availability of SMB28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X