Part Number Hot Search : 
B2566 FSJ163D3 UNRL114 MAX695 E005722 NSSL100C 2SD42 RST125
Product Description
Full Text Search
 

To Download SMAB13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
SWITCHING TYPE POWER SUPPLY APPLICATIONS. FEATURES
Low Profile Surface Mount Package. Low Power Loss, High Efficiency. For Use in Low Voltage, High Frequency inverters, Free Wheeling, and Polarity Protection Applications.
2
SMAB13
SCHOTTKY BARRIER TYPE DIODE
H
A
D
APPLICATION
Switching Power Supply. DC/DC Converter. Home Appliances, Office Equipment. Telecommunication.
1 C B
G
1. ANODE
DIM A B C D E F G H
MILLIMETERS _ 4.5 + 0.2 _ 2.6 + 0.2 _ 1.5 + 0.2 _ 5.0 + 0.3 _ 1.2 + 0.3 _ 2.0 + 0.2 0 ~ 0.15 R 0.5
MAXIMUM RATING (Ta=25
CHARACTERISTIC
)
SYMBOL VRRM IO IFSM Tj Tstg RATING 30 1 40 -40 125 -40 125 UNIT V A A
2. CATHODE
Maximum Repetitive Peak Reverse Voltage Average Output Rectitifed Current Peak One Cycle Surge Forward Current (Non-Repetitive 60Hz) Junction Temperature Storage Temperature Range
Marking
F
SMA
Type Name
B13
Lot No.
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Peak Forward Voltage Repetitive Peak Reverse Current Thermal Resistance VFM IRRM Rth(j-1) Rth(j-a)
)
TEST CONDITION IFM=1.0A VRRM=Rated Junction to lead Junction to ambient (on alumina substrate) MIN. TYP. MAX. 0.42 1.0 23 108 /W UNIT V mA
SYMBOL
2002. 3. 7
Revision No : 3
E
E
1/2
SMAB13
AVERAGE FORWARD POWER DISSIPATION P F(AV) (W)
I F - VF
10 FORWARD CURRENT I F (A) 5 3
T j =125 C 25 C
P F(AV) - I F(AV)
0.42 0.36 0.30
180
RECTANGULAR WAVEFORM
0.24 0.18 0.12 0.06 0 0
360
1 0.5 0.3
0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.2
0.4
0.6
0.8
1.0
1.2
FORWARD VOLTAGE V F (V)
AVERAGE FORWARD CURRENT I F(AV) (A)
MAXIMUM ALLOWABLE TEMPERATURE Ta MAX ( C)
SURGE FORWARD CURRENT (NON - REPETITIVE)
PEAK SURGE FORWARD CURRENT I FSM (A) 60 50 40 30 20 10 0 1 3 5 10 30 50 100
T j =25 C f=60Hz
Ta - I F(AV)
140 120 100 80 60 40 20 0 0 0.2 0.4 0.6 0.8 1.0 1.2
180 360
RECTANGULAR WAVEFORM
NUMBER OF CYCLES AT 60Hz
AVERAGE FORWARD CURRENT I F(AV) (A)
2002. 3. 7
Revision No : 3
2/2


▲Up To Search▲   

 
Price & Availability of SMAB13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X