Part Number Hot Search : 
VHC244 MAX103 AON4805L KF509 SB10SL4A MAX3248E 2SK1726 SP8611
Product Description
Full Text Search
 

To Download SMA82 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A82/SMA82
20 TO 250 MHz CASCADABLE AMPLIFIER * HIGH REVERSE ISOLATION: >28.5 dB (TYP.) * HIGH LEVEL OUTPUT: +20 dBm (TYP.) * LOW NOISE: 2.8 dB (TYP.) * high gain: 24.5 dB (TYP.)
Typical Performance @ 25C
Specifications (Rev. Date: 11/00)*
Characteristics Frequency Small Signal Gain (min.) Gain Flatness (max.) Reverse Isolation Noise Figure (max.) Power Output @ 1 dB comp. (min.) IP3 IP2 Second Order Harmonic IP VSWR Input / Output (max.) DC Current @ 15 Volts (max.) Typical
0 to 50C
Guaranteed
-54 to +85C
10-300 MHz 20-250 MHz 20-250 MHz 25.0 dB 23.5 dB 24.0 dB 0.7 dB 0.3 dB 1.0 dB 29 dB 2.8 dB 4.0 dB 3.5 dB 18.0 dBm 20.0 dBm 19.0 dBm +31 dBm +36 dBm +42 dBm 1.3:1 / 1.3:1 1.7:1 / 1.7:1 1.9:1 / 1.9:1 50 mA 54 mA 52 mA
* Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change without notice.
Absolute Maximum Ratings
Storage Temperature Max. Case Temperature Max. DC Voltage Max. Continuous RF Input Power Max. Short Term RF Input Power (1 minute max.) Max. Peak Power (3 sec max.) "S" Series Burn-in Temperature (Case)
-62 to +125C 125C +17 Volts +10 dBm 50 mW 0.5 W 125C
Thermal Data: Vcc = 15 Vdc
Thermal Resistance jc Transistor Power Dissipation Pd Junction Temperature Rise Above Case Tjc
144C/W 0.273 W 39C
Outline Drawings
Package Figure Model TO-8 BG A82 Surface Mount AA SMA82 SMA Connectorized CE CA82
Specifications subject to change without notice. * North America: 1-800-366-2266 Visit www.macom.com for complete contact and product information.


▲Up To Search▲   

 
Price & Availability of SMA82

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X