Part Number Hot Search : 
HT162 S2568 253EN NB650 00BGC M50743 SDH40HF W134MSQC
Product Description
Full Text Search
 

To Download SMA80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cascadable Amplifier 20 to 500 MHz
Features
* * * * HIGH REVERSE ISOLATION 39 dB (TYP.) VERY LOW NOISE 2.3 dB (TYP.) HIGH GAIN 29 dB (TYP.) MEDIUM LEVEL OUTPUT +14.3 dBm (TYP.)
A80/ SMA80
V2
Product Image
Description
The A80 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability. The 2 stage silicon bipolar feedback amplifier design displays impressive performance over a broadband frequency range. An isolation transformer is used in the feedback loop, with the benefit of high reverse isolation. Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.
Ordering Information
Part Number
A80 SMA80 CA80
Package
TO-8 Surface Mount SMA Connectorized
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Typical Parameter
Frequency Small Signal Gain (min) Gain Flatness (max) Reverse Isolation Noise Figure (max) Power Output @ 1 dB comp. (min) IP3 IP2 Second Order Harmonic IP VSWR Input / Output (max) DC Current @ 15 Volts (max) mA
Absolute Maximum Ratings
Parameter
Storage Temperature Case Temperature DC Voltage Continuous Input Power Short Term Input power (1 minute max.)
Guaranteed 0 to 50C
20-500 27.5 0.7
Units 25C
MHz dB dB dB dB dBm dBm dBm dBm 10-550 29.0 0.3 39 2.3 14.3 +27 +33 +40 1.4:1 / 1.8:1 45 1.8:1 / 2.1:1 49 2.0:1 / 2.3:1 52 3.0 13.0 3.4 12.5
Absolute Maximum
-62C to +125C 125C +17 V +6 dBm 50 mW 0.5 W 125C
-54 to +85C*
20-500 26.5 1.0
Peak Power (3 sec max.) "S" Series Burn-In Temperature (case)
Thermal Data: VCC = +15 VDC
Parameter
Thermal Resistance jc Transistor Power Dissipation Pd Junction Temperature Rise Above Case Tjc
Rating
45C/W 0.27 W 12.2C
* Over temperature performance limits for part number CA80, guaranteed from 0oC to +50oC only. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
Cascadable Amplifier 20 to 500 MHz
Typical Performance Curves at +25C Outline Drawing: TO-8 *
A80/ SMA80
V2
WEIGHT: 1 gram (0.04 oz.) max
Outline Drawing: Surface Mount *
WEIGHT: 1 gram (0.04 oz.) max
Outline Drawing: SMA Connectorized *
WEIGHT: 19 grams (0.67 oz.) max
Dimensions are inches (millimeters) 0.015 (0.38) unless otherwise specified.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of SMA80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X