Part Number Hot Search : 
RFX10 P89C52X2 1N5938 AM79C930 3L02A SMA33 2T09BB DTA123EM
Product Description
Full Text Search
 

To Download SMA515 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cascadable Amplifier 10 to 500 MHz
Features
* HIGH GAIN: 27.5 dB (TYP.) * LOW NOISE: 3.5 dB (TYP.) * HIGH OUTPUT POWER: +22 dBm (TYP.)
MAAM-007272-SMA515
V1
Product Image
Description
The SMA515 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability. This 2 stage bipolar transistor feedback amplifier design displays impressive performance characteristics over a broadband frequency range. An active DC biasing network insures temperature-stable performance. Surface Mount package is hermetically sealed, and MIL-STD-883 environmental screening is available.
Ordering Information
Part Number
SMA515
Package
Surface Mount
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Typical Parameter
Frequency Small Signal Gain (min) Gain Flatness (max) Reverse Isolation Noise Figure (max) Power Output @ 1 dB comp. (min) IP3 IP2 Second Order Harmonic IP VSWR Input / Output (max) DC Current @ 15 Volts (max) mA
Absolute Maximum Ratings
Parameter
Storage Temperature Case Temperature DC Voltage Continuous Input Power
Guaranteed 0 to 50C
5-500 26.5 0.5
Units 25C
MHz dB dB dB dB dBm dBm dBm dBm 3-600 27.5 0.3 36 3.5 22.0 +33 +44 +50 1.4:1 / 1.4:1 127 1.7:1 / 1.7:1 135 1.8:1 / 1.8:1 140 4.5 20.5 5.0 20.0 "S" Series Burn-In Temperature (case)
Absolute Maximum
-62C to +125C +110C +17 V +13 dBm 50 mW 0.5 W +125C
-54 to +85C*
5-500 26.0 0.8
Short Term Input power (1 minute max.) Peak Power (3 sec max.)
Thermal Data: VCC = +15 VDC
Parameter
Thermal Resistance jc Transistor Power Dissipation Pd Junction Temperature Rise Above Case Tjc
Rating
150C/W 0.36W +55C
* Over temperature performance limits for part number CA515, guaranteed from 0oC to +50oC only. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
Cascadable Amplifier 10 to 500 MHz
Typical Performance Curves @ +25oC
MAAM-007272-SMA515
V1
Outline Drawing: Surface Mount *
Noise Figure 5
WEIGHT: 1 gram (0.04 oz.) max
4 3 2 10 30 50 200 400 600 Frequenc y - MHz
P owe r O utput @ 1 dB Compre ssion 23 22 21 20 5 10 50 100 200 300 400 500 600 Frequenc y - MHz
Inte rc e pt P oint - dBm 60 40
IP2
20 0 5
2nd harm IP3
10 50 100 200 300 400 500 600 700 Fre que nc y - MHz
V S WR
2
1.5
1 5 50 150 250 350 450 600 Frequenc y (MHz)
2
Dimensions are inches (millimeters) 0.015 (0.38) unless otherwise specified.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of SMA515

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X