Part Number Hot Search : 
TC9203 AP432IA TSL256 00BZX D2089 M66311P 141X1L MGF1302
Product Description
Full Text Search
 

To Download SMA33-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A33-1/SMA33-1
2 TO 2400 MHz CASCADABLE AMPLIFIER * ULTRAWIDE BANDWIDTH: 1-2600 MHz (TYP.) * MEDIUM OUTPUT LEVEL: +6 dBm (TYP.)
Typical Performance @ 25C
Specifications (Rev. Date: 1/01)*
Characteristics Frequency Small Signal Gain (min.) Gain Flatness (max.) Reverse Isolation Noise Figure (max.) Power Output @ 1 dB comp. (min.) IP3 IP2 Second Order Harmonic IP VSWR Input / Output (max.) DC Current @ 15 Volts (max.) Typical
0 to 50C
Guaranteed
-54 to +85C
0.0-2.6 GHz 9.0 dB 0.4 dB 15 dB 4.0 dB 6.0 dBm +19 dBm +29 dBm +35 dBm 1.6:1 / 1.4:1 19 mA
0.0-2.4 GHz 8.2 dB 0.6 dB
5.0 dB 4.5 dBm
0.0-2.4 GHz 7.8 dB 0.8 dB 5.5 dB 4.0 dBm
1.9:1 / 1.8:1 21 mA
2.0:1 / 2.0:1 23 mA
* Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change without notice.
Absolute Maximum Ratings
Storage Temperature Max. Case Temperature Max. DC Voltage Max. Continuous RF Input Power Max. Short Term RF Input Power (1 minute max.) Max. Peak Power (3 sec max.) "S" Series Burn-in Temperature (Case)
-62 to +125C 125C +20 Volts +13 dBm 50 mW 0.5 W 125C
Thermal Data: Vcc = 15 Vdc
Thermal Resistance jc Transistor Power Dissipation Pd Junction Temperature Rise Above Case Tjc
160C/W 0.124 W 20C
Outline Drawings
Package Figure Model TO-8 BG A33-1 Surface Mount AA SMA33-1 SMA Connectorized CE CA33-1
Specifications subject to change without notice. * North America: 1-800-366-2266 Visit www.macom.com for complete contact and product information.


▲Up To Search▲   

 
Price & Availability of SMA33-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X