Part Number Hot Search : 
TIONA SMLJ40CA D9325 40HR308 1N3971 MAXQ1004 02MDD D37P0F0T
Product Description
Full Text Search
 

To Download SMA181 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A181/SMA181
10 TO 1000 MHz CASCADABLE AMPLIFIER * HIGH REVERSE ISOLATION: 22 dB (TYP.) * HIGH OUTPUT POWER: +22 dBm (TYP.) * HIGH THIRD ORDER I.P.: +35 dBm (TYP.)
Typical Performance @ 25C
Specifications (Rev. Date: 11/00)*
Characteristics Frequency Small Signal Gain (min.) Gain Flatness (max.) Reverse Isolation Noise Figure (max.) Power Output @ 1 dB comp. (min.) IP3 IP2 Second Order Harmonic IP VSWR Input / Output (max.) DC Current @ 15 Volts (max.) Typical
0 to 50C
Guaranteed
-54 to +85C
5-400 MHz 16.5 dB 0.3 dB 22 dB 3.8 dB 22.0 dBm +35 dBm +48 dBm +54 dBm 1.4:1 / 1.4:1 95 mA
0.0-1.0 GHz 15.5 dB 0.7 dB
4.5 dB 20.0 dBm
0.0-1.0 GHz 14.5 dB 0.8 dB 5.0 dB 19.5 dBm
1.9:1 / 1.9:1 104 mA
2.1:1 / 2.1:1 113 mA
* Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change without notice.
Absolute Maximum Ratings
Storage Temperature Max. Case Temperature Max. DC Voltage Max. Continuous RF Input Power Max. Short Term RF Input Power (1 minute max.) Max. Peak Power (3 sec max.) "S" Series Burn-in Temperature (Case)
-62 to +125C 85C +17 Volts +15 dBm 100 mW 0.5 W 85C
Thermal Data: Vcc = 15 Vdc
Thermal Resistance jc Transistor Power Dissipation Pd Junction Temperature Rise Above Case Tjc
148C/W 0.622 W 92C
Outline Drawings
Package Figure Model TO-8 BG A181 Surface Mount AA SMA181 SMA Connectorized CE CA181
Specifications subject to change without notice. * North America: 1-800-366-2266 Visit www.macom.com for complete contact and product information.


▲Up To Search▲   

 
Price & Availability of SMA181

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X