Part Number Hot Search : 
TLRH180P A1102 CP8056TS 10073978 AOD452AL AT17F080 APC77151 C4245
Product Description
Full Text Search
 

To Download SMA17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A17/SMA17
10 TO 1000 MHz CASCADABLE AMPLIFIER *HIGH OUTPUT POWER: +15.3 dB (TYP.) *HIGH THIRD ORDER I.P. +27 dBm (TYP.) *LOW VSWR: <1.3:1 (TYP.) *WIDE POWER SUPPLY RANGE: +5 TO +15 VOLTS
Typical Performance @ 25C
Specifications (Rev. Date: 11/00)*
Characteristics Frequency Small Signal Gain (min.) Gain Flatness (max.) Reverse Isolation Noise Figure (max.) Power Output @ 1 dB comp. (min.) IP3 IP2 Second Order Harmonic IP VSWR Input / Output (max.) DC Current @ 15 Volts (max.) Typical
0 to 50C
Guaranteed
-54 to +85C
0.0-1.1 GHz 12.0 dB 0.2 dB 16 dB 6.0 dB 15.3 dBm +27 dBm +49 dBm +48 dBm 1.3:1 / 1.3:1 44 mA
0.0-1.0 GHz 10.5 dB 0.7 dB
6.5 dB 14.0 dBm
0.0-1.0 GHz 10.0 dB 1.0 dB 7.0 dB 13.5 dBm
1.8:1 / 1.8:1 47 mA
2.0:1 / 2.0:1 49 mA
* Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change without notice.
Absolute Maximum Ratings
Storage Temperature Max. Case Temperature Max. DC Voltage Max. Continuous RF Input Power Max. Short Term RF Input Power (1 minute max.) Max. Peak Power (3 sec max.) "S" Series Burn-in Temperature (Case)
-62 to +125C 125C +17 Volts +13 dBm 50 mW 0.5 W 125C
Thermal Data: Vcc = 15 Vdc
Thermal Resistance jc Transistor Power Dissipation Pd Junction Temperature Rise Above Case Tjc
130C/W 0.376 W 49C
Outline Drawings
Package Figure Model TO-8 BG A17 Surface Mount AA SMA17 SMA Connectorized CE CA17
Specifications subject to change without notice. * North America: 1-800-366-2266 Visit www.macom.com for complete contact and product information.


▲Up To Search▲   

 
Price & Availability of SMA17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X