Part Number Hot Search : 
60403 AM2323P K3354 UF204 4E400BS 18B20 A12JVAA 74VHC373
Product Description
Full Text Search
 

To Download SM6533 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5,000 V - 10,000 V Rectifiers
25 mA - 150 mA Forward Current 70 ns Recovery Time
SURFACE MOUNT HERMETICALLY SEALED
SM6525 SM6527 SM6533 SM6535
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Part Number Working Reverse Voltage (Vrwm) 55C(1) Volts SM6525 SM6527 SM6533 SM6535 5000 10000 5000 10000 mA 150 100 50 25 Average Rectified Current (Io) 100C(2) mA 75 50 25 12 25C A 0.5 0.5 0.1 0.1 Reverse Current @ Vrwm (Ir) 100C A 20 20 10 10 Forward Voltage 1 Cycle Repetitive Reverse Surge Surge Recovery Current Current Time tp=8.3ms (3) (Ifsm) (Ifrm) (Trr) 25C mA 150 100 25 25 Amps 10 5 4 2 25C Amps 2.00 1.00 0.75 0.38 25C ns 70 70 70 70 Thermal Impd. Junction C ap. @50VDC @1kHz (Cj) 25C pF 4.0 3.0 2.0 1.0
(Vf) 25C Volts 7.0 12.0 9.0 14.0
J-C
25C C / W 40 40 50 50
(1)TC=55C (2)TC=100C (3)If=.125mA, Ir=250mA, Irr=63mA *Op. Temp.= -65C to +175C Stg. Temp.= -65C to +200C
.500(12.70) .070(1.78) .165 (4.19) .150 (3.81)
Plating: 200-300in 90/10 tinlead over 50in nickel.
R.015(0.38) (TYP) .050(1.27) .530(13.46) .050(1.27)
.125(3.18) .400(10.16)
.100(.254)
PAD LAYOUT
.150 (3.81) .105(2.67)
Dimensions: In. (mm) * All temperatures are ambient unless otherwise noted. * Data subject to change without notice.
VOLTAGE MULTIPLIERS INC. 8711 W. Roosevelt Ave. Visalia, CA 93291
TEL 559-651-1402 FAX 559-651-0740 www.voltagemultipliers.com
168


▲Up To Search▲   

 
Price & Availability of SM6533

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X