Part Number Hot Search : 
FAN4272 E4442 TFI02 PU3120 TFI02 2SJ586 TE3117 MC333
Product Description
Full Text Search
 

To Download SM5262BS-D4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM5262B
SAMHOP Microelectronics Corp.
312 RF ENCODER
GENERAL DESCRIPTION
The SM5262B is a RF remote control encoder paired with SM5272B. It utilizes CMOS technology. The chip has 12 bits of 3-state address pins that provides 312 codes. SM5262B/ SM5272B pair is suitable for use on remote controller.
FEATURES
* CMOS technology * Low power consumption * 12 tri-state pins * Wide range operating voltage, Vcc = 2.5-12V * Up to six data bits * High noise immunity
APPLICATIONS
* Garage Door * Ceiling Fan * Toys
PIN ASSIGNMENTS
A0 A1 A2 A3 A4 A5 A6/D5 A7/D4 Vss
1 2 3 4 5 6 7 8 9 SM5262B
18 17 16 15 14 13 12 11 10
VDD Dout OSC1 OSC2 TE A11/D0 A10/D1 A9/D2 A8/D3
A0 A1 A2 A3 A4 A5 A6/D5 A7/D4 Vss NC
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
VDD Dout OSC1 OSC2 TE A11/D0 A10/D1 A9/D2 A8/D3 NC
SM5262BS
Page 1
OCT. 2001
SM5262B
SAMHOP Microelectronics Corp.
312 RF ENCODER
A0 A1 A2 A3 A4 A5 A6/D5 A7/D4 Vss
1 2 3 4 5 6 7 8 9
18 17 16 15 14 13 12 11 10
VDD Dout OSC1 OSC2 LED A11/D0 A10/D1 A9/D2 A8/D3
A0 A1 A2 A3 A4 A5 A6/D5 A7/D4 Vss NC
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
VDD Dout OSC1 OSC2 LED A11/D0 A10/D1 A9/D2 A8/D3 NC
SM5262B-DX
SM5262BS-DX
BLOCK DIAGRAM
Vss VDD
OSC2
System Timing Generator
A0 A1 A2 A3 A4 A5 A6/D5 A7/D4 A8/D3 A9/D2 A10/D1 A11/D0
OSC
OSC1
Control Logic Address
TE LED
Code Generator
Output Driver
Dout
Page 2
OCT. 2001
SM5262B
SAMHOP Microelectronics Corp.
312 RF ENCODER
PIN FUNCTION
No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 LED 15 16 17 18 OSC1 OSC2 Dout VDD O I O O POWER LED Output. Resistor connected between these two pins determine the system clock. Serial output of encoded signals. Positive power supply. Pin Name A0 A1 A2 A3 A4 A5 A6/D5 A7/D4 VSS A8/D3 A9/D2 A10/D1 A11/D0 TE I/O I I I I I I I/O Address input or data output. I/O POWER I/O I/O Address input or data output. I/O I/O I Enables transmission. Negative power supply. Address input, each pin can be set to "0", "1" , or floating. Function Operation
Page 3
OCT. 2001
SM5262B
SAMHOP Microelectronics Corp.
312 RF ENCODER
FUNCTION DESCRIPTION
1. Data Format
OSC
BIT "0"
*a
BIT "1"
3a a
BIT "F" *a is 4 OSC Clock TE
Dout
12 bits address
Sync.
Synchronisation Bit waveform is :
a 32a
Page 4
OCT. 2001
SM5262B
SAMHOP Microelectronics Corp.
312 RF ENCODER
2. Frame Format When SM5262B is used for no data, transmitting format is : 12 bits address Sync.
Synchronisation Bit waveform is :
a 32a
When data type of SM5262B is used, address bits will decrease accordingly. For example, in 3 data type where address is 9 bits, transmitting format is : 9 address bits 3 data bits Sync.
SM5262B/ SM5272B has 12 bits including a maximum of 6 data bits.
first transmission bit in real signal A0 will be receive first.
A0 A0 A0 A0 A0 A0 A0
A1 A1 A1 A1 A1 A1 A1
A2 A2 A2 A2 A2 A2 A2
A3 A3 A3 A3 A3 A3 A3
A4 A4 A4 A4 A4 A4 A4
A5 A5 A5 A5 A5 A5 A5
A6 A6 A6 A6 A6 A6 D5
A7 A7 A7 A7 A7 D4 D4
A8 A8 A8 A8 D3 D3 D3
A9 A10 A11 A9 A10 A11 A9 D2 D2 D2 D2 D1 D1 D1 D1 D1 D0 D0 D0 D0 D0
Sync. Sync. Sync. Sync. Sync. Sync. Sync.
According to SM5272B SM5272B-M2/L2 SM5272B-M3/L3 SM5272B-M4/L4 SM5272B-M5/L5 SM5272B-M6/L6
Page 5
OCT. 2001
SM5262B
SAMHOP Microelectronics Corp.
312 RF ENCODER
Single Resistor Oscillator SM5262B's oscillator be constructed by connecting a resistor between OSC1 and OSC2 pin. SM5272B's OSC frequency must be 1.4 to 6.8 times more than SM5262B. Encoder OSC Frequency
100 90 80 70 60 KHz 50 40 30 20 10 0
2.5 6 9 12
R = 2.7 M R = 3.0 M R = 3.3 M R = 4.3 M R = 1.2 M R = 510K
15 VOLTAGE
Decoder OSC Frequency
300 250 200 180 KHz 100
R = 300 K R = 100 K
50
R = 620 K R = 680 K R = 820 K R = 1.0 M
0
2.5
6
9
VOLTAGE
Suggested oscillator resistor of SM5262B/ SM5272B: SM5262B 4.7M OHM 3.0M OHM 2.2M OHM 1.2M OHM Page 6 SM5272B 750K OHM 390K OHM 270K OHM 160K OHM OCT. 2001
SM5262B
SAMHOP Microelectronics Corp.
312 RF ENCODER
ABSOLUTE MAXIMUM RATINGS
Parameter Supply Voltage Input Voltage Output Voltage Maximum power dissipation Operating Temperature Storage Temperature Symbol VDD - Vss VI - Vss VO - Vss Pa Topr Tstg VDD - Vss = 12 V Conditions Ratings -0.3 ~ 16
Vss - 0.3 ~ VDD +0.3 Vss - 0.3 ~ VDD +0.3
Unit V V V mW
500 -20 ~ 70 -40 ~ 125
DC ELECTRICAL CHARACTERISTICS
Parameter Supply Voltage Standby Current Symbol VCC ISTB VDD=12V OSC stop AO - A11 open VDD = 5V VOH = 4V VDD = 8V VOH = 6.4V VDD = 12V VOH = 9.6V VDD = 5V VOL = 1V VDD = 8V VOL = 1.6V VDD = 12V VOL = 2.4V -2 -8 -16 7 16 29 Conditions Limit Min. Typ. Max. 2.5 0.02 12 0.3 Unit V g A
Output Drive Current (Dout)
IOH
mA
Output Sinking Current (Dout)
IOL
mA
Page 7
OCT. 2001
SM5262B
SAMHOP Microelectronics Corp.
312 RF ENCODER
APPLICATION CIRCUIT
VDD
A0 A1 A2 A3 A4 A5 A6 A7 Vss
VDD Dout OSC1 OSC2 TE A11 A10 A9 A8 SM5262B
VDD DI ROSC TEB RF GND
ANT
VDD
A0 A1 A2 A3 A4 A5 A6 A7 Vss
VDD Dout OSC1 OSC2 TE A11 A10 A9 A8 SM5262B
VDD DI ROSC TEB RF GND ANT
RF : Module reference to Page11
Page8
OCT. 2001
SM5262B
SAMHOP Microelectronics Corp.
312 RF ENCODER
APPLICATION CIRCUIT
VDD D5 D4 D3 D2 D1 D0
VD
D
DI
RF GND
ANT
To SM5262B D5 D4 D3 D2 D1 D0 10K[ *6
A0 A1 A2 A3 A4 A5 D5 D4 Vss
VDD Dout OSC1 OSC2 TE D0 D1 D2 D3 SM5262B Page 9
ROSC
OCT. 2001
SM5262B
SAMHOP Microelectronics Corp.
312 RF ENCODER
APPLICATION CIRCUIT
VDD D5 D4 D3 D2 D1 D0 VDD DI To SM5262B D0 D1 D2 D3 D4 D5 RF GND ANT
A0 A1 A2 A3 A4 A5 D5 D4 Vss
VDD Dout OSC1 OSC2 LED D0 D1 D2 D3
ROSC
SM5262B - DX
Page 10
OCT. 2001
SM5262B
SAMHOP Microelectronics Corp.
312 RF ENCODER
APPLICATION CIRCIUT
VDD
10g H
25P MPSH10 47K From Encoder's O/P
5P
Page 11
OCT. 2001
SM5262B
SAMHOP Microelectronics Corp.
312 RF ENCODER
ORDERING INFORMATION
Part No. SM5262B
Package 18 Pin DIP
Part No. SM5262BS
Package 20 Pin SOP
Logo
Product No. Empty: DIP TYPE S: SO Package General Type D2: Two data output type D3: Three data output type D4: Four data output type
SM5262B S - DX
xxx xx
Serial Number
Date Code
ESD Protection Mark
Page 12
OCT. 2001


▲Up To Search▲   

 
Price & Availability of SM5262BS-D4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X