Part Number Hot Search : 
VP7615 TA78L075 TMEGA32 STR381 07401 LMY82D 3201V RL201
Product Description
Full Text Search
 

To Download SM26F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MT
F32
MM
TF3
2
SM
26F
MTF Quartz Crystal * JXE 63
Tuning Fork Quartz Crystal
Features s three different package versions s surface mount version available
MTF32
MMTF32
SM26F
actual size
General Data
type frequency frequency tolerance at 25 C load capacitance CL frequency temperature characteristic operating tenperature range shunt capacitance Co ratio Co / C1 series resistance max. ( ESR ) storage temperature drive level max. aging first year
* T = requested temperature
MTF32 32.768 kHz 10 ppm 10 pF (15.0 ~ 150.0 kHz) 20 ppm 12.5 pF
MMTF32 32.768 kHz 10 ppm 10 pF (28.0 ~ 80.0 kHz) 20 ppm 12.5 pF
SM26F 32.768 kHz 20 ppm 12.5 pF (28.0 ~ 80.0 kHz) 30 ppm 12.5 pF
f (ppm) = -0.036 ( 25C -T* )2 -20C ~ +70C / -40C ~ +85C 1.3 pF typical 530 typical 30.0 k -40 C ~ +90 C 1 W < 5 ppm
f (ppm) = -0.036 ( 25C -T* )2 -20C ~ +70C / -40C ~ +85C 1.1 pF typical 470 typical 30.0 k -40 C ~ +90 C 1 W < 5 ppm
f (ppm) = -0.036 ( 25C -T* )2 -20C ~ +70C / -40C ~ +85C 1.1 pF typical 570 typical 50.0 k -40 C ~ +90 C 1 W < 5 ppm
Frequency Stability vs. Temperature
- 80 ppm -20 C ~ +70 C -40 C ~ +85 C STD. T1 - 160 ppm
Marking
KDS 32.768 / date code ( month / year ) date code: A ~ M: Jan.- Dec. 2: 2002 / 3: 2003 Jan. A July G Febr. B Aug. H Mar. C Sept. J Apr. D Oct. K May E Nov. L June F Dec. M
*
*
*
standard
Order Information
Q
frequency in MHz
type
load capacitance in pF
stability at 25 C in ppm
option
Quartz
0.032768 MHz standard 15.0 ~ 150.0 kHz MTF32 28.0 ~ 80.0 kHz MMTF32 28.0 ~ 80.0 kHz SM26F
MTF32 MMTF32 SM26F
6 pF ~ 12,5 pF
20 ppm 10 ppm
T1= -40C~+85C
Example: Q 0.032768-MTF32-12.5-20
The pulse of progress
Jauch Quartz GmbH * Telephone: (+49) 77 20 / 9 45-0 * Telefax: (+49) 77 20 / 9 45-100 * Internet: www.jauch.de * e-mail: hcj@jauch.de * 08/2002
Quartz Crystal * MTF32 * MMTF32 * SM26F
Dimensions
MTF32
8.0+0.3/-0.2 3.0+0.1/-0.2 10.01.0
tuning fork crystal - handling note for through hole type
1. mounting: * if the crystal is mounted on board directly (orientation: lay down) or fixed by metal parts, the body of the crystal will be heated up * recommended mounting:
rubber glue paste
in mm
o 0.350.02
1.10.2
crystal PC board
anti-heating material
MMTF32
6.0 2.0+0.1/-0.2
+0.1/-0.2
2. soldering: * pre-heating +130 C ~ + 150 C for 1 to 3 mintues * soldering +230 C ~ + 250 C for 5 seconds maximum 3. cleaning:
0.70.2 7.5
1.0
* ultrasonic cleaning with organic solvents * ultrasonic frequency should not be equal to the resonance frequency of the crystal * handle the crystal carefully, it cannot stand heavy shock * if you test the whole board automatically do not apply pulse to the crystal oscillator circuit, especially high pulse level can break the crystal blank
4. handling:
o 0.280.05
5. testing:
in mm
SM26F type A (1000 pcs per reel)
o 0.3050.03 6.0+0.1/-0.2 2.10.2
pad layout
3.4 1.7 3.25 max. 0.70.1 3.8 1.9
in mm
o 2.00.1
SM26F type B (1000 pcs per reel)
6.0+0.1/-0.2 3.00.2
2.90.3
1.10.2
pad layout
2.5 2.54 1.0 6.0
in mm
1.75
o 2.00.1
o 0.3050.03
2.540.2
2.00.2
2.1 max.
0.70.1
2.5
1.0
The pulse of progress
Jauch Quartz GmbH * Telephone: (+49) 77 20 / 9 45-0 * Telefax: (+49) 77 20 / 9 45-100 * Internet: www.jauch.de * e-mail: hcj@jauch.de * 08/2002


▲Up To Search▲   

 
Price & Availability of SM26F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X