Part Number Hot Search : 
MMBT2222 6118C 12013 93L66 ELD42 CS160KM RL30A 2SC5043
Product Description
Full Text Search
 

To Download SLD304XT-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SLD304XT
1000mW High Power Laser Diode
Description The SLD304XT allows independent thermal and electric design. This laser diode has a built-in TE (Thermo Electric) cooler. Features * High power Recommended optical power output Po = 900mW * Low operating current * Flat Package with built-in photodiode, TE cooler and thermistor Applications * Solid state laser excitation * Medical use Structure AlGaAs double-hetero-type laser diode Operating Lifetime MTTF 10,000H (effective value) at Po = 900mW, Tth = 25C Absolute Maximum Ratings (Tth = 25C) * Optical power output Po * Reverse voltage VR LD PD * Operating temperature Topr * Storage temperature Tstg Equivalent Circuit
TE Cooler N P
TH
LD
PD
1
2
3
4
5
6
7
8
Pin Configuration (Top View) No. 1 2 3 4 5 6 1000 2 15 -10 to +30 -40 to +85 mW V V C C 7 8 Function TE cooler (negative) Thermistor lead 1 Thermistor lead 2 Laser diode (anode) Laser diode (cathode) Photodiode (cathode) Photodiode (anode) TE cooler (positive)
Warranty This warranty period shall be 90 days after receipt of the product or 1,000 hours operation time whichever is shorter. Sony Quality Assurance Department shall analyze any product that fails during said warranty period, and if the analysis results show that the product failed due to material or manufacturing defects on the part of Sony, the product shall be replaced free of charge. Laser diodes naturally have differing lifetimes which follow a Weibull distribution. Special warranties are also available.
1
8
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
-1-
E88066C02-PS
SLD304XT
Electrical and Optical Characteristics Item Threshold current Operating current Operating voltage Wavelength Monitor current Perpendicular Radiation angle Parallel Position Positional accuracy Differential efficiency Thermistor resistance Angle Symbol Ith Iop Vop p Imon // X, Y D Rth PO = 900mW PO = 900mW PO = 900mW PO = 900mW VR = 10V PO = 900mW Conditions
(Tth: Thermistor temperature, Tth = 25C) Min. Typ. 550 1600 2.2 770 1.5 28 13 PO = 900mW PO = 900mW Tth = 25C 0.65 0.85 10 40 17 100 3 Max. 750 2000 3.0 840 Unit mA mA V nm mA degree degree m degree mW/mA k
Wavelength Selection Classification Type SLD304XT-1 SLD304XT-2 SLD304XT-3 Type SLD304XT-21 SLD304XT-24 SLD304XT-25 Wavelength (nm) 785 15 810 10 830 10 Wavelength (nm) 798 3 807 3 810 3
Handling Precautions Eye protection against laser beams The optical output of laser diodes ranges from several mW to 1W. However the optical power density of the laser beam at the diode chip reaches 1MW/cm2. Unlike gas lasers, since laser diode beams are divergent, uncollimated laser diode beams are fairly safe at a laser diode. For observing laser beams, ALWAYS use safety goggles that block infrared rays. Usage of IR scopes, IR cameras and fluorescent plates is also recommended for monitoring laser beams safely.
Laser diode
Lens Optical material
Safety goggles for protection from laser beam
IR fluorescent plate
AP C ATC
Optical boad
Optical power output control device temperature control device
-2-
SLD304XT
Example of Representative Characteristics
Optical power output vs. Forward current characteristics
1000 Tth = 25C Tth = 0C Po - Optical power output [mW] Po - Optical power output [mW] Tth = -10C Tth = 15C 1000 Tth = 15C Tth = 0C Tth = -10C Tth = 30C
Optical power output vs. Monitor current characteristics
Tth = 30C Tth = 25C
500
500
0 0
0
0.5 Imon - Monitor current [mA]
1
0
500
1000
1500
2000
IF - Forward current [mA]
Threshold current vs. Temperature characteristics
1000
Power dependence of far field pattern (parallel to junction)
Tth = 25C
Ith - Threshold current [mA]
PO = 900mW 500 Radiation intensity (optional scale)
PO = 800mW
PO = 600mW
PO = 400mW
100 -10
0
10
20
30
PO = 200mW
Tth - Thermistor temperature [C]
-30
-20
-10
0
10
20
30
Angle [degree]
Power dependence of near field pattern
Tth = 25C Radiation intensity (optional scale) PO = 900mW p - Oscillation wavelength [nm] PO = 800mW PO = 600mW PO = 400mW PO = 200mW
Oscillation wavelength vs. Temperature characteristics
830 PO = 900mW
820
810
800
790
200m
780
-10
0
10
20
30
40
Tth - Thermistor temperature [C]
-3-
SLD304XT
Differential efficiency vs. Temperature characteristics
400
Power dependence of polarization ratio
Tth = 25C
D - Differential efficiency [mW/mA]
1.0 300 Polarization ratio -10 0 10 20 30 40
200
0.5
100
0
0
200
400
600
800
1000
Tth - Thermistor temperature [C]
Po - Optical power output [mW]
-4-
SLD304XT
Power dependence of wavelength
Tth = 25C Po = 200mW Relative radiant intensity Relative radiant intensity
Tth = 25C Po = 400mW
800
805 Wavelength [nm]
810
800
805 Wavelength [nm]
810
Tth = 25C Po = 600mW Relative radiant intensity Relative radiant intensity
Tth = 25C Po = 800mW
800
805 Wavelength [nm]
810
800
805 Wavelength [nm]
810
Tth = 25C Po = 900mW Relative radiant intensity 800
805 Wavelength [nm]
810
-5-
SLD304XT
Temperature dependence of wavelength (Po = 900mW)
Tth = -5C
Tth = 0C
Relative radiant intensity
795
805 Wavelength [nm]
815
Relative radiant intensity 795
805 Wavelength [nm]
815
Tth = 5C
Tth = 10C
Relative radiant intensity
795
805 Wavelength [nm]
815
Relative radiant intensity 795
805 Wavelength [nm]
815
Tth = 15C
Tth = 20C
Relative radiant intensity
795
805 Wavelength [nm]
815
Relative radiant intensity 795
805 Wavelength [nm]
815
-6-
SLD304XT
Tth = 25C
Tth = 30C
Relative radiant intensity
795
805 Wavelength [nm]
815
Relative radiant intensity 795
805 Wavelength [nm]
815
TE cooler characteristics
TE cooler characteristics 1
10 Tc = 33C 10 Tc = 25C
TE cooler characteristics 2
IT = 2.5A
T vs V
VT - Pin voltage [V] Q - Absorbed heat [W] Q - Absorbed heat [W] T vs V IT = 2.5A 5 2.0A 5 1.5A 3 1.0A 2 0.5A 2.0A 1 0 0 4
5 1.5A 5 1.0A 4 3 2
T
0.5A
vs
Q
5A
2.0A
0.
0
5A
1.
0A
50
1.
2.
1 0
5A
100
0
0
50
100
T - Temperature difference [C] T : Tc - Tth Tth: Thermistor temperature Tc : Case temperature
T - Temperature difference [C]
Termistor characteristics
50 Rth - Thermistor resistance [k]
10
5
1 -10 0
10 20 30 40 50 60 70
Tth - Thermistor temperature [C]
-7-
VT - Pin voltage [V]
2.0A
T vs Q
1. 0A
0. 5A
1. 5A
2. 5A
SLD304XT
Package Outline
Unit: mm
M - 273(LO - 10)
+ 0.05 4 - O3.0 0 33.0 0.05
14.0
O5.0 Window Glass
15.0 0.05
* 7.5 0.1
4 - R1.2 0.3
8 - O0.6 2.54
38.0 0.5
0.65MAX
LD Chip
19.0 28.0 0.5
+ 2.0 8.0 - 1.0
Reference Plane
28.0 0.5 7.5 0.2 11.35 0.1
10.4
*16.5 0.1
*Distance between pilot hole and emittng area
PACKAGE STRUCTURE
SONY CODE EIAJ CODE JEDEC CODE M-273(LO-10) PACKAGE WEIGHT 43g
-8-
3.0
Sony Corporation


▲Up To Search▲   

 
Price & Availability of SLD304XT-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X