Part Number Hot Search : 
02101 TA1113A 1C220 8C110MGR SSM3K B5011 EE08807 KLPC6000
Product Description
Full Text Search
 

To Download SLD238VL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SLD238VL
Index-Guided High Power AlGaAs Laser Diode For the availability of this product, please contact the sales office.
Description The SLD238VL is a high-power, index-guided AlGaAs laser diode. Features * High power * Low current consumption * Small astigmatism * Small package (5.6mm) Applications Optical pickup for CD-R/RW Structure AlGaAs quantum well structured laser diode Recommended Operating Optical Power Output Absolute Maximum Ratings * Optical power output Pomax 90mW M-274
100 mW (CW) 150 mW (Pulse) Pulse width 200ns or less Duty 50% or less LD 2 -10 to +70 -40 to +85 V C (Pulse Operation) C
* Reverse voltage * Operating temperature * Storage temperature
VR Topr Tstg
Connection Diagram
3 COMMON
Pin Configuration
LD
2 1
1
3 1. LD anode 2. N.C. 3. COMMON Bottom View
Sony reserves the right to change products and specifications without prior notice. This information does not convery any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
-1-
E01423A19-PS
SLD238VL
Optical and Electrical Characteristics (Tc = 25C) Item Threshold current Operating current Operating voltage Wavelength Differential efficiency Radiation angle Astigmatism Positional accuracy Angle Position Paralell Perpendicular Ith Iop Vop p D // As // X, Y, Z Symbol CW CW, Po = 90mW CW, Po = 90mW CW, Po = 90mW CW, Po = 90mW CW, Po = 90mW CW, Po = 90mW CW, Po = 90mW CW, Po = 90mW CW, Po = 90mW Conditions Min. 23 100 -- 779 0.7 7.4 14.0 -6 -- -- -- Typ. 30 120 2.0 784 1.0 8.3 16.5 -- -- -- --
Tc: Case temperature Max. 40 140 2.3 789 1.3 9.8 19.0 0 1.6 2.5 80 Unit mA mA V nm mW/mA deg deg m deg deg m
-2-
SLD238VL
Notes on Operation Care should be taken for the following points when using this product. (1) This product corresponds to a Class 3B product under IEC60825-1 and JIS standard C6802 "Laser Product Emission Safety Standards".
LASER DIODE
LASER DIODE This product complies with 21 CFR Part 1040.10 and 1040.11 Sony Corporation
LASER RADIATION AVOID DIRECT EXPOSURE TO BEAM
MAXIMUM OUTPUT WAVELENGTH
400 mW 600 - 950 nm
CLASS III b LASER PRODUCT
AVOID EXPOSURE Laser radiation is emitted from this aperture.
6-7-35 Kitashinagawa, Shinagawa-ku,Tokyo 141-0001 Japan
(2) Eye protection against laser beams Take care not to allow laser beams to enter your eyes under any circumstances. For observing laser beams, ALWAYS use safety goggles that block laser beams. Usage of IR scopes, IR cameras and fluorescent plates is also recommended for monitoring laser beams safely. (3) Gallium Arsenide This product uses gallium arsenide (GaAs). This is not a problem for normal use, but GaAs vapors may be potentially hazardous to the human body. Therefore, never crush, heat to the maximum storage temperature or higher, or place the product in your mouth. In addition, the following disposal methods are recommended when disposing of this product. 1. Engaging the services of a contractor certified in the collection, transport and intermediate treatment of items containing arsenic. 2. Managing the product through to final disposal as specially managed industrial waste which is handled separately from general industrial waste and household waste. (4) Prevention of surge current and electrostatic discharge Laser diodes are most sensitive to electrostatic discharge among semiconductors. When a large current is passed through the laser diode for even an extremely short time, the strong light emitted from the laser diode promotes deterioration and then destruction of the laser diode. Therefore, note that surge current should not flow to the laser diode driving circuit from switches and others. Also, if the laser diode is handled carelessly, it may be destroyed instantly because electrostatic discharge is easily applied by a human body. Therefore, be extremely careful about overcurrent and electrostatic discharge. (5) Use for special applications This product is not designed or manufactured for use in equipment used under circumstances where failure may pose a risk to life and limb, or result in significant material damage, etc. Consult your Sony sales representative when investigating use for medical, vehicle, nuclear power control or other special applications. Also, use the power supply that was designed not to exceed the optical power output specified at the absolute maximum ratings.
-3-
SLD238VL
Package Outline
Unit: mm
M-274
Reference Slot 0.5 3
90
1.0
0.4
2
1
0 5.6 - 0.025 Window Glass 4.4 MAX 3.7 MAX 1.0 MIN 0.5 MIN
2.6 MAX 6.5 1.2 0.1 1.26
Reference Plane
LD Chip & Photo Diode
0.25
231 3 - 0.45
Optical Distance = 1.35 0.08
PCD 2.0
SONY CODE EIAJ CODE JEDEC CODE
M-274
PACKAGE MASS
0.3g
-4-
Sony Corporation


▲Up To Search▲   

 
Price & Availability of SLD238VL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X