Part Number Hot Search : 
2GMXX RT7257 GBJ10 C829K 60N06 SBS808M BUY49S C106M
Product Description
Full Text Search
 

To Download SL71063 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SL71063
CC, CV Control for Battery Charger & Adaptor
Description
The SL71063 is a voltage and current control IC which contains precision voltage reference. It is suitable for battery charger, second controller of switching regulator systems, and other battery systems.
Features
* Constant Voltage & Constant Current Control * Wide input voltage range : 2.2V to 14V * Internal Precision Voltage Reference : 1.240V 1% * Photo Coupler ( PC ) Drive Current : 40mA Typ. * Operating Current : 1mA Max. * Easy compensation & Low external component count. * Package Outline : SOT26.
Applications
* Adapters * Battery chargers
Ordering Information
Type NO. SL71063 Marking 763 Package Code SOT - 26
Outline Dimensions
0.95 Typ. 2.60~3.00 1.50~1.70 1 2 3 0.95 Typ. 6 5 4 0.45 Max. 2.80~3.00
unit : mm
0.19 Max.
0.10 Max.
0.40 Min.
PIN Connections 1. A -INPUT 2. GND 3. B +INPUT 4. Vcc 5. PC 6. A +INPUT
1
1.00~1.20
KSD-I5P008-000
SL71063
Internal Block Diagram
Typical Application : Adapter or Battery Charger Application Using SL71063
In the above application schematic, the SL71063 is used on the secondary side of a flyback adapter (or battery charger) to provide an accurate control of voltage and current. The above feedback loop is made with an optocoupler.
KSD-I5P008-000
2
SL71063
Pin Description
Name
A -INPUT GND B +INPUT Vcc PC A +INPUT
Pin No.
1 2 3 4 5 6
Function
Input Pin of the Current Control Loop Ground Line. 0V Reference For All Voltages Input Pin of the Voltage Control Loop DC Supply Line Photo Coupler (P/C)Drive Pin. Sinking Current Only Input Pin of the Current Control Loop
Absolute Maximum Ratings
Characteristic
DC Supply Voltage Power Dissipation Operating Ambient Temperature Range Storage Temperature Range
Symbol
Vcc Pd * Topr Tstg
Value
16 500 -40 to 85 -55 to 150
Unit
V
* Mount on a glass epoxy circuit board of 30x30mm Pad dimension of 50mm2
Operating Conditions
Characteristic
DC Supply Voltage
Symbol
VCC
Value
2.2 to 14
Unit
V
Electrical Characteristics
Ta = 25 and VCC = 5V (unless otherwise specified)
Characteristic
Operating Current Leakage Current Saturation Voltage PC Terminal Current Output Voltage High
Symbol Test Condition
ICC IPCLEAK VPCSAT IPC VOH IPC = off V+ = VPC = 14V IPC = 20 RL = 30
Min.
20 -
Typ.
0.6 500 40 VCC - 0.1
Max.
1.0 10 700 70 -
Unit
V
KSD-I5P008-000
3
SL71063
Electrical Characteristics (Continued)
Ta = 25 and VCC = 5V (unless otherwise specified)
Characteristic [A CH : Current Control Loop]
Reference Voltage 1) Input Bias Current
Transconduction Gain 2)
Symbol Test Condition
Min.
Typ.
Max.
Unit
VREF(A) IB(A) GM(A)
IPC = 2.5 -
69 1.5
72 20 8
75 50 -
/
[B Ch : Voltage Control Loop]
Reference Voltage 3) Input Bias Current
Transconduction Gain
4)
VREF(B) IB(B) GM(B)
IPC = 1.5 -
1.227 1
1.240 50 3
1.253 500 -
V /
1) The internal current sense threshold is set to -72mV. The current control loop precision takes into account the cumulative effects of the internal voltage reference deviation as well as the input offset voltage of the transconduction operational amplifier. 2) When the positive input at ICTRL is lower than -72mV, and the voltage is decreased by 1mV, the sinking current at the output OUT will be increased by 8mA. 3) The internal voltage reference is set at 1.240V (bandgap reference). The voltage control loop precision takes into account the cumulative effects of the internal voltage reference deviation as well as the input offset voltage of the trans-conductance operational amplifier. 4) If the voltage on B +Input (the positive input of the amplifier) is higher than the negative amplifier input ( Vref(B) = 1.240V), and it is increased by 1mV, the sinking current at the output OUT will be increased by 3mA.
KSD-I5P008-000
4
Fig.1 Supply current vs Ambient Temperature
Ic c v s . Ta
1.2
Fig.2 Vref(B) vs Ambient Temperature
Vref(B) vs Ta
1.250 2.2V V CC 14V 1.245
Vcc: 14V
Icc[mA]
0.8
V ref(B ) [ V ]
1.240 1.235 1.230 1.225
0.4
Vcc: 5V Vcc: 2.2V
0.0 -45 -25 -5 15 35 55 75
-45
-25
-5
15
35
55
75
Ta[]
Ta []
Fig.3 Vref(A) vs Ambient Temperature
V r e f (A ) v s T a
76
Fig.4 Saturation Voltage vs Ambient Temperature
V pc s at v s Ta
700
Vcc:5V
Vpcsat(B)[mV]
74
Vcc: 5V, Ipc=20mA
600 500 400 300 200
Vref(A)[mV]
72
70
68 -45 -25 -5 15 35 55 75 95
100 -45 -25 -5 15 35 55 75
Ta[]
Ta[]
Fig. 5 Input Bias Current vs Ambient Temperature
Ib(B) vs Ta
30 25 Ib( B ) [n A ] 20 15 10 5 0 -45 -25 -5 15 Ta [] 35 55 75 V CC : 5V
KSD-I5P008-000
5
SL71063
The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice.
KSD-I5P008-000 6


▲Up To Search▲   

 
Price & Availability of SL71063

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X