Part Number Hot Search : 
SC2412 09100 ON1414A TA203212 KF4N20LI 76000 P6KE68 AN712
Product Description
Full Text Search
 

To Download SL5019P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SL5019/P
LOW POWER NARROW BAND FM IF
Description
The SL5019/P performs single conversion FM reception and consist of oscillator, mixer, limiting IF amplifier, and meter drive circuitry. These devices are designed for use in FM dual conversion communication equipment. The SL5019/P is similar to the SL5018 FM IFs, except that a signal strength indicator replaces the scan function controlling driver which is in the SL5018. The SL5019/P is design for the use of parallel LC components. This device also requires fewer external parts than earlier products. The SL5019/P are available in dual-in-line and surface mount packaging.
Features
* Wide operating Supply Voltage Range : VC C = 2.0 to 9.0V * Input Limiting Voltage Sensitivity of -3.0 dB (2 A) * Low Drain Current : Icc=3.2mA, (VC C =4.0V, Squelch off) * Minimal Drain Current increase When Squelched * Signal Strength indicator : 60dB Dynamic Range * Mixer operation Frequency Up to 100MHz * Fewer External Parts Required than Earlier Devices.
Ordering Information
Type NO.
SL5019 SL5019P
Marking
SL5019 SL 5019
Package Code
SOP16 DIP16
Outline Dimensions
SOP16 DIP16
unit : mm
KSI-W005-000
1
SL5019/P
Absolute Maximum Ratings
Characteristics
Maximum Supply Voltage Supply Voltage Detector input Voltage RF Input Voltage(VC C A 4.0V) Squelch Input Voltage(VC C A 4.0V) Mute Function Mute Sink Current Operating Temperature Storage Temperature
(Ta = 25 C)
Symbol
VC C ( M A X ) VC C VI N ( D E T ) VIN(RF) Vs q VM U T E Is q T opr T stg
Rating
10 2.0 ~ 9.0 1.0 1.0 6.0 -0.7 ~ +10 50 -20 ~ +70 -65 ~ +150
Unit
V V Vp- p Vrms V Vpk mA C C
Electrical Characteristics
(Unless otherwise specified Ta=25 C , Vcc=4V, fO =58.1125MHz, fm=1kHz, af = 3kHz)
Characteristics
Symbol
IC C 1
Test Conditions
Squelch off(V1 2 = 2V) Squelch on(V1 2 = 0V) Squelch off, VC C = 2 ~ 9V V8 = 2.0V No Input Signal Matched Input
Min.
0.9 1.5 34 -
Typ.
3.2 3.6 1.0 1.6 2.5 57 1.0 5.0 3.5
Max.
4.2 4.8 2.0 2.3 3.5 80 -
Unit
Squelch Current (No Signal)
IC C 2 dIC C 1
mA
Detector Output DC Voltage Filter Output DC Voltage Trigger Hysteresis
V9 V1 1 Hys VS I N
V V mV
Input for 12dB SINAD
rms V Unmatched Input 15 rms V
Input for 20dB NQS
VN Q S
-
KSI-W005-000
2
SL5019/P
Electrical Characteristics
(Unless otherwise specified Ta=25 C , Vcc=4V, fO =58.1125MHz, fm=1kHz, af = 3kHz)
Characteristics
Recovered Audio Output Voltage
Symbol
AFO
Test Conditions
Vin = -30dBm
Min.
120
Typ.
200
Max.
320
Unit
mVrms
Recovered Audio Drop Voltage Loss
AFL O S S
Vin = -30dBm VC C =4.0~2.0V Vin = -100 dBm Vin = -70 dBm Vin = -40 dBm Rr=600 , f s =10kHz Vfa =1.0mVrms Vin = -40dBm, RL =1.8 kU Vin = -30dBm Vin=-30dBm BW=400Hz ~ 30KHz
-8.0
-1.5
-
dB
MV1 Meter Drive Output Voltage (No Modulation) MV2 MV3 Filter Amp Gain AV (Amp) AV (Mix) S/N
1.1 2.0
0.3 1.5 2.5
0.5 1.9 3.1 V
47
50
-
dB
Mixer Conversion Gain Signal to Noise Ratio Total harmonic Distortion
14 36
20 67
-
dB dB
THD
-
0.6
3.4
%
Detector Output Impedance
ZO
-
-
450
-
U
Detector Output Voltage Meter Driver Meter Driver Dynamic Range
DVO
Vin = -30dBm No Modulation Vin = -100 ~ -40dBm f 1 = 58.125MHz f 2 =58.1375Mhz -
-
1.45
-
V
MO RF I N IF I N ITOM I X
-
0.8 60 80
-
E/dB
dB -
Mixer Third Order Input Intercept Point Mixer Input Resistance Mixer Input Capacitance
-
-22
-
dBm
Rin Cin
-
3.3 2.2
-
kU pF
KSI-W005-000
3
PIN Configuration
1 Crystal OSC 2 15 GND 16 RF Input
SL5019/P
Mixer
Output
3
14
Audio
Mute
VCC
4
SL5019 SL5019P
SL5019
13
RSSI
Output
Limiter
Input
5
12
Squelch
Input
Decoupling
6
11
Filter
Output
Decoupling
7
10
Filter
Input
Quadrature
Input
8
9
Audio
Output
Block Diagram and Test Circuit
Filter RF Input Mute 51 51K C1 0.01 0.1 510K 470 1.0 1.0 8.2k 0 . 0 1 RSSI Output SQ in Out Filter In AF Out to Audio Power AMP
16
15
14
13
12
11
Filter Amp
10 +
9
AF Amp
Squelch Trigger with Hysteresis
Demodulator Mixer Limiter Amp 51K Osillator 1.8K 10pF 53K
1
15pF
2
3
4
5
6
7
20K
8
57.6575 MHz 22pF 0.33
0.1
0.1
Quad Coil TOKO 0.001uF Vcc = 4.0Vdc muRata CFU455D2 or equivalent 2A6597 HK 10mm 0.1 or 7MC-8128Z 7mm
Units: R:ohm, C:
Unless otherwise noted capacitors marked "sm" are silver mica.
KSI-W005-000
4
SL5019/P
Application Circuit
1st IF 10.7MHz from Input Front End
Vcc=4.0Vdc
RSSI Output R2 10K C9 10 R3 100K C2 4.7 D1 IN5817 R4 1.0K R5 4.7K R6 C 4 560 0.001 C5 0.001 R9 510K R7 4.7K VR1 (Squelch Control) 10K R8 3.3K C8 0.22 VR2 10K 9 C7 0.022
C15 91pF L1 TKANS R1 9443HM 51K 6.8uH 3/4 6 %
L2 8.2uH
C3 0.1 C17 0.1
R11 560 C1
0.01uF
16
15
14
13
12
11
10
AF out to Audio Power Amp
SL5019
SL5019 SL5019P
1 C10 10.245 MHz 68pF sm
2
3
4
5
6
7
8
C11 220pF sm muRata CFU455D2 or equivalent
C12 0.1
C13 0.1
R10 39K T2: TOKO 2A6597 HK 10mm or 7MC-8128Z 7mm
C14 0.1
Units: R:ohm, C: Unless otherwise noted capacitors marked "sm" are silver mica.
KSI-W005-000
5
SL5019/P
Typical Performance Characteristics
THD. TOTAL HARMONIC DISTORTION (%)
Total Harmonic Distortion v s . TEMPERATURE 5.0 4.0 3.0 2.0 1.0 0.0 -55 -35 -15 5 25 45 65 85 105 125 oC TA A M B I E N T T E M P E R A T U R E )( 70 Vcc =4.0Vdc RFin = -30dBm fo = 10.7 MHz RSSI OUT (uA) 60 50 40 30 20 10 TA = + 7 5oC
RSSI vs. RF Input TA = + 7 5oC oC TA = + 2 5 TA = - 3 0 oC
Vcc = 4.0Vdc fo = 10.7 MHz TA = - 3 0 oC 0 20
0 -140 -120 -100 - 8 0 - 6 0 - 4 0 - 2 0 RF Input (dBm)
RSSI OUTPUTvs. TEMPERATURE 60 54 -30dBm 48 Vcc =4.0Vdc 42 fo = 10.7 MHz 36 -70dBm 30 24 18 12 -110dBm 6 0 -55 -35 -15 5 25 45 65 85 105 125 oC TA A M B I E N T T E M P E R A T U R E )(
MIXER OUTPUT vs. RF Input 0 -10 MIXER OUTPUT (dBm) -20 -30 -40 -50 -60 -70 -70 -60 -50 Vcc = 4.0Vdc TA = 2 7oC -40 -30 -20 -10 RF Input (dBm) 0 10 100MHz Desired Products 100MHz 3rd Order Products
RSSI OUTPUT (uA)
MIXER GAIN vs. SUPPLY VOLTAGE 30.0 27.0 24.0 21.0 18.0 15.0 12.0 9.0 6.0 3.0 0 40 TA = + 7 5oC 30 MIXER GAIN (dB) TA = + 3 0oC TA = + 2 5oC fo = 10.7 MHz RFin = -40dBm 18 KU Load 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 Vcc SUPPLY VOLTAGE (V) 20 10 0
MIXER GAIN vs. FREQUENCY Vcc =4.0Vdc T A = 2 7oC RFin = -40dBm -10dBm -15dBm -20dBm 5dBm 0dBm -5dBm 1.0 10 100 f FREQUENCY(MHz) 1000
RSSI OUTPUT (uA)
KSI-W005-000
6


▲Up To Search▲   

 
Price & Availability of SL5019P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X