Part Number Hot Search : 
AD8531AR MAX92 M74HC283 4EM3T5 A1315 93AA46 1N6108A M67776L
Product Description
Full Text Search
 

To Download SL4502BN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SL4502B
Strobed Hex Inverter/Buffer
High-Voltage Silicon-Gate CMOS
The SL4502B consists of six inverter/buffers with 3-state outputs. A logic "1" on the OUTPUT ENABLE input produces a high impedance state in all six outputs. This feature permits common busing of the outputs, thus simplifying system design. A logic "1" on the DIRECTION input switches all six outputs to logic "0" if the OUTPUT ENABLE input is a logic "0". * Operating Voltage Range: 3.0 to 18 V * Maximum input current of 1 A at 18 V over full packagetemperature range; 100 nA at 18 V and 25C * Noise margin (over full package temperature range): 1.0 V min @ 5.0 V supply 2.0 V min @ 10.0 V supply 2.5 V min @ 15.0 V supply
ORDERING INFORMATION SL4502BN Plastic SL4502BD SOIC TA = -55 to 125 C for all packages
LOGIC DIAGRAM
PIN ASSIGNMENT
FUNCTION TABLE
Inputs Output Enable L L L PIN 16=VCC PIN 8= GND H Direction L L H X A L H X X Output Y H L L Z
Z = high impedance X = don't care
SLS
System Logic Semiconductor
SL4502B
MAXIMUM RATINGS *
Symbol VCC VIN VOUT IIN PD PD Tstg TL
*
Parameter DC Supply Vo ltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Power Dissipation per Output Transistor Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +20 -0.5 to VCC +0.5 -0.5 to VCC +0.5 10 750 500 100 -65 to +150 260
Unit V V V mA mW mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TA Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Min 3.0 0 -55 Max 18 VCC +125 Unit V V C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or V ). CC Unused outputs must be left open.
SLS
System Logic Semiconductor
SL4502B
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC Symbol VIH Parameter Minimum High-Level Input Voltage Maximum Low -Level Input Voltage Minimum High-Level Output Voltage Maximum Low-Level Output Voltage Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package) Minimum Output Low (Sink) Current Test Conditions VOUT=0.5 V VOUT=1 V VOUT=1.5 VOUT= VCC - 0.5V VOUT= VCC - 1.0 V VOUT= VCC - 1.5V VIN=GND V 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 18 5.0 10 15 20 5.0 10 15 5.0 5.0 10 15 18 Guaranteed Limit -55C 3.5 7 11 1.5 3 4 4.95 9.95 14.95 0.05 0.05 0.05 0.1 1 2 4 20 3.84 9.6 25.2 -2 -0.64 -1.6 -4.2 0.4 25C 3.5 7 11 1.5 3 4 4.95 9.95 14.95 0.05 0.05 0.05 0.1 1 2 4 20 3.06 7.8 20.4 -1.6 -0.51 -1.3 -3.4 0.4 125 C 3.5 7 11 1.5 3 4 4.95 9.95 14.95 0.05 0.05 0.05 1.0 30 60 120 600 2.16 5.4 14.4 mA -1.15 -0.36 -0.9 -2.4 12 A Unit V
VIL
V
VOH
V
VOL
VIN= VCC
V
IIN ICC
VIN= GND or VCC VIN= GND or VCC
A A
IOL
VIN= GND or VCC UOL=0.4 V UOL=0.5 V UOL=1.5 V
mA
IOH
Minimum Output High VIN= GND or VCC (Source) Current UOH=2.5 V UOH=4.6 V UOH=9.5 V UOH=13.5 V Maximum Tree-State Leakage Current Output in High-Impedance State VIN= GND or VCC VOUT= GND or VCC
IOZ
SLS
System Logic Semiconductor
SL4502B
AC ELECTRICAL CHARACTERISTICS(CL=50pF, RL=200k unless otherwise specified, Input
tr=t f=20 ns) VCC Symbol tPHL Parameter Maximum Propagation Delay, Input A or Direction to Output Y (Figure 1) Maximum Propagation Delay, Input A or Direction to Output Y (Figure 1) Maximum Propagation Delay, Output Enable to Output Y (Figure 2) RL = 1 k Maximum Propagation Delay, Output Enable to Output Y (Figure 2) RL = 1 k Maximum Propagation Delay, Output Enable to Output Y (Figure 2) RL = 1 k Maximum Propagation Delay, Output Enable to Output Y (Figure 2) RL = 1 k Maximum Output Transition Time, Any Output (Figure 1) Maximum Output Transition Time, Any Output (Figure 1) Maximum Input Capacitance Maximum Tree-State Output Capacitance (Output in High-Impedance State) V 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 Guaranteed Limit -55C 270 120 80 380 180 130 120 80 60 220 100 80 250 130 110 250 110 80 200 100 80 120 60 40 25C 270 120 80 380 180 130 120 80 60 220 100 80 250 130 110 250 110 80 200 100 80 120 60 40 7.5 15 125C 540 240 160 760 360 260 240 160 120 440 200 160 500 260 220 500 220 160 400 200 160 240 120 80 Unit ns
tPLH
ns
tPHZ
ns
tPZH
ns
tPLZ
ns
tPZL
ns
tTLH
ns
tTHL
ns
CIN COUT
pF pF
SLS
System Logic Semiconductor
SL4502B
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
EXPANDED LOGIC DIAGRAM (1/6 of the Device)
SLS
System Logic Semiconductor


▲Up To Search▲   

 
Price & Availability of SL4502BN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X