Part Number Hot Search : 
2SJ316 TKP13A XE5224FD MUR1610 IS223 200G33 AN1215 SG2BC
Product Description
Full Text Search
 

To Download SL34A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SL32A Thru SL34A Low VF Surface Mount Schottky Barrier Rectifiers
P b Lead(Pb)-Free
Features: * Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy Molding Compound. * For surface mounted applications. * Exceeds environmental standards of MIL-S-19500 / 228. * Low leakage current. Mechanical Data * Case : Molded Plastic, JEDECDO-214AC. * Terminals : Solder plated, solderable per MIL-STD-750, Method 2026. * Polarity : Indicated By Cathode Band. * Mounting Position : Any * Weight : 0.05 grams
REVERSE VOLTAGE 20-40 Volts FORWARD CURRENT 3.0 AMPERES
SMA-1
SMA-1 Outline Dimension
B C A E J H H
unit:mm
SMA-1
Dim A B C E H J Min
2.40 4.40 3.80 1.50
Max
2.80 4.80 0.30(Typ) 4.20 1.00(Typ) 1.70
WEITRON
http://www.weitron.com.tw
1/3
14-Nov-05
SL32A Thru SL34A
Maximum Ratings and Electrical Characteristics
Characteristics Continuous Reverse Voltage Maximum Forward Voltage Repetitive Peak Reverse Voltage RMS Voltage Forward Rectified Current See Fig.2 Peak Forward Surge Current, 8.3 ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum DC Reverse Current VR = VRRM @TA=25C VR = VRRM @TA=100C Typical Thermal Resistance Typical Junction Capacitance f=1MHz and applied 4VDC reverse voltage
Operating Temperature Range
Symbol VR VF VRRM VRMS IO
SL32A 20 0.38 20 14
SL33A 30 0.40 30 21 3.0
SL34A 40 0.40 40 28
Unit V V V V A
IFSM
80
A
IR RJA CJ Tj TSTG
1.0 10 50(Typ) 300(Typ) -55 to+125 -55 to+150
mA C/W pF C C
Storage Temperature Range
Device Marking
Item SL32A SL33A SL34A Marking SL32 SL33 SL34
WEITRON
http://www.weitron.com.tw
2/3
14-Nov-05
SL32A Thru SL34A
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD CURRENT,(A) 3.6 3.0 2.4 1.8 1.2 0.6 0 0 20 40 60 80 100 120 140 160 180 200
Single Phase Half Wave 60Hz Resistive Or Inductive Load
50
INS TANTANEOUS FORWARD CURRENT,(A)
10
SL 3 2A
3.0 1.0
SL 33 A/ SL 34 A
Tj=25 C Pulse Width 300us 1% Duty Cycle
AMBIENT TEMPERATURE ( C) FIG.2-TYPICAL FORWARD CURRENT DERA TING CURVE
0.1
.01
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
PEAK FORWAARD S URGE CURRENT,(A)
100
80
FORWARD VOLT AGE,(V)
FIG.1-TYPICAL FORWARD CHARACTERISTICS
60
Tj=25C 8.3ms Single Half Sine Wave JEDEC method
40
100
20
0 1
5
10
50
100
REVERS E LEAKAGE CURRENT, (mA)
10
NUMBER OF CYCLES AT 60Hz
FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
700
Tj=75 C
1.0
JUNCTION CAPACITANCE,(pF)
600 500 400 300 200 100 0 0.01
.1
Tj=25 C
.01
0
20
40
60
80
100 120 140
PERCENTAGE RATED PEAK REVERSE VOL TAGE
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
0.05
0.1
0.5
1
5
10
50
100
REVERSE VOLTAGE,(V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
WEITRON
http://www.weitron.com.tw
3/3
14-Nov-05


▲Up To Search▲   

 
Price & Availability of SL34A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X