Part Number Hot Search : 
PE4352 ACT2804 AM7947 4S6R51 AP716510 LM404 P1WTL CMX649
Product Description
Full Text Search
 

To Download SL04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VISHAY
SL02 to SL04
Vishay Semiconductors
Small Surface Mount Schottky Diodes
\
Features
* * * * * For surface mounted applications Low-profile package Ideal for automated placement Low power loss, high efficiency High temperature soldering: 260 C/10 seconds at terminals
17249
Mechanical Data
Case: JEDEC DO-219-AB (SMF) Plastic case Polarity: Color band denotes cathode end Weight: approx. 0.01g
Packaging codes-options: G1-10 K per 13 " reel (8 mm tape), 50 K/box G2-3 K per 7 " reel (8 mm tape), 30 K/box
Parts Table
Part SL02 SL03 SL04 Type differentiation Single Diodes Single Diodes Single Diodes S2 S3 S4 Marking SMF SMF SMF Package
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Maximum repetitive peak reverse voltage Test condition Part SL02 SL03 SL04 Maximum RMS voltage SL02 SL03 SL04 Maximum DC blocking voltage SL02 SL03 SL04 Maximum average forward rectified current Peak forward surge current 8.3 ms single half sine-wave Ttp = 109 C Symbol VRRM VRRM VRRM VRMS VRMS VRMS VDC VDC VDC IF(AV) IFSM Value 20 30 40 14 21 28 20 30 40 1.1 40 Unit V V V V V V V V V A A
Document Number 85687 Rev. 3, 21-Feb-03
www.vishay.com 1
SL02 to SL04
Vishay Semiconductors Maximum Thermal Resistance
Tamb = 25 C, unless otherwise specified Parameter Thermal resistance junction to ambient air2) Maximum operating junction temperature Storage temperature range
2)Mounted
VISHAY
Symbol RJA TJ TSTG
Value 180 125 - 55 to 150
Unit K/W C C
on epoxy substrate with 3 x 3mm Cu pads ( 40 m thick)
Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Instaneous forward voltage at 0.5
1)
Test condition
Part SL02 SL03 SL04
Symbol VF VF VF VF VF VF IR IR IR IR IR IR
Typ. 0.360 0.395 0.450 0.420 0.450 0.530
Max 0.385 0.43 0.51
Unit V V V V V V
Typical instantaneous forward voltage
1.1 A 1.1 A 1.1 A
SL02 SL03 SL04 SL02 SL02 SL03 SL03 SL04 SL04
Maximum DC reverse current at rated DC blocking voltage
TA = 25 C TA = 100 C TA = 25 C TA = 100 C TA = 25 C TA = 100 C
250 8.0 130 6.0 20 6.0
A mA A mA A mA
1)
Pulse test: 300 s pulse width, 1 % duty cycle
Typical Characteristics (Tamb = 25 C unless otherwise specified)
1.5 250
Junction Capacitance (pF)
Average Forward Current (A)
200
1.0
150
100
0.5
SL02
50
SL04
0 10 0 10 30 50 70 90 110 130 150
17380
0
2
4
6
8
10
12
17379
Lead temperature (C)
Reverse Voltage (V)
Figure 1. Forward Current Derating Curve
Figure 2. Typical Junction Capacitance
www.vishay.com 2
Document Number 85687 Rev. 3, 21-Feb-03
VISHAY
SL02 to SL04
Vishay Semiconductors
Instantaneous Forward Current (A)
10
10000
TJ = 100C
1
Instantaneous Reverse Current ( A)
TJ = 100C TJ = 75C
100
1000
TJ = 75C
0.1
TJ = 50C
TJ = 50C
0.01
10
TJ = 25C
TJ = 25C
0.001 Pulse Width = 300s 1% Duty Cycle 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
1
0.0001
17381
0.1 0
17384
5
10
15
20
25
30
35
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
Figure 3. Typical Instantaneous Forward Characterisics - SL02
Figure 6. Typical Reverse Current Characteristics - SL03
10000
Instantaneous Reverse Current (A)
TJ = 100C
1000
TJ = 75C TJ = 50C
100
TJ = 25C
10
1 0 5 10 15 20 25
17382
Reverse Voltage (V)
Figure 4. Typical Reverse Current Characteristics - SL02
Instantaneous Forward Current (A)
10
1
TJ = 100C TJ = 75C
0.1
TJ = 50C
0.01
TJ = 25C
0.001 Pulse Width = 300s 1% Duty Cycle 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
0.0001
17383
Instantaneous Forward Voltage (V)
Figure 5. Typical Instantaneous Forward Characteristics - SL03
Document Number 85687 Rev. 3, 21-Feb-03
www.vishay.com 3
SL02 to SL04
Vishay Semiconductors Package Dimensions in mm
Cathode Band T op View
VISHAY
1.8 0.1
1.0 0.2
5 0.98 0.1
2.8 0.1
0.05 - 0.30
5 Detail Z enlarged
Z
0.60 0.25
0.00 - 0.10 3.7 0.2
17247
Mounting Pad Layout
1.6
1.2
1.2
17248
www.vishay.com 4
Document Number 85687 Rev. 3, 21-Feb-03
VISHAY
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements.
SL02 to SL04
Vishay Semiconductors
2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
Document Number 85687 Rev. 3, 21-Feb-03
www.vishay.com 5


▲Up To Search▲   

 
Price & Availability of SL04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X