|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SEMISTACK - SKAI Circuit B6CI Irms 300 Vdc 900 Types SKAI 3001GD12 1452 W Symbol Irms1) VCES VCEO rCE VCEsat EON + EOFF VTO rT VF=VEC EON + EOFF Rthjs2) Rthjs2) Rthsa2) PaDR Conditions no overload, Tcoolant= 50C, 5kHz, p.f.=0,8 overload, t<20s IGBT Tj= 125C Tj= 125C 400A, Tj= 25 / 125 C Vcc= 600/800V, Ic= 400A, Tj= 125C Inverse diode Tj= 125C Tj= 125C 400A, Tj= 25 / 125 C Vcc= 600/800V, Ic= 400A, Tj= 125C Thermal Characteristics / Heatsink per IGBT per diode Heatsink to coolant3), flow rate Vl= 15 l/min Heatsink to coolant3), flow rate Vl= 5 l/min Pressure drop, Coolant flow rate Vl= 5 l/min Pressure drop, Coolant flow rate Vl= 15 l/min Capacitor bank total equivalent capacitance max. DC voltage applied to capacitor bank Driver Power supply: typ value Power supply: min / max values Supply current Primary to Secondary Side Max. Switching Frequency power terminals to heatsink and signal connector: AC, 1 min. Junction temperature Storage Temperature Operating ambient temperature Protection Short Circuit Protection Over-Temp. Protection VCC Overvoltage Protection Dimensions Length x Width x Height approx. Values 300 400 1200 0,85 3,1 1,76 / 2,2 101 / 151 0,80 1,87 1,56 / 1,55 32 / 38 0,065 0,13 9,3 13,4 0,05 0,55 1 900 24 8 / 30 500 15 15 3000 -40...+150 -40...+125 -40...+85 1000 115 917 400 x 215 x 100 8,2 Units A A V V m V mJ V m V mJ K/W K/W K/kW K/kW bar bar mF V V V mA kV/s kHz V C C C A C V mm kg SKAI Solutions 1200V IGBT Advanced Drive System SKAI 3001GD12 1452 W SemiKron Advanced Integration (SKAI) module Liquid-cooled version Preliminary Data Features * 1200V Trench IGBT technology on AlN DCB substrate * Integrated DC-link film capacitor * Pressure contact technology for improved power cycling performance * Optimal thermal management with integrated liquid-cooled heatsink * Two integrated current sensors with option to include three * Integrated gate drive and power supply with under-voltage protection. 25-pin DB connector is standard on driver only versions * Option to include an integrated controller based on TMS320LF2407ADSP. 14-pin AMP SEAL connector is standard on controller versions. Ceqvl VDCmax Vs Is dV/dt fSWmax Visol Tvj Tstg Tamb ITRIPSC TTRIP UDCTRIP LxWxH w Typical Applications * * * * Vehicles Hybrid vehicles Motor Drives Regenerative Drives 1) Contact SEMIKRON for power loss calculations 2) "s" referenced to built-in Temp. Sensor 3) 50% Water, 50% Glycol SKAI 2 Power Electronic Systems - SEMISTACK 03-03-2005 (c) by SEMIKRON SEMISTACK - SKAI SKAI 3001GD12 1452 W: General dimensions This technical information specifies semiconductor devices but promises no characteristics. No warranty or guarantee expressed or implied is made regarding delivery, performance or suitability. (c) by SEMIKRON 03-03-2005 Power Electronic Systems - SEMISTACK 3 |
Price & Availability of SKAI3001GD121452W |