Part Number Hot Search : 
SEC1501C DUR13A ARF475LF 10101 SAA71 80028 80001 RP420005
Product Description
Full Text Search
 

To Download SK59B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SK52B THRU SK510B
5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Voltage Range 20 to 100 Volts Current 5.0 Amperes
Features
For surface mounted application Metal to silicon rectifier, majority carrier conduction Low forward voltage drop Easy pick and place High surge current capability Plastic material used carriers Underwriters Laboratory Classification 94V-O Epitaxial construction High temperature soldering: 260oC / 10 seconds at terminals
.082(2.08) .076(1.93)
SMB/DO-214AA
.147(3.73) .137(3.48)
.187(4.75) .167(4.25) .012(.31) .006(.15)
Mechanical Data
Case: Molded plastic Terminals: Solder plated Polarity: Indicated by cathode band Packaging: 16mm tape per EIA STD RS-481 Weight: 0.1 gram
.103(2.61) .078(1.99) .012(.31) .006(.15) .056(1.41) .035(0.90) .208(5.28) .200(5.08) .008(.20) .004(.10)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SK Type Number SK SK SK
52B
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TL(See Fig. 1) Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 5.0A
Maximum DC Reverse Current (Note 1) @ TA =25at Rated DC Blocking Voltage @ TA=100
53B
54B
55B
SK 56B
VRRM VRMS VDC I(AV) IFSM VF IR
20 14 20
30 21 30
40 28 40
50 35 50 5.0
60 42 60
SK SK Units 59B 510B V 90 100 V 63 70 V 90 100 A
100 0.55 0.5 20 10.0 0.75
150 0.85 0.6 20.0
A V mA mA /W /W
RJL 17 RJA 75 Operating Temperature Range TJ -55 to +125 -55 to +150 Storage Temperature Range TSTG -55 to +150 Notes: 1. Pulse Test with PW=300 usec, 1% Duty Cycle 2. Measured on P.C.Board with 0.4 x 0.4"(10.0 x 10.0mm) Copper Pad Areas.
Typical Thermal Resistance ( Note 2 )
- 72 -
RATINGS AND CHARACTERISTIC CURVES (SK52B THRU SK510B)
FIG. 1- MAXIMUM FORWARD CURRENT DERATING CURVE
3.0
FIG. 2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
150
PEAK FORWARD SURGE CURRENT.(A)
AVERAGE FORWARD CURRENT.(A)
RESISTIVE OR INDUCTIVELOAD
4B SK5 2BSK5
2.0
130
AT RATED TL 8.3ms Single Half Sine Wave JEDEC Method
SK5 5BSK5 10B
110
SK
59B
-SK
1.0
90
510
B
70
SK5
2B-
SK5
PCB MOUNTED ON 0.2X0.2" (5.0X5.0mm)COPPER PAD AREAS 0 50 60 70 80 90 100 110 120 O LEAD TEMP ERATURE.( C) 130 140 150 160
6B
10 100
50
1
NUMBER OF CYCLES AT 60Hz
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
40
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
20 10
Tj=125 C
INSTANTANEOUS FORWARD CURRENT.(A)
10
O
INSTANTANEOUS REVERSE CURRENT.(mA)
TJ=125 C
O
1
Tj=125 C
1
O
PULSE WIDTH=300 S 1% DUTY CYCLE
TJ=75 C 0.1
O
Tj=25 C
0.1
O
0.01 TJ=25 C
SK52B-SK54B SK55B-SK510B
O
SK52B-SK54B SK55B-SK56B SK59B-SK510B
0.01 0
0.001 0.2 1.0 1.2 0.4 0.6 0.8 FORWARD VOLTAGE.(V) 1.4 1.5
0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
1000
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTICS
TRANSCIENT THERMAL IMPEDANCE, OC/W
100
JUNCTION CAPACITANCE.(pF)
SK
SK5 5BSK5 6B
52
B-S
K5
Tj=25 C f=1.0MHz Vsig=50mVp-p
O
4B
10
100
SK
59
B-S
K5
10
B
1
10 0.1
1 10 REVERSE VOLTAGE.(V)
100
0.1 0.01
0.1
1 t, PULSE DURATION, (sec)
10
100
- 73 -


▲Up To Search▲   

 
Price & Availability of SK59B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X