Part Number Hot Search : 
RT8207 1015A 1015A IRS21 ALC203 IRF522 FR155 SM89516B
Product Description
Full Text Search
 

To Download SK225L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
SK225L
Features
* * * * * * Schottky Barrier Rectifier Guard Ring Protection Low Forward Voltage Reverse Energy Tested High Current Capability Extremely Low Thermal Resistance
2 Amp Schottky Rectifier 25 Volts
DO-214AC (SMAJ)(LOW PROFILE)
H Cathode Band
Maximum Ratings
* * * Operating Temperature: -40C to +125C Storage Temperature: -40C to +150C Maximum Thermal Resistance; 15 C/W Junction To Lead
J
MCC catalog Number SK225L
Device Marking
Working Peak Reverse Voltage 25V
225L
Repetitive Peak Reverse Voltage 25V
A
C
E F G
D
B
DIMENSIONS INCHES MIN .078 .067 .002 --.035 .065 .205 .160 .100 MM MIN 1.98 1.70 .05 --.90 1.65 5.21 4.06 2.57
Electrical Characteristics @ 25C Unless Otherwise Specified
Average forward current Maximum surge current Max peak forward voltage Max peak reverse current Typical junction capacitance IF(AV) IFSM VFM IRM CJ 2A 50A .55V 500A 50pF Square wave 8.3ms, half sine, TJ = 150C IFM = 2.0A; TJ = 25C* VRRM, TJ = 25C VR = 5.0V, TJ = 25C
DIM A B C D E F G H J
MAX .090 .089 .008 .02 .055 .091 .224 .180 .112
MAX 2.29 2.25 .20 .51 1.40 2.32 5.70 4.57 2.84
NOTE
SUGGESTED SOLDER PAD LAYOUT
0.090"
*Pulse test: Pulse width 300 sec, Duty cycle 2%
0.085"
0.070"
Revision: 3
www.mccsemi.com
2003/04/30
SK225L
Figure 1 Typical Forward Characteristics 100 80 60 60 40 Amps 20 25C 10 8.0 6.0 Amps 4.0 1 10 Cycles 20 10 50 40 30
MCC
TM
Figure 3 Maximum Nonrepetitive Surge Current
Micro Commercial Components
TL = 70C
100
Peak Forward Current - Amperesversus Number of Cycles at 60Hz 2.0 1.0 .8 .6 .4 C .2 .1 0 .2 .4 .6 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts .8 1.0 1.2 1.4 Figure 4 Forward Current Derating 125 120 115 110 105 100 Resistive or 95 Inductive Load 90 .4 .8 1.2 1.6 2.0 2.4 2.8 3.2 Amps Figure 2 Typical Reverse Characteristics 100 10 1.0 100C Figure 5 New SMA Assembly Maximum Allowable Case Temperature C versus Average Forward Current - Amperes 3.6 4.0
mA
.1 75C .01 .001 0 Round Lead Process 10 15 20 25 Volts Typical Reverse Current - mAversus Reverse Voltage - Volts 30 35 40 45 50
25C 5
Revision: 3
www.mccsemi.com
2003/04/30


▲Up To Search▲   

 
Price & Availability of SK225L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X