Part Number Hot Search : 
MMSZ526 L8150 2SC3995 EDREDRED EUP2570 17S682K BT138 CL766
Product Description
Full Text Search
 

To Download SJ5436 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAB
MECHANICAL DATA Dimensions in mm (inches)
24.38 (0.960) min.
SEME
SJ5436
NPN DRIVER TRANSISTOR
22.1 (0.870)
12.70 (0.500)
1 2 3
* Bipolar Power Transistor * TO-63 Hermetic Package
19.35 (0.762) max.
* Fast Switching
9.27 (0.365)
12.32 (0.485)
12.07 0.38 (0.475 0.015)
7.94 (5/16") UNF 2A
TO-63 Metal Package. Pin 1 - Base Pin 2 - Emitter Case - Collector
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VCEO IC PD TSTG , TJ Collector - Emitter Voltage Continuous Collector Current Total Device Dissipation Derate above 100C Storage and Operating Junction Temperature Range 80V 20A 150W 0.67C/W -55 to +200C
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
2.794 (0.110)
Prelim. 3/96
LAB
Parameter
HFE1 HFE2 hfe VCE(sat) VBE(sat) ton toff Current Gain Current Gain Current Gain Collector - Emitter Saturation Voltage Base - Emitter Saturation Voltage Turn-On Time Turn-Off Time
SEME
SJ5436
Test Conditions
VCE = 10V VCE = 10V VCE = 15V f = 1MHz IC = 5A IC = 10A IC = 5A IC = 10A IC = 10A IB1 = IB2 = 1A IB = 0.5A IB = 1A IB = 0.5A IB = 1A IC = 1A IC = 10A IC = 2A
Min.
40 20 30
Typ.
Max. Units
-- -- 0.5 2 1 2 2 2 V V
ms
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 3/96


▲Up To Search▲   

 
Price & Availability of SJ5436

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X