Part Number Hot Search : 
AM100 L6181 MM74C923 PYE23T BZY93C62 AKD46 T1099N 1205S
Product Description
Full Text Search
 

To Download SIDC26D60C6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIDC26D60C6
Fast switching diode chip in EMCON 3 -Technology
FEATURES: * 600V EMCON 3 technology 70 m chip * soft, fast switching * low reverse recovery charge * small temperature coefficient
A
This chip is used for: * power module
C
Applications: * drives
Chip Type
SIDC26D60C6
VR 600V
IF 100A
Die Size 6.53 x 4.02 mm2
Package sawn on foil
MECHANICAL PARAMETER: Raster size Area total / active Anode pad size Thickness Wafer size Flat position Max. possible chips per wafer Passivation frontside Anode metallization Cathode metallization Die bond Wire bond Reject ink dot size Recommended storage environment 6.53 x 4.02 26.25 / 22.23 5.83 x 3.32 70 150 180 554 pcs Photoimide 3200 nm AlSiCu Ni Ag -system suitable for epoxy and soft solder die bonding electrically conductive glue or solder Al, 500m 0.65mm; max 1.2mm store in original container, in dry nitrogen, < 6 month at an ambient temperature of 23C m mm deg mm
2
Edited by INFINEON Technologies, AIM PMD D CID CLS, L4581M, Edition 1.1, 10.07.2006
SIDC26D60C6
Maximum Ratings
Parameter Repetitive peak reverse voltage Continuous forward current limited by Tjmax Maximum repetitive forward current limited by Tjmax Operating junction and storage temperature
1)
Symbol VRRM IF IFRM Tj , Ts t g
Condition
Value 600
1)
Unit V
A 200 -40...+175 C
depending on thermal properties of assembly
Static Electrical Characteristics (tested on chip), Tj=25 C, unless otherwise specified Parameter Reverse leakage current Cathode-Anode breakdown Voltage Forward voltage drop Symbol IR V Br VF Conditions V R = 600V I R = 0 . 2 5 mA I F = 1 0 0A Tj= 2 5 C Tj= 2 5 C Tj= 2 5 C 600 1.2 1.6 1.9 Value min. Typ. max. 27 Unit A V V
Dynamic Electrical Characteristics (verified by design/characterization), inductive load
Parameter Peak reverse recovery current Symbol
I F= 1 0 0 A
Conditions T j = 25 C Tj = 125 C Tj = 150 C T j = 25 C Tj = 125 C Tj = 150 C T j = 25 C Tj = 125 C Tj = 150 C
Value min. Typ. 130 150 160 4.00 8.00 10.0 1.30 2.25 2.75
2)
max.
Unit
IRM
di/dt=5100A/ s V R =300V V GE = - 1 5 V I F= 1 0 0 A
A
Recovered charge Qr
di/dt=5100A/ s V R =300V V GE = - 1 5 V I F= 1 0 0 A
C
Reverse recovery energy E rec
di/dt=5100A/ s V R =300V V GE = - 1 5 V
mJ
2)
values also influenced by parasitic L- and C- in measurement and package.
Edited by INFINEON Technologies, AIM PMD D CID CLS, L4581M, Edition 1.1, 10.07.2006
SIDC26D60C6
CHIP DRAWING:
Edited by INFINEON Technologies, AIM PMD D CID CLS, L4581M, Edition 1.1, 10.07.2006
SIDC26D60C6
FURTHER ELECTRICAL CHARACTERISTICS:
This chip data sheet refers to the device data sheet
FS100R06KE3
Description: AQL 0,65 for visual inspection according to failure catalog Electrostatic Discharge Sensitive Device according to MIL-STD 883 Test-Normen Villach/Pruffeld
Published by Infineon Technologies AG 81726 Munchen, Germany (c) Infineon Technologies AG 2006. All Rights Reserved.
Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Representatives world-wide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and / or maintain and sustain and / or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Edited by INFINEON Technologies, AIM PMD D CID CLS, L4581M, Edition 1.1, 10.07.2006


▲Up To Search▲   

 
Price & Availability of SIDC26D60C6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X