Part Number Hot Search : 
EN25Q40 HSIP185 00002 A2V15 BZT52B75 BZT52B75 BZX51 259685
Product Description
Full Text Search
 

To Download SI6880EDQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI6880EDQ
New Product
Vishay Siliconix
N-Channel 1.8-V (G-S) Battery Switch, ESD Protection
PRODUCT SUMMARY
VDS (V) rDS(on) ()
0.018 @ VGS = 4.5 V 20 0.022 @ VGS = 2.5 V 0.026 @ VGS = 1.8 V
FEATURES
ID (A)
7.5 6.5 6.0
D TrenchFETr Power MOSFET D ESD Protected: 4000 V D Common Drain
APPLICATIONS
D 1-2 Cell Battery Protection Circuitry
D
D
TSSOP-8
D S1 S1 G1 1 2 3 4 Top View S1 N-Channel *Typical value by design N-Channel S2 D 8D 7 S2 6 S2 5 G2 *1.5 kW G1 G2 *1.5 kW
SI6880EDQ
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a _ Pulsed Drain Current (10 ms Pulse Width) Continuous Source Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C PD TJ, Tstg TA = 25_C TA = 70_C ID IDM IS 1.6 1.78 1.14 -55 to 150
Symbol
VDS VGS
10 secs
T20
"12 7.5 6 30
Steady State
Unit
V
6 5 A 1.08 1.19 0.76 W _C
THERMAL RESISTANCE RATINGS
Parameter
t v 10 sec. Maximum Junction-to-Ambienta Maximum Junction-to-Foot (Drain)a Steady State Steady State RthJA RthJF
Symbol
Typical
55 85 35
Maximum
70 105 45
Unit
_C/W
Notes a. Surface Mounted on FR4 Board. b. t v 10 sec. Document Number: 71690 S-05238--Rev. B, 17-Dec-01 www.vishay.com
1
SI6880EDQ
Vishay Siliconix
New Product
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage VGS(th) IGSS VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "4.5 V VDS = 0 V, VGS = "12 V VDS = 16 V, VGS = 0 V Zero Gate Voltage Drain Current On-State Drain Currenta IDSS ID(on) VDS = 16 V, VGS = 0 V, TJ = 70_C VDS w 5 V, VGS = 4.5 V VGS = 4.5 V, ID = 7.5 A Drain-Source On-State Resistancea rDS(on) VGS = 2.5 V, ID = 6.5 A VGS = 1.8 V, ID = 6.0 A Forward Transconductancea Diode Forward Voltagea gfs VSD VDS = 10 V, ID = 7.5 A IS = 1.6 A, VGS = 0 V 20 0.015 0.017 0.020 39 0.65 1.1 0.018 0.022 0.026 S V W 0.45 "250 "10 1 25 V nA mA mA m A
Symbol
Test Conditions
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Qg Qgs Qgd td(on) tr td(off) tf VDD = 10 V, RL = 10 W ID ^ 1 A, VGEN = 4.5 V, RG = 6 W VDS = 10 V, VGS = 4.5 V, ID = 7.5 A 27 3.0 5.5 1.5 800 6 5.5 2.3 1200 10 10 ms m 40 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
30 VGS = 5 thru 2 V 24 I D - Drain Current (A) 1.5 V 18 I D - Drain Current (A) 24 30
Transfer Characteristics
18
12
12 TC = 125_C 6 25_C -55_C
6
0 0 1 2 3 4 5
0 0.0
0.5
1.0
1.5
2.0
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
www.vishay.com
2
Document Number: 71690 S-05238--Rev. B, 17-Dec-01
SI6880EDQ
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Drain Current
0.04 5 VDS = 10 V ID = 7.5 A
Vishay Siliconix
Gate Charge
V GS - Gate-to-Source Voltage (V)
r DS(on) - On-Resistance ( W )
4
0.03
VGS = 1.8 V 0.02 VGS = 2.5 V
3
2
0.01
VGS = 4.5 V
1
0.00 0 6 12 18 24 30
0 0 6 12 18 24 30 ID - Drain Current (A)
Qg - Total Gate Charge (nC)
On-Resistance vs. Junction Temperature
1.6 VGS = 4.5 V ID = 7.5 A I S - Source Current (A) 10 30
Source-Drain Diode Forward Voltage
r DS(on) - On-Resistance ( W ) (Normalized)
1.4
TJ = 150_C
1.2
1.0
TJ = 25_C
0.8
0.6 -50
1 0 50 100 150 0 0.2 0.4 0.6 0.8 1.0 1.2 TJ - Junction Temperature (_C) VSD - Source-to-Drain Voltage (V)
On-Resistance vs. Gate-to-Source Voltage
0.060 0.4
Threshold Voltage
rDS(on)- On-Resistance ( W )
0.048 V GS(th)Variance (V) ID = 7.5 A 0.036
0.2
ID = 250 mA
-0.0
0.024
-0.2
0.012
-0.4
0.000 0 2 4 6 8
-0.6 -50
-25
0
25
50
75
100
125
150
VGS - Gate-to-Source Voltage (V)
TJ - Temperature (_C)
Document Number: 71690 S-05238--Rev. B, 17-Dec-01
www.vishay.com
3
SI6880EDQ
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Single Pulse Power
100
80
Power (W)
60
40
20
0 0.01 0.1 1 Time (sec) 10 30
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2
Notes:
0.1 0.1 0.05
t1 PDM
0.02
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 85_C/W
t1 t2
Single Pulse 0.01 10-4 10-3 10-2 10-1 1 Square Wave Pulse Duration (sec)
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
www.vishay.com
4
Document Number: 71690 S-05238--Rev. B, 17-Dec-01


▲Up To Search▲   

 
Price & Availability of SI6880EDQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X