Part Number Hot Search : 
3DU15L 0J100 VW2X30 3DU15L CP2012 5B17AG FS0202BA MC908JL
Product Description
Full Text Search
 

To Download SI6874EDQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI6874EDQ
New Product
Vishay Siliconix
Dual N-Channel 20-V (D-S) MOSFET, Common Drain
PRODUCT SUMMARY
VDS (V) rDS(on) (W)
0.026 @ VGS = 4.5 V 20 0.031 @ VGS = 2.5 V 0.039 @ VGS = 1.8 V
ID (A)
6.5 5.8 5.0
D
D
TSSOP-8
S1 G1 S2 G2 1 2 3 4 Top View N-Channel S1 N-Channel S2 D 8 D D D D G1 2.4 kW G2 2.4 kW
SI6874EDQ
7 6 5
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current Continuous Source Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 85_C TA = 25_C TA = 85_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
10 secs
20 "12 6.5 4.7 30 1.50 1.67 1.06
Steady State
Unit
V
5.3 4.2 A
1.10 1.20 0.76 -55 to 150 _C W
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambienta Maximum Junction-to-Foot (Drain) Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 71252 S-01753--Rev. A, 14-Aug-00 www.vishay.com S FaxBack 408-970-5600 t v 10 sec Steady State Steady State
Symbol
RthJA RthJF
Typical
60 86 38
Maximum
75 105 45
Unit
_C/W
1
SI6874EDQ
Vishay Siliconix
New Product
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage VGS(th) IGSS VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "4.5 V VDS = 0 V, VGS = "12 V VDS = 16 V, VGS = 0 V VDS = 16 V, VGS = 0 V, TJ = 85_C VDS = 5 V, VGS = 4.5 V VGS = 4.5 V, ID = 6.5 A Drain-Source On-State Resistancea DiS OS Ri rDS(on) VGS = 2.5 V, ID = 5.8 A VGS = 1.8 V, ID = 5.0 A Forward Transconductancea gfs VSD VDS = 10 V, ID = 6.5 A IS = 1.5 A, VGS = 0 V 20 0.021 0.025 0.031 25 0.65 1.1 0.026 0.031 0.039 S V W 0.40 "1 "10 1 20 V mA mA mA A
Symbol
Test Condition
Min
Typ
Max
Unit
Zero Gate Voltage Drain Current On-State Drain Currenta
IDSS ID(on)
Diode Forward Voltagea
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Qg Qgs Qgd td(on) tr td(off) tf VDD = 10 V, RL = 10 W V, ID ^ 1 A, VGEN = 4 5 V RG = 6 W A 4.5 V, VDS = 10 V, VGS = 4 5 V ID = 6.5 A V 4.5 V, 65 12.5 2.7 2.7 0.7 1.3 5.5 4.6 1.0 2.0 8.0 7.0 ms 18 nC C
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Gate Current vs. Gate Source Voltage
8 10,000
Gate Current vs. Gate Source Voltage
1,000 I GSS - Gate Current (mA) 6 I GSS - Gate Current (mA) 100 TJ = 150_C
4
10
1 0.1 TJ = 25_C
2
0 0 3 6 9 12 15 18
0.01 0 3 6 9 12 15
VGS - Gate-to-Source Voltage (V) www.vishay.com S FaxBack 408-970-5600
VGS - Gate-to-Source Voltage (V) Document Number: 71252 S-01753--Rev. A, 14-Aug-00
2
SI6874EDQ
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
30 VGS = 5 thru 2 V 24 I D - Drain Current (A) I D - Drain Current (A) 24 25_C 18 18 125_C 12 30 TC = -55_C
Vishay Siliconix
Transfer Characteristics
12 1.5 V 6
6
0 0 2 4 6 8 10 12
0 0 0.5 1.0 1.5 2.0 2.5
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On Resistance vs. Drain Current
0.06 2500
Capacitance
r DS(on) - On-Resistance ( W )
0.05 C - Capacitance (pF)
2000 Ciss 1500
0.04 VGS = 1.8 V 0.03 VGS = 2.5 V VGS = 4.5 V 0.02
1000 Coss
0.01
500 Crss 0 4 8 12 16 20
0 0 6 12 18 24 30
0
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
5 V GS - Gate-to-Source Voltage (V) VDS = 10 V ID = 6.5 A
Gate Charge
1.8
On Resistance vs. Junction Temperature
VGS = 4.5 V ID = 6.5 A
r DS(on) - On-Resistance (W) (Normalized) 6 9 12 15
4
1.6
1.4
3
1.2
2
1.0
1
0.8
0 0 3
0.6 -50
-25
0
25
50
75
100
125
150
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (_C)
Document Number: 71252 S-01753--Rev. A, 14-Aug-00
www.vishay.com S FaxBack 408-970-5600
3
SI6874EDQ
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Source Drain Diode Forward Voltage
20 0.08
On Resistance vs. Gate to Source Voltage
r DS(on) - On-Resistance ( W )
10 I S - Source Current (A) TJ = 150_C
0.06
ID = 6.5 A 0.04
TJ = 25_C
0.02
1 0 0.4 0.6 0.8 1.0 1.2
0 0 1 2 3 4 5 6
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Threshold Voltage
0.4 ID = 250 mA 0.2 24 V GS(th) Variance (V) -0.0 Power (W) 32
Single Pulse Power, Junction-to-Ambient
16
-0.2
8 -0.4
-0.6 -50
-25
0
25
50
75
100
125
150
0 10-2
10-1
1 Time (sec)
10
100
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Duty Cycle = 0.5
Normalized Effective Transient Thermal Impedance
0.2
Notes:
0.1 0.1 0.05
t1 PDM
0.02
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 86_C/W
t1 t2
Single Pulse 0.01 10-4 10-3 10-2 10-1 1 Square Wave Pulse Duration (sec)
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
www.vishay.com S FaxBack 408-970-5600
4
Document Number: 71252 S-01753--Rev. A, 14-Aug-00
SI6874EDQ
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1 Duty Cycle = 0.5
Vishay Siliconix
Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
Document Number: 71252 S-01753--Rev. A, 14-Aug-00
www.vishay.com S FaxBack 408-970-5600
5


▲Up To Search▲   

 
Price & Availability of SI6874EDQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X