Part Number Hot Search : 
OPB854A3 D221K T10B220E 80N06 BU2508DF MC2500 AATCC BC846W
Product Description
Full Text Search
 

To Download SI4926DY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI4926DY
New Product
Vishay Siliconix
Asymmetrical Dual N-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
Channel-1 30 Channel-2
rDS(on) (W)
0.022 @ VGS = 10 V 0.030 @ VGS = 4.5 V 0.0125 @ VGS = 10 V 0.017 @ VGS = 4.5 V
ID (A)
6.3 5.4 10.5 9.0
D1
D2
D2
D2
SO-8
S1 G1 S2 G2 1 2 3 4 Top View 8 7 6 5 D1 D2 D2 D2 S1 N-Channel 1 MOSFET S2 N-Channel 2 MOSFET G1 G2
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Channel 1 Parameter P
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current Continuous Source Current (Diode Conduction)a Maximum Power Dissipationa TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Channel 2 10 secs
30 20
Symbol S bl
VDS VGS ID IDM IS PD TJ, Tstg
10 secs
Steady State
Steady State
Unit Ui
V
6.3 5.4 30 1.3 1.4 0.9
5.3 4.2
10.5 8.5 40
7.5 6.0 A
0.9 1.0 0.64 -55 to 150
2.2 2.4 1.5
1.15 1.25 0.80 W _C
Operating Junction and Storage Temperature Range
THERMAL RESISTANCE RATINGS
Channel 1 Parameter P
Maximum Junction-to-Ambienta Maximum Junction-to-Foot (Drain) Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 71143 S-00238--Rev. A, 21-Feb-00 www.vishay.com S FaxBack 408-970-5600 t v 10 sec Steady-State Steady-State
Channel 2 Typ
43 82 25
Symbol S bl
RthJA RthJC
Typ
72 100 51
Max
90 125 63
Max
53 100 30
Unit Ui
_C/W
2-1
SI4926DY
Vishay Siliconix
New Product
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage VGS(th) IGSS VDS = VGS, ID = 250 mA VDS = 0 V, VGS = 20 V VDS = 24 V, VGS = 0 V Z G Vl DiC Zero Gate Voltage Drain Current IDSS VDS = 24 V, VGS = 0 V, TJ = 85_C On-State Drain Currenta ID(on) VDS = 5 V, VGS = 10 V VGS = 10 V, ID = 6.3 A Drain-Source On-State Resistancea DiS OS Ri rDS(on) VGS = 10 V, ID = 10.5 A VGS = 4.5 V, ID = 5.4 A VGS = 4.5 V, ID = 9.0 A Forward Transconductancea Diode Forward Voltagea gfs VSD VDS = 15 V, ID = 6.3 A VDS = 15 V, ID = 10.5 A IS = 1.3 A, VGS = 0 V IS = 2.2 A, VGS = 0 V Ch-1 Ch-2 Ch-1 Ch-2 Ch-1 Ch-2 Ch-1 Ch-2 Ch-1 Ch-2 Ch-1 Ch-2 Ch-1 Ch-2 Ch-1 Ch-2 Ch-1 Ch-2 20 30 0.018 0.0105 0.024 0.0135 17 28 0.7 0.72 1.1 1.1 0.022 0.0125 0.030 0.017 S W 0.8 0.8 100 100 1 1 15 15 A A mA V
Symbol
Test Condition
Min
Typ
Max
Unit
Gate-Body Leakage
nA
V
Dynamicb
Total Gate Charge Qg Qgs Qgd td(on) tr td(off) tf trr IF = 1.3 A, di/dt = 100 A/ms IF = 2.2 A, di/dt = 100 mA/ms Channel 1 Ch l Channel-1 VDD = 15 V, RL = 15 W ID ^ 1 A, VGEN = 10 V, RG = 6 W Channel-2 VDD = 15 V RL = 15 W V, ID ^ 1 A, VGEN = 10 V, RG = 6 W Channel 1 Channel-1 Ch l VDS = 15 V, VGS = 5 V, ID = 6.3 A Channel-2 V, VDS = 15 V VGS = 5 V, ID = -10.5 A V 10 5 Gate-Drain Charge Ch-1 Ch-2 Ch-1 Ch-2 Ch-1 Ch-2 Ch-1 Ch-2 Ch-1 Ch-2 Ch-1 Ch-2 Ch-1 Ch-2 Ch-1 Ch-2 8.0 18 1.75 3.6 3.2 7.8 10 13 5 10 26 37 8 27 30 35 20 30 10 20 50 80 16 50 60 70 ns 12 25 nC C
Gate-Source Charge
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Source-Drain Reverse Recovery Time
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
www.vishay.com S FaxBack 408-970-5600
2-2
Document Number: 71143 S-00238--Rev. A, 21-Feb-00
SI4926DY
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
30 VGS = 10 thru 4 V 24 I D - Drain Current (A) I D - Drain Current (A) 24 30
Vishay Siliconix
CHANNEL 1
Transfer Characteristics
18
3V
18
12
12 TC = 125_C 6 25_C
6 1V 0 0 2 4 6 8 10 2V
-55_C 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
0.05 1000
Capacitance
DS(on) - On-Resistance ( W )
C - Capacitance (pF)
0.04
800 Ciss 600
0.03 VGS = 4.5 V 0.02 VGS = 10 V
400 Coss 200 Crss
r
0.01
0 0 6 12 18 24 30
0 0 6 12 18 24 30
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
10 V GS - Gate-to-Source Voltage (V) VDS = 15 V ID = 6.3 A 8 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0 0 3 6 9 12 15 Qg - Total Gate Charge (nC) Document Number: 71143 S-00238--Rev. A, 21-Feb-00 0.4 -50
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 6.3 A
6
4
2
r DS(on) - On-Resistance (W) (Normalized)
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C) www.vishay.com S FaxBack 408-970-5600
2-3
SI4926DY
Vishay Siliconix
New Product
CHANNEL 1
On-Resistance vs. Gate-to-Source Voltage
0.10
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Source-Drain Diode Forward Voltage
40
DS(on) - On-Resistance ( W )
0.08
I S - Source Current (A)
TJ = 150_C 10
0.06
TJ = 25_C
0.04 ID = 6.3 A 0.02
r
1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
0 0 2 4 6 8 10
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Threshold Voltage
0.6 0.4 V GS(th) Variance (V) 0.2 -0.0 -0.2 -0.4 -0.6 20 -0.8 -1 -50 0 -25 0 25 50 75 100 TJ - Temperature (_C) 125 150 ID = 250 mA Power (W) 80 100
Single Pulse Power, Junction-to-Ambient
60
40
0.001
0.01
0.1 Time (sec)
1
10
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Duty Cycle = 0.5
Normalized Effective Transient Thermal Impedance
0.2
Notes:
0.1 0.1 0.05
t1 PDM
0.02
t2 1. Duty Cycle, D =
t1 t2 2. Per Unit Base = RthJA = 100_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
Single Pulse 0.01 10-4 10-3 10-2 10-1 1 Square Wave Pulse Duration (sec) 10
100
600
www.vishay.com S FaxBack 408-970-5600
2-4
Document Number: 71143 S-00238--Rev. A, 21-Feb-00
SI4926DY
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
2 1 Duty Cycle = 0.5
Vishay Siliconix
CHANNEL 1
Normalized Thermal Transient Impedance, Junction-to-Foot
Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
40 VGS = 10 thru 4 V 32 I D - Drain Current (A) 3V 24 I D - Drain Current (A) 32 40
CHANNEL 2
Transfer Characteristics
24
16
16 TC = 125_C 8 25_C -55_C 0
8 1, 2 V 0 0 2 4 6 8 10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
0.030 2000
Capacitance
r DS(on) - On-Resistance ( W )
0.024 C - Capacitance (pF)
1600 Ciss 1200
0.018 VGS = 4.5 V 0.012 VGS = 10 V
800
Coss
0.006
400 Crss
0 0 8 16 24 32 40
0 0 6 12 18 24 30
ID - Drain Current (A) Document Number: 71143 S-00238--Rev. A, 21-Feb-00
VDS - Drain-to-Source Voltage (V) www.vishay.com S FaxBack 408-970-5600
2-5
SI4926DY
Vishay Siliconix
New Product
CHANNEL 2
On-Resistance vs. Junction Temperature
1.8 VDS = 15 V ID = 10.5 A VGS = 10 V ID = 10.5 A
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Gate Charge
10 V GS - Gate-to-Source Voltage (V)
r DS(on) - On-Resistance (W) (Normalized) 12 18 24 30
8
1.6
1.4
6
1.2
4
1.0
2
0.8
0 0 6
0.6 -50
-25
0
25
50
75
100
125
150
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
40 0.06
On-Resistance vs. Gate-to-Source Voltage
TJ = 150_C 10
DS(on) - On-Resistance ( W )
0.05
I S - Source Current (A)
0.04
0.03
TJ = 25_C
0.02
ID = 10.5 A
r
0.01
1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
0 0 2 4 6 8 10
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Threshold Voltage
0.4 100
Single Pulse Power, Junction-to-Ambient
0.2 V GS(th) Variance (V) ID = 250 mA Power (W) -0.0
80
60
-0.2
40 -0.4 20
-0.6
-0.8 -50
0 -25 0 25 50 75 100 TJ - Temperature (_C) 125 150 0.001 0.01 0.1 Time (sec) 1 10
www.vishay.com S FaxBack 408-970-5600
2-6
Document Number: 71143 S-00238--Rev. A, 21-Feb-00
SI4926DY
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
Vishay Siliconix
CHANNEL 2
0.2 0.1 0.1 0.05
Notes: PDM t1 t2 1. Duty Cycle, D = t1 t2 2. Per Unit Base = RthJA = 82_C/W
0.02 Single Pulse 0.01 10-4 10-3 10-2 10-1 1
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
Square Wave Pulse Duration (sec)
2 1 Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Foot
Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
Document Number: 71143 S-00238--Rev. A, 21-Feb-00
www.vishay.com S FaxBack 408-970-5600
2-7


▲Up To Search▲   

 
Price & Availability of SI4926DY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X