Part Number Hot Search : 
ZPD30 DEVICE 2SK1188 MBG3363K BFU520W 35479E3 JANSR2N TDA7437
Product Description
Full Text Search
 

To Download SI3861BDV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI3861BDV
New Product
Vishay Siliconix
Load Switch with Level-Shift
PRODUCT SUMMARY
VDS2 (V)
4.5 to 20
FEATURES
ID (A)
"2.3 "1.9 "1.7
rDS(on) (W)
0.075 @ VIN = 10 V 0.120 @ VIN = 5.0 V 0.145 @ VIN = 4.5 V
D D D D D D D
4.5-V Rated ESD Protected: 3000 V 105-mW Low rDS(on) TrenchFETr 4.5 to 20-V Input 1.5 to 8 -V Logic Level Control Low Profile, Small Footprint TSOP-6 Package 3000-V ESD Protection On Input Switch, VON/OFF D Adjustable Slew-Rate
RoHS
COMPLIANT
DESCRIPTION
The SI3861BDV includes a p- and n-channel MOSFET in a single TSOP-6 package. The low on-resistance p-channel TrenchFETR is tailored for use as a load switch. The n-channel, with an external resistor, can be used as a level-shift to drive the p-channel load-switch. The n-channel MOSFET has internal ESD protection and can be driven by logic signals as low as 1.5-V. The Si3861DV operates on supply lines from 4.5 to 20-V, and can drive loads up to 2.3 A.
APPLICATION CIRCUITS
SI3861BDV
2, 3 VOUT Q2 6 6 C1 Time ( mS) 6 tr td(on) 2 8 td(off)
10
Switching Variation R2 @ VIN = 5 V, R1 = 20 kW
tf
4 VIN R1
ON/OFF
5 Q1 Co LOAD
4
Ci
IL = 1 A VON/OFF = 3 V Ci = 10 mF Co = 1 mF 6 R2 (kW) 8 10 12
1 R2
0 0 GND 2 4
R2
Note: For R2 switching variations with other VIN/R1 combinations See Typical Characteristics
COMPONENTS
R1 R2 C1 Pull-Up Resistor Optional Slew-Rate Control Optional Slew-Rate Control Typical 10 kW to 1 mW* Typical 0 to 100 kW* Typical 1000 pF
The SI3861BDV is ideally suited for high-side load switching in portable applications. The integrated n-channel level-shift device saves space by reducing external components. The slew rate is set externally so that rise-times can be tailored to different load types.
*Minimum R1 value should be at least 10 x R2 to ensure Q1 turn-on. Document Number: 73343 S-51015--Rev. A, 23-May-05 www.vishay.com
1
SI3861BDV
Vishay Siliconix
FUNCTIONAL BLOCK DIAGRAM
TSOP-6
Top View S2 6 5 R1, C1 6 ON/OFF 5 Q1 R1, C1
New Product
SI3861BDV
4 Q2 2, 3 D2
R2
1
D2
2
D2
3
4
S2
ON/OFF
Ordering Information: SI3861BDV-T1--E3 (Lead (Pb)-Free) R2
1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Input Voltage ON/OFF Voltage Load Current Continuous Intrinsic Diode Conductiona Maximum Power Dissipationa Operating Junction and Storage Temperature Range ESD Rating, MIL-STD-883D Human Body Model (100 pF, 1500 W) Continuousa, b Pulsedb, c
Symbol
VIN VON/OFF IL IS PD TJ, Tstg ESD
Limit
20 8 "2.3 "4 -1 0.83 -55 to 150 3
Unit
V
A W _C kV
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambient (continuous current)a Maximum Junction-to-Foot (Q2)
Symbol
RthJA RthJF
Typical
120 60
Maximum
150 80
Unit
_C/W
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter OFF Characteristics
Reverse Leakage Current Diode Forward Voltage IFL VSD VIN = 30 V, VON/OFF = 0 V IS = -1 A -0.8 1 -1 mA V
Symbol
Test Condition
Min
Typ
Max
Unit
ON Characteristics
Input Voltage Range VIN VIN = 10 V On-Resistance (p-channel) @ 1 A rDS(on) () VON/OFF = 1.5 V ID = 1 A VIN = 5.0 V VIN = 4.5 V 1 1 4.5 0.060 0.096 0.115 20 0.075 0.120 0.145 A W V
On-State (p-channel) Drain-Current On State (p channel) Drain Current
ID( ) D(on)
VIN-OUT v 0.2 V, VIN = 10 V, VON/OFF = 1.5 V VIN-OUT v 0.3 V, VIN = 5 V, VON/OFF = 1.5 V
Notes a. Surface Mounted on FR4 Board. b. VIN = 12, VON/OFF = 8 V, TA = 25_C. c. Pulse test: pulse width v300 ms, duty cycle v2%. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. www.vishay.com Document Number: 73343 S-51015--Rev. A, 23-May-05
2
SI3861BDV
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.50 0.45 0.40 0.35 V DROP (V) 0.30 0.25 0.20 0.15 0.10 0.05 0.00 0 1 2 3 IL - (A) 4 5 6 TJ = 25_C TJ = 125_C V DROP (V)
Vishay Siliconix
VDROP vs. IL @ VIN = 10 V
VON/OFF = 1.5 to 8 V
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 1
VDROP vs. IL @ VIN = 5 V
VON/OFF = 1.5 to 8 V
TJ = 125_C
TJ = 25_C
2
3 IL - (A)
4
5
6
1.2 1.0 0.8 0.6
VDROP vs. IL @ VIN = 4.5 V
VON/OFF = 1.5 to 8 V
2.0 1.8 1.6 1.4 V DROP (V) 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0
VDROP vs. VIN @ IL = 1 A
IL = 1 A VON/OFF = 1.5 to 8 V
V DROP (V)
TJ = 125_C 0.4 0.2 0.0 0 1 2 3 IL - (A) 4
TJ = 25_C
TJ = 125_C
TJ = 25_C 2 4 6 VIN (V) 8 10 12
5
6
VDROP Variance vs. Junction Temperature
0.08 0.06 V DROP Variance (V) 0.04 0.02 0.00 -0.02 -0.04 -50 IL = 1 A VON/OFF = 1.5 to 8 V r SS(on) - On-Resistance ( W ) 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -25 0 25 50 75 100 125 150 0
On-Resistance vs. Input Voltage
IL = 1 A VON/OFF = 1.5 to 8 V
VIN = 5 V VIN = 10 V
TJ = 125_C
TJ = 25_C 2 4 6 VIN (V) 8 10 12
TJ - Junction Temperature (_C)
Document Number: 73343 S-51015--Rev. A, 23-May-05
www.vishay.com
3
SI3861BDV
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Normalized On-Resistance vs. Junction Temperature Switching Variation R2 @ VIN = 10 V, R1 = 20 kW
tf td(off) IL = 1 A VON/OFF = 3 V Ci = 10 mF Co = 1 mF
1.8 1.6 rDS(on) - On-Resiistance (Normalized) 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -100
18 16 14
VIN = 10 V VIN = 5 V Time ( mS)
12 10 8 6
td(on) tr
IL = 1 A VON/OFF = 1.5 to 8 V
4 2 0
-50
0
50
100
150
200
0
2
4
6 R2 (kW)
8
10
12
TJ - Junction Temperature (_C)
10
Switching Variation R2 @ VIN = 5 V, R1 = 20 kW
tf
14 12 10 Time ( mS) 8 6 4 2 0
Switching Variation R2 @ VIN = 4.5 V, R1 = 20 kW
IL = 1 A VON/OFF = 3 V Ci = 10 mF Co = 1 mF tr tf td(off) td(on)
8 td(off) Time ( mS) 6
4
tr td(on)
2
IL = 1 A VON/OFF = 3 V Ci = 10 mF Co = 1 mF 0 2 4 6 R2 (kW) 8 10 12
0
0
2
4
6 R2 (kW)
8
10
12
250
Switching Variation R2 @ VIN = 10 V, R1 = 300 kW
td(off) IL = 1 A VON/OFF = 3 V Ci = 10 mF Co = 1 mF
120 100 80
Switching Variation R2 @ VIN = 5 V, R1 = 300 kW
td(off) tf
200
Time ( mS)
150
tf
Time ( mS)
60 40 20
100 tr 50 td(on) 0 0 20 40 60 R2 (kW) 80 100 120
IL = 1 A VON/OFF = 3 V Ci = 10 mF Co = 1 mF
td(on) tr
0 0 20 40 60 R2 (kW) 80 100 120
www.vishay.com
4
Document Number: 73343 S-51015--Rev. A, 23-May-05
SI3861BDV
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Switching Variation R2 @ VIN = 4.5 V, R1 = 300 kW
tf td(off) IL = 1 A VON/OFF = 3 V Ci = 10 mF Co = 1 mF
Vishay Siliconix
120 100 80 Time ( mS) 60 40 20 0 0 20
tr td(on)
40
60 R2 (kW)
80
100
120
2 1 Normalized Effective Transient Thermal Impedance
Normalized Thermal Transient Impedance, Junction-to-Ambient
Duty Cycle = 0.5
0.2
Notes:
0.1 0.1 0.05 0.02 Single Pulse
PDM t1
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 150_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
t1 t2
0.01 10-4
10-3
10-2
10-1
1
10
100
600
Square Wave Pulse Dureation (sec)
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?73343. Document Number: 73343 S-51015--Rev. A, 23-May-05 www.vishay.com
5
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SI3861BDV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X