Part Number Hot Search : 
VRE102 SEL4825D BZ526 C206M 30KW45CA CP4725 MMT2857A 30KW45CA
Product Description
Full Text Search
 

To Download SI3483DV-T1-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Si3483DV
Vishay Siliconix
P-Channel 30-V (D-S) MOSFET
FEATURES PRODUCT SUMMARY
VDS (V)
-30
D TrenchFETr Power MOSFET ID (A)
-6.2 -5.0
rDS(on) (W)
0.035 @ VGS = -10 V 0.053 @ VGS = -4.5 V
APPLICATIONS
D Load Switch
TSOP-6 Top View
1 3 mm 6 5
(4) S
(3) G
2
3
4 (1, 2, 5, 6) D
2.85 mm
P-Channel MOSFET
Ordering Information: Si3483DV-T1--E3 (Lead Free)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current Continuous Source Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
5 secs
Steady State
-30 "20
Unit
V
-6.2 -4.9 -25 -1.7 2.0 1.3 -55 to 150
-4.7 -3.7 A
-0.95 1.14 0.73 W _C
THERMAL RESISTANCE RATINGS
Parameter
Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Foot (Drain) Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 72078 S-40238--Rev. B, 16-Feb-04 www.vishay.com t v 5 sec Steady State Steady State
Symbol
RthJA RthJF
Typical
45 90 25
Maximum
62.5 110 30
Unit
_C/W C/W
1
Si3483DV
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Drain Source On State Resistancea Forward Transconductancea Diode Forward Voltagea VGS(th) IGSS IDSS ID(on) rDS( ) DS(on) gfs VSD VDS = VGS, ID = -250 mA VDS = 0 V, VGS = "20 V VDS = -30 V, VGS = 0 V VDS = -30 V, VGS = 0 V, TJ = 85_C VDS v -5 V, VGS = -10 V VGS = -10 V, ID = -6.2 A VGS = -4.5 V, ID = -5.0 A VDS = -15 V, ID = -6.2 A IS = -1.7 A, VGS = 0 V -25 0.028 0.042 14 -0.8 -1.2 0.035 0.053 -1.0 -3 "100 -1 -5 V nA mA A W S V
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd td(on) tr td(off) tf trr IF = -1.7 A, di/dt = 100 A/ms VDD = -15 V, RL = 15 W ID ^ -1 A, VGEN = -10 V, Rg = 6 W VDS = -15 V, VGS = -10 V, ID = -6.2 A 23 3.6 6 10 10 71 45 45 15 15 110 70 70 ns 35 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
25 VGS = 10 thru 5 V 4V 25
Transfer Characteristics
20 I D - Drain Current (A) I D - Drain Current (A)
20
15
15
10 3V 5
10
5
TC = 125_C 25_C -55_C 2.5 3.0 3.5 4.0
0 0 1 2 3 4 5 VDS - Drain-to-Source Voltage (V)
0 0.0
0.5
1.0
1.5
2.0
VGS - Gate-to-Source Voltage (V)
www.vishay.com
2
Document Number: 72078 S-40238--Rev. B, 16-Feb-04
Si3483DV
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Drain Current
0.10 r DS(on) - On-Resistance ( W ) 1600 1400 C - Capacitance (pF) 0.08 1200 1000 800 600 400 200 0.00 0 5 10 15 20 25 0 0 6 12 18 24 30 Crss Coss Ciss
Capacitance
0.06 VGS = 4.5 V 0.04 VGS = 10 V
0.02
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
10 V GS - Gate-to-Source Voltage (V) VDS = 15 V ID = 6.2 A 8 1.6
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 6.2 A 1.4
6
r DS(on) - On-Resistance (W) (Normalized) 10 15 20 25
1.2
4
1.0
2
0.8
0 0 5 Qg - Total Gate Charge (nC)
0.6 -50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
30 0.10
On-Resistance vs. Gate-to-Source Voltage
I S - Source Current (A)
TJ = 150_C 10
r DS(on) - On-Resistance ( W )
0.08 ID = 2 A 0.06 ID = 6.2 A
0.04
TJ = 25_C
0.02
1 0.0
0.00 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 2 4 6 8 10 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V)
Document Number: 72078 S-40238--Rev. B, 16-Feb-04
www.vishay.com
3
Si3483DV
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
0.6 50
Single Pulse Power
0.4 V GS(th) Variance (V) ID = 250 mA Power (W) 0.2
40
30
0.0
20
-0.2
10
-0.4 -50
-25
0
25
50
75
100
125
150
0 10-3
10-2
10-1
1
10
100
600
TJ - Temperature (_C)
Time (sec)
100
Safe Operating Area
rDS(on) Limited IDM Limited
10 I D - Drain Current (A)
P(t) = 0.0001
1
P(t) = 0.001 ID(on) Limited TA = 25_C Single Pulse BVDSS Limited P(t) = 0.01 P(t) = 0.1 P(t) = 1 P(t) = 10 dc
0.1
0.01 0.1 1 10 100 VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Notes: PDM t1
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 90_C/W
t1 t2
Single Pulse 0.01 10-4 10-3 10-2 1 Square Wave Pulse Duration (sec) 10-1
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
www.vishay.com
4
Document Number: 72078 S-40238--Rev. B, 16-Feb-04
Si3483DV
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
Document Number: 72078 S-40238--Rev. B, 16-Feb-04
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SI3483DV-T1-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X