Part Number Hot Search : 
PUMH1 4ALVCH MMBD353 25VF08 MC10E 2SA1535A DT54FC LTC37
Product Description
Full Text Search
 

To Download SI3443DV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 93795B
SI3443DV
HEXFET(R) Power MOSFET
l l l l l
Ultra Low On-Resistance P-Channel MOSFET Surface Mount Available in Tape & Reel -2.5V Rated
D
1
6
A D
VDSS = -20V
D
2 5
D
G
3
4
S
RDS(on) = 0.065
Top View
Description
These P-channel MOSFETs from International Rectifier utilize advanced processing techniques to achieve the extremely low on-resistance per silicon area. This benefit provides the designer with an extremely efficient device for use in battery and load management applications. The TSOP-6 package with its customized leadframe produces a HEXFET(R) power MOSFET with RDS(on) 60% less than a similar size SOT-23. This package is ideal for applications where printed circuit board space is at a premium. It's unique thermal design and RDS(on) reduction enables a current-handling increase of nearly 300% compared to the SOT-23.
TSOP-6
Absolute Maximum Ratings
Parameter
VDS ID @ TA = 25C ID @ TA= 70C IDM PD @TA = 25C PD @TA = 70C EAS VGS TJ, TSTG Drain- Source Voltage Continuous Drain Current, VGS @ -4.5V Continuous Drain Current, VGS @ -4.5V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Single Pulse Avalanche Energy Gate-to-Source Voltage Junction and Storage Temperature Range
Max.
-20 -4.4 -3.5 -20 2.0 1.3 0.016 31 12 -55 to + 150
Units
V A W W/C mJ V C
Thermal Resistance
Parameter
RJA Maximum Junction-to-Ambient
Max.
62.5
Units
C/W
www.irf.com
1
01/13/03
SI3443DV
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Min. -20 --- --- --- --- -0.60 --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. Max. Units Conditions --- --- V VGS = 0V, ID = -250A -0.005 --- V/C Reference to 25C, ID = -1mA 0.034 0.065 VGS = -4.5V, I D = -4.4A 0.053 0.090 VGS = -2.7V, I D = -3.7A 0.060 0.100 VGS = -2.5V, I D = -3.5A --- -1.2 V VDS = VGS, ID = -250A 12 --- S VDS = -10V, ID = -4.4 A --- -1.0 VDS = -20V, VGS = 0V A --- -5.0 VDS = -20V, VGS = 0V, TJ = 70C --- -100 VGS = -12V nA --- 100 VGS = 12V 11 15 ID = -4.4A 2.2 --- nC VDS = -10V 2.9 --- VGS = -4.5V 12 50 VDD = -10V, VGS = -4.5V 33 60 ID = -1.0A ns 70 100 RG = 6.0 72 100 RD = 10 , 1079 --- VGS = 0V 220 --- pF VDS = -10V 152 --- = 1.0MHz
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Min. Typ. Max. Units --- --- --- --- 51 30 -2.0 A -20 -1.2 77 44 V ns nC
Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = -1.7A, VGS = 0V TJ = 25C, I F = -1.7A di/dt = -100A/s
D
S
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Surface mounted on FR-4 board, t 5sec. Starting TJ = 25C, L = 6.8mH
RG = 25, IAS = -3.0A.
Pulse width 300s; duty cycle 2%.
2
www.irf.com
SI3443DV
100
VGS -7.50V -5.00V -4.00V -3.50V -3.00V -2.50V -2.00V BOTTOM -1.50V TOP
100
-I D , Drain-to-Source Current (A)
10
-I D , Drain-to-Source Current (A)
VGS -7.50V -5.00V -4.00V -3.50V -3.00V -2.50V -2.00V BOTTOM -1.50V TOP
10
1
1
-1.50V
-1.50V
20s PULSE WIDTH TJ = 25 C
1 10 100
0.1 0.1
0.1 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
-VDS , Drain-to-Source Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.0
TJ = 25 C
10
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = -5.6A
-I D , Drain-to-Source Current (A)
1.5
TJ = 150 C
1.0
1
0.5
0.1 1.5
V DS = -15V 20s PULSE WIDTH 2.0 2.5 3.0 3.5
0.0 -60 -40 -20
VGS = -4.5V
0 20 40 60 80 100 120 140 160
-VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
SI3443DV
1600
-VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
15
ID = -4.5A
12
C, Capacitance (pF)
1200
Ciss
VDS =-10V
9
800
6
400
Coss Crss
0 1 10 100
3
0 0 4 8 12 16 20 24
-VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
1000
-ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
10
-ID , Drain Current (A) I
100 10us 10 100us 1ms 1 10ms
TJ = 150 C TJ = 25 C
1
0.1 0.0
V GS = 0 V
0.4 0.8 1.2 1.6 2.0 2.4
0.1 0.1
TC = 25 C TJ = 150 C Single Pulse
1 10 100
-VSD ,Source-to-Drain Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
SI3443DV
5.0
EAS , Single Pulse Avalanche Energy (mJ)
80
4.0
ID -1.3A -2.4A BOTTOM -3.0A TOP
-ID , Drain Current (A)
60
3.0
40
2.0
20
1.0
0.0
0 25 50 75 100 125 150
25
50
75
100
125
150
TC , Case Temperature ( C)
Starting TJ , Junction Temperature ( C)
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10. Maximum Avalanche Energy Vs. Drain Current
100 D = 0.50
Thermal Response (Z thJA )
0.20 10 0.10 0.05 0.02 1 0.01 t1 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.0001 0.001 0.01 0.1 1 10 100 t2
PDM
0.1 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
Package Outline
TSOP-6
SI3443DV
Part Marking Information
TSOP-6
@Y6HQG@)AUCDTADTA6IATD"##"9W Q6SUAIVH7@S UPQ X6A@SAGPU IVH7@SA8P9@ 7PUUPH Q6SUAIVH7@SA8P9@AS@A@S@I8@) "6A2ATD"##"9W "7A2ADSA$' "8A2ADSA$'$ "9A2ADSA$'$ "@A2ADSA$'$! "DA2ADSA$'$ "EA2ADSA$'% 96U@A8P9@A@Y6HQG@T) XXA2A(%"A2A%8 XXA2A(%"!A2AAA 96U@ 8P9@
Ir)AUuvAhAhxvtAvshvAhyvrAAqrvprAqprqAirsrA!!%!
XXA2A !%ADAAQS@8@9@9A7AG6TUA9DBDUAPAA86G@I96SA@6S XPSF @6S X@@F X ! 6 !! ! ! 7 !" " " 8 !# # # 9 !$ $ ((% % ((& & ((' ' ((( ( !# Y ! !$ !% a XXA2A!&$!ADAAQS@8@9@9A7A6AG@UU@S XPSF @6S X@@F X ! 6 !& 6 !! 7 !' 7 !" 8 !( 8 !# 9 " 9 !$ @ ((% A ((& B ((' C ((( E ! F $ Y $
Ir)AUuvAhAhxvtAvshvAhyvrAAqrvprAqprqAhsrA!!%!
XA2A !%ADAAQS@8@9@9A7AG6TUA9DBDUAPAA86G@I96SA@6S @6S ! !! !" !# !$ ((% ((& ((' ((( ! ! " # $ % & ' ( XPSF X@@F ! " # X 6 7 8 9
A2A@6S XA2AX@@F Q6SUAIVH7@S
UPQ
GPU 8P9@
!# !$ !%
Y a
Q6SUAIVH7@SA8P9@AS@A@S@I8@) 6A2ATD"##"9W 7A2ADSA$' 8A2ADSA$'$ 9A2ADSA$'$ @A2ADSA$'$! DA2ADSA$'$ EA2ADSA$'% FA2ADSA$' GA2ADSA$'# HA2ADSA$'" IA2ADSA$'!
XA2A!&$!ADAAQS@8@9@9A7A6AG@UU@S @6S ! !! !" !# !$ ((% ((& ((' ((( ! 6 7 8 9 @ A B C E F XPSF X@@F !& !' !( " X 6 7 8 9
$ $
Y
6
www.irf.com
SI3443DV
Tape & Reel Information
TSOP-6
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 01/03
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of SI3443DV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X